Part Number Hot Search : 
ATC504L 2SC2782 4BTDV AMS1505 AT91S BA7757 1N5194 10051
Product Description
Full Text Search
 

To Download AM-RRS3-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AM SUPERHETRODYNE RECEIVERS.
* * * * * * * * * * * *
Compact Hybrid Module. Ceramic Substrate 315 / 433 / 868MHz Available Very High Frequency Stability Receiving Range Up To 100 Metres. CMOS/TTL Compatible Output. Single Supply Voltage 5V. Operates from -25 - +85o C Compatible With R.F. Solutions AM Transmitters. Compliant to ETS300-220 RRQ3 * Sensitivity Typ -107dbm * PLL Synthesizer Front End * Sleep Mode
AM-RRS3-XXX AM-RRQ3-XXX
RRS3 Sensitivity Typ -106dbm Saw Filter Front End.
The R.F. Solutions AM Superheterodyne Receivers are compact modules, which can be used to capture undecoded data from any equivalent AM Transmitter, such as R.F. Solutions AM-RT4 range of transmitters. (See AM Transmitter datasheet). Receivers are manufactured on a ceramic substrate incorporates either a SAW Filter and pre amplifier front end or PLL Synthesizer for maximum sensitivity and reduced EMC emissions. These modules show a very high frequency stability over a wide operating temperature even when subjected to mechanical vibrations or manual handling offering a very cost effective solution. Block diagram
Vcc
Vcc
Input FILTER
MIXER
IF FILTER
AM
DEMODULATOR
COMPARATOR
O/P
GND
RRS3 -LO OSC RRQ3 - PLL Synth
GND
GND
DS017-7
Mar `03
(c)2003 REG No 277 4001, England.
Page 1
AM SUPERHETRODYNE RECEIVERS.
Mechanical Dimensions
38.1mm
AM-RRS3-XXX
4mm
Component Side 1 3 7 11 15
14.5mm
Notes Pins on 0.1" pitch Pin Dims :0.25 x 0.50mm
1mm 2.54mm
Pin Descriptions
RRS3 Pin No 1 2 3 7 11 12 13 14 15 Pin Name +Vcc GND DATA IN (Antenna) GND GND NC NC DATA OUT +VCC Pin No 1 2 3 7 11 12 13 14 15 RRQ3 Pin Name +Vcc GND DATA IN (Antenna) GND GND NC RSSI (output) DATA OUT PD (Power Down input) 0 = Standby Mode (Istandby100nA max) 5V = Normal Operation
Electrical Characteristics (Applies to all variants below)
Ambient temperature = 25oC.
Electrical Characteristics
Supply Voltage (Vcc) Supply Current Receiver Frequency 315MHz variants Receiver Frequency 433MHz variants Receiver Frequency 868MHz variants Low Level Output Voltage High Level Output Voltage Operating Temperature Range
Min
4.5
Typical
5 5 315 433.92 868.35
Max
5.5 6
Dimension
V mA MHz MHz MHz V V o C
0.8 Vcc-1 -25 +80
AM-RRS3 Electrical Characteristics Electrical Characteristics
R.F Sensitivity (100% AM) 3dB Bandwidth Max Data Rate Turn on Time (Power on to Data valid) Level of Emitted Spectrum
Min
Typical
-106 +/-400
Max
4.8 20 -65
Dimension
dBm KHz KHz mSecs dBm
-70
AM-RRQ3 Electrical Characteristics Electrical Characteristics
R.F Sensitivity (100% AM) 3dB Bandwidth Max Data Rate Level of Emitted Spectrum
Min
Typical
-107 +/-200
Max
4.8 -70
Dimension
dBm KHz KHz dBm
DS017-7
Mar `03
(c)2003 REG No 277 4001, England.
Page 2
AM SUPERHETRODYNE RECEIVERS.
Application Circuit
AM-RRS3-XXX
Vcc
1K
13 14 4
15K
RF Receiver
12 3 7 11 15
L Status LED Option Link M
12
17 Sleep Vcc Vcc OP1
LKIN
O/P 1 O/P 2 O/P 3 O/P 4 Transmitter Low Battery Serial Data Output
18
OP2 1 OP3 OP4
2 3
11
10
LRN
RF600D
LB
1K Learn Switch
9
IN ECLK SD1
7
GND 5
22K
Part numbering AM-RRS3-315 AM-RRS3-418 AM-RRS3-433 AM-RRQ3-315 AM-RRQ3-433 AM-RRQ3-868
Receiver Module 315MHz Receiver Module 418MHz Receiver Module 433MHz Receiver Module 315MHz Receiver Module 433MHz Receiver Module 868MHz
Should you require further assistance, please call;
R. F. Solutions Ltd., Unit 21, Cliffe Industrial Estate, South Street, Lewes, E Sussex, BN8 6JL. England. Tel +44 (0)1273 898 000. Fax +44 (0)1273 480 661. Email sales@rfsolutions.co.uk http://www.rfsolutions.co.uk
RF Solutions is a member of the Low Power Radio Association.
Information contained in this document is believed to be accurate , however no representation or warranty is given and no liability is assumed by R.F. Solutions Ltd. with respect to the accuracy of such information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.
DS017-7
Mar `03
(c)2003 REG No 277 4001, England.
Page 3


▲Up To Search▲   

 
Price & Availability of AM-RRS3-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X