Part Number Hot Search : 
0512S VT83201 1N4937G TSSP4400 CA3493 6047741 SMDA05 A2W005G
Product Description
Full Text Search
 

To Download AL-513IR-850-35C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 5 mm
AL-513IR-850-35C
Round
Diff No.002 TypeLED Lamps
Package Dimension:
Notes: 1. All dimensions are in millimeter. 2.An epoxy meniscus may extend about. 1.5mm(0.059") down to the lead 3.Tolerances unless Dimension 0.25mm
Features
Choice of various viewing angles. Available on Tape and Reel. Reliable and robust.
Descriptions
The series is specially designed for application requiring higher brightness. The LED lamps are available with different color, intensities, epoxy colors etc.
Applications
TV set Monitor Telephone
1
2006/9/28
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 5 mm
AL-513IR-850-35C
Round
Diff No.002 TypeLED Lamps
Lens Color
Water Clear
LED Parts P/N.
AL-513IR-850-35C
Chip Material Emitted Color
GaAlAs Infrared
Absolute Maximum Ratings at Ta=25
Parameter Continuous Forward Current Operating Temperature Storage Temperature Soldering Temperature Power Dissipation Peak Forward Current Duty 1/10@1KHz Reverse Voltage Symbol IF Topr Tstg Tsol PD IFPeak VR Rating 50 -30~+85 -30~+100 2605 110 200 5.0 Unit mA mW mA V
Electronic Optical Characteristics :
Parameter Radiated Output Power Viewing Angle Peak Wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current Symbol PO 21/2 p VF IR Min. Typ. 43 35 850 30 1.5 Max. 1.8 10 Unit Condition mW/sr IF=50mA deg nm nm V A IF=50mA IF=50mA IF=50mA IF=50mA VR=5V
2
2006/9/28
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 5 mm
AL-513IR-850-35C
Round
Diff No.002 TypeLED Lamps
Reliability test items and conditions :
The reliability of products shall be satisfied with items listed below. Confidence level: 90% LTPD: 10% Test Sample NO ITEM Test Conditions Ac/Re hours/cycle Q'ty 1 Solder Heat Temp2605 H+100 15min 2 Temperature Cycle 5min 50 cycles 22 pcs 0/1 5 sec 22 pcs 0/1
L-40 15min H+100 15min 3 Thermal Shock 10sec 50 cycles 22 pcs 0/1
L-10 15min 4 5 6 7 High Temperature Storage Low Temperature Storage DC Operating Life High Temperature High Humidity Temp100 Temp-40 IF=20mA 8585%RH 1000 hrs 1000 hrs 1000 hrs 1000 hrs 22 pcs 22 pcs 22 pcs 22 pcs 0/1 0/1 0/1 0/1
3
2006/9/28
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 5 mm
AL-513IR-850-35C
Round
Diff No.002 TypeLED Lamps
4
2006/9/28
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 5 mm
AL-513IR-850-35C
Round
Diff No.002 TypeLED Lamps
5
2006/9/28


▲Up To Search▲   

 
Price & Availability of AL-513IR-850-35C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X