Part Number Hot Search : 
C182M 106D1 ZPD82 W25X4 T100A OPC11MED BZX55C13 PHT1N60R
Product Description
Full Text Search
 

To Download AL-314IR-940-25C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm AL-314IR-940-25C Infrared Diff No. 002 Type : LED Lamps
Package Dimension
Notes: 1. All dimensions are in millimeter. 2.An epoxy meniscus may extend about. 1. 5mm(0.059") down to the lead 3.Tolerances unless Dimension 0.25mm
Features Choice of various viewing angle. Available on Tape and Reel. Reliable and robust.
Descriptions The series is specially designed for application requiring higher brightness. The LED lamps are available with different colors, intensity, epoxy colors etc.
Applications TV set Monitor Telephone
1
2006/9/28
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm
PART NO. AL-314IR-940-25C
AL-314IR-940-25C Infrared
Chip Material GaAlAs/GaAs
Diff No. 002 Type : LED Lamps
Lens Color Water Clear
Emitted Color Infrared
Absolute Maximum Ratings at Ta=25
Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Electrostatic Discharge Power Dissipation Peak Forward Current (Duty 1/10@1KHz) Reverse Voltage Symbol IF Topr Tstg Tsol ESD PD IF (Peak) VR Rating 50 -40 to +85 -40 to +85 260 5 1000 110 200 5 Unit mA V mW mA V
Electronic Optical Characteristics
Parameter Radiated Output Power Viewing Angle Peak Wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current Symbol PO 21/2 p VF IR Min. Typ. 55 25 940 30 1.3 Max. 1.45 10 Unit mW/sr deg nm nm V A Condition IF=50mA IF=50mA IF=50mA IF=50mA IF=50mA VR=5V
2
2006/9/28
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm AL-314IR-940-25C Infrared Diff No. 002 Type : LED Lamps
Test Sample Size Ac/Re Hours/Cycle 5 SEC 76 PCS 0/1
Reliability test items and conditions
NO Item Test Conditions TEMP260 5 H+85 2 Temperature Cycle 30min 50 CYCLES 76 PCS 0/1
1
Solder Heat
5min L-55 30min H+100 5min
3
Thermal Shock
10set L-10 5min
50 CYCLES
76 PCS
0/1
4
High Temperature Storage
TEMP100
1000 HRS
76 PCS
0/1
5
Low Temperature Storage
TEMP-55 TEMP25 IF=20mA 85 / 85%RH
1000 HRS
76 PCS
0/1
6
DC Operating Life High Temperature / High Humidity
1000 HRS
76 PCS
0/1
7
1000 HRS
76 PCS
0/1
3
2006/9/28
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm AL-314IR-940-25C Infrared Diff No. 002 Type : LED Lamps
4
2006/9/28
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm AL-314IR-940-25C Infrared Diff No. 002 Type : LED Lamps
5
2006/9/28


▲Up To Search▲   

 
Price & Availability of AL-314IR-940-25C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X