|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. Part No. 3 mm AL-314IR-850-25C Infrared Diff No. 002 Type : LED Lamps Package Dimension Notes: 1. All dimensions are in millimeter. 2.An epoxy meniscus may extend about. 1. 5mm(0.059") down to the lead 3.Tolerances unless Dimension 0.25mm Features Choice of various viewing angle. Available on Tape and Reel. Reliable and robust. Descriptions The series is specially designed for application requiring higher brightness. The LED lamps are available with different colors, intensity, epoxy colors etc. Applications TV set Monitor Telephone 1 2006/9/28 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. Part No. 3 mm PART NO. AL-314IR-850-25C AL-314IR-850-25C Infrared Chip Material GaAlAs Diff No. 002 Type : LED Lamps Lens Color Water Clear Emitted Color Infrared Absolute Maximum Ratings at Ta=25 Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Power Dissipation Peak Forward Current (Duty 1/10@1KHz) Reverse Voltage Symbol IF Topr Tstg Tsol PD IF (Peak) VR Rating 50 -40 to +85 -40 to +85 260 5 110 200 5 Unit mA mW mA V Electronic Optical Characteristics Parameter Radiated Output Power Viewing Angle Peak Wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current Symbol PO 21/2 p VF IR Min. Typ. 45 25 850 30 1.5 Max. 1.8 10 Unit mW/sr deg nm nm V A Condition IF=50mA IF=50mA IF=50mA IF=50mA IF=50mA VR=5V 2 2006/9/28 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. Part No. 3 mm AL-314IR-850-25C Infrared Diff No. 002 Type : LED Lamps Test Sample Size Ac/Re Hours/Cycle 5 SEC 76 PCS 0/1 Reliability test items and conditions NO Item Test Conditions TEMP260 5 H+85 2 Temperature Cycle 30min 50 CYCLES 76 PCS 0/1 1 Solder Heat 5min L-55 30min H+100 5min 3 Thermal Shock 10set L-10 5min 50 CYCLES 76 PCS 0/1 4 High Temperature Storage TEMP100 1000 HRS 76 PCS 0/1 5 Low Temperature Storage TEMP-55 TEMP25 IF=20mA 85 / 85%RH 1000 HRS 76 PCS 0/1 6 DC Operating Life High Temperature / High Humidity 1000 HRS 76 PCS 0/1 7 1000 HRS 76 PCS 0/1 3 2006/9/28 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. Part No. 3 mm AL-314IR-850-25C Infrared Diff No. 002 Type : LED Lamps 4 2006/9/28 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD. Part No. 3 mm AL-314IR-850-25C Infrared Diff No. 002 Type : LED Lamps 5 2006/9/28 |
Price & Availability of AL-314IR-850-25C |