Part Number Hot Search : 
2SB1420 1FM44 LT1033CP 128K8 LC96P STD83 PEB20954 MCDK21
Product Description
Full Text Search
 

To Download AL-314B2C-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm AL-314B2C-A Round Diff No. Type : LED Lamps
Package Dimension
Notes: 1. All dimensions are in millimeter. 2.An epoxy meniscus may extend about. 1. 5mm(0.059") down to the lead 3.Tolerances unless Dimension 0.25mm
Features Choice of various viewing angle. Available on Tape and Reel. Reliable and robust.
Descriptions The series is specially designed for application requiring higher brightness. The LED lamps are available with different colors, intensity, epoxy colors etc.
1
Applications TV set Monitor Telephone
2006/9/16
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm
PART NO. AL-314B2C-A
AL-314B2C-A Round
Chip Material InGaN
Diff No. Type : LED Lamps
Emitted Color Blue Lens Color Water Clear
Absolute Maximum Ratings at Ta=25
Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Electrostatic Discharge Power Dissipation Peak Forward Current (Duty 1/10@1KHz) Reverse Voltage Symbol IF Topr Tstg Tsol ESD PD IF (Peak) VR Rating 30 -40 to +85 -40 to +85 260 5 1000 120 100 5 Unit mA V mW mA V
Electronic Optical Characteristics
Parameter Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Forward Voltage Reverse Current Symbol IV 21/2 p d VF IR Min. 800 Typ. 1000 30 475 470 30 3.5 Max. 4.0 50 Unit mcd deg nm nm nm V A Condition IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA VR=5V
2
2006/9/16
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm AL-314B2C-A Round Diff No. Type : LED Lamps
Reliability test items and conditions
NO Item Test Conditions TEMP260 5 H+85 2 Temperature Cycle 30min 50 CYCLES 76 PCS 0/1 Test Sample Size Ac/Re Hours/Cycle 5 SEC 76 PCS 0/1
1
Solder Heat
5min L-55 30min H+100 5min 10set L-10 5min TEMP100 TEMP-55 TEMP25 IF=20mA 85 / 85%RH
3
Thermal Shock High Temperature Storage Low Temperature Storage
50 CYCLES
76 PCS
0/1
4 5
1000 HRS 1000 HRS
76 PCS 76 PCS
0/1 0/1
6
DC Operating Life High Temperature / High Humidity
1000 HRS
76 PCS
0/1
7
1000 HRS
76 PCS
0/1
3
2006/9/16
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm AL-314B2C-A Round Diff No. Type : LED Lamps
4
2006/9/16
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3 mm AL-314B2C-A Round Diff No. Type : LED Lamps
5
2006/9/16


▲Up To Search▲   

 
Price & Availability of AL-314B2C-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X