Part Number Hot Search : 
AQV202 MPS3827C 936913 HC4040 SDR623CT HCS0903U 64000 1N400
Product Description
Full Text Search
 

To Download AD7400A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Technical Data
FEATURES
10 MHz clock rate Second-order modulator 16 bits no missing codes 2 LSB INL typical at 16 bits 3.5 V/C maximum offset drift On-board digital isolator On-board reference Low power operation: 18 mA maximum at 5.25 V -40C to +125C operating range 16-lead SOIC, 8-lead gull-wing surface mount DIP packages AD7401A, external clock version Safety and regulatory approvals UL recognition 3750 V rms for 1 minute per UL 1577 CSA Component Acceptance Notice #5A VDE Certificate of Conformity DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01 DIN EN 60950 (VDE 0805): 2001-12; EN 60950: 2000 VIORM = 891 V peak
Isolated Sigma-Delta Modulator AD7400A
GENERAL DESCRIPTION
The AD7400A1 is a second-order, - modulator that converts an analog input signal into a high speed, 1-bit data stream with on-chip digital isolation based on Analog Devices, Inc. iCoupler(R) technology. The AD7400A operates from a 5 V power supply and accepts a differential input signal of 200 mV (320 mV full scale). The analog input is continuously sampled by the analog modulator, eliminating the need for external sample-and-hold circuitry. The input information is contained in the output stream as a density of ones with a data rate of 10 MHz. The original information can be reconstructed with an appropriate digital filter. The serial I/O can use a 5 V or a 3 V supply (VDD2). The serial interface is digitally isolated. High speed CMOS, combined with monolithic air core transformer technology, means the on-chip isolation provides outstanding performance characteristics superior to alternatives such as optocoupler devices. The part contains an on-chip reference. The AD7400A is offered in a 16-lead SOIC and 8-lead gull-wing surface mount DIP and has an operating temperature range of -40C to +125C.
APPLICATIONS
AC motor controls Data acquisition systems A/D + opto-isolator replacements
FUNCTIONAL BLOCK DIAGRAM
VDD1 VDD2
AD7400A
VIN+ VIN-
T/H
- ADC UPDATE WATCHDOG
BUF
ENCODE
DECODE
MDAT
REF
CONTROL LOGIC
UPDATE
WATCHDOG
ENCODE
DECODE
MCLKOUT
GND1
GND2
Figure 1.
1
Protected by U.S. Patents 5,952,849; 6,873,065; and 7,075,329. Other patents pending.
Rev. PrA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.461.3113 (c)2008 Analog Devices, Inc. All rights reserved.
04718-001
AD7400A TABLE OF CONTENTS
Features .............................................................................................. 1 Applications....................................................................................... 1 General Description ......................................................................... 1 Functional Block Diagram .............................................................. 1 Revision History ............................................................................... 2 Specifications..................................................................................... 3 Timing Specifications .................................................................. 4 Insulation and Safety-Related Specifications............................ 5 Regulatory Information............................................................... 5 DIN EN 60747-5-2 (VDE 0884 Part 2) Insulation Characteristics .............................................................................. 6 Absolute Maximum Ratings............................................................ 7 ESD Caution.................................................................................. 7 Pin Configuration and Function Descriptions............................. 8
Preliminary Technical Data
Typical Performance Characteristics ..............................................9 Terminology .................................................................................... 12 Theory of Operation ...................................................................... 13 Circuit Information.................................................................... 13 Analog Input ............................................................................... 13 Differential Inputs ...................................................................... 14 Digital Filter ................................................................................ 14 Application Information................................................................ 17 Grounding and Layout .............................................................. 17 Evaluating the AD7400A Performance ................................... 17 Insulation Lifetime ..................................................................... 17 Outline Dimensions ....................................................................... 18 Ordering Guide ....................... Error! Bookmark not defined.
REVISION HISTORY
Rev. PrA | Page 2 of 19
Preliminary Technical Data SPECIFICATIONS
VDD1 = 4.5 V to 5.25 V, VDD2 = 3 V to 5.5 V, VIN+ = -200V to +200mV, and VIN- = 0 V (single-ended); TA = TMIN to TMAX, fMCLK = 10 MHz, tested with Sinc3 filter, 256 decimation rate, as defined by Verilog code, unless otherwise noted.1 Table 1.
Parameter STATIC PERFORMANCE Resolution Integral Nonlinearity3 Differential Nonlinearity3 Offset Error3 Offset Drift vs. Temperature3 Offset Drift vs. VDD1 Gain Error3 Gain Error Drift vs. Temperature3 Gain Error Drift vs. VDD13 ANALOG INPUT Input Voltage Range Dynamic Input Current Input Capacitance DYNAMIC SPECIFICATIONS Signal-to-(Noise + Distortion) Ratio (SINAD)3 Y Version1, 2 16 15 25 0.9 0.5 50 3.5 1 120 1 23 110 200 7 0.5 10 70 65 79 71 -88 -88 11.5 25 30 VDD2 - 0.1 0.4 4.5/5.25 3/5.5 12 6 4 Unit Bits min LSB max LSB max LSB max mV max V typ V/C max V/C typ V/V typ mV max V/C typ V/V typ mV min/mV max A max A typ pF typ dB min dB min dB typ dB min dB typ dB typ Bits kV/s min kV/s typ V min V max V min/V max V min/V max mA max mA max mA max Test Conditions/Comments
AD7400A
Filter output truncated to 16 bits -40C to +85C; 2 LSB typical >85C to 105C Guaranteed no missing codes to 16 bits TA = 25C -40C to +105C
-40C to +105C
For specified performance; full range 320 mV VIN+ = 400 mV, VIN- = 0 V VIN+ = VIN- = 0 V VIN+ = 35 Hz, 400 mV p-p sine -40C to +85C >85C to 105C -40C to +105C
Signal-to-Noise Ratio (SNR)3 Total Harmonic Distortion (THD)3 Peak Harmonic or Spurious Noise (SFDR)3 Effective Number of Bits (ENOB)3 Isolation Transient Immunity3 LOGIC OUTPUTS Output High Voltage, VOH Output Low Voltage, VOL POWER REQUIREMENTS VDD1 VDD2 IDD14 IDD25
IO = -200 A IO = +200 A
VDD1 = 5.25 V VDD2 = 5.5 V VDD2 = 3.3 V
1 2 3
Temperature range is -40C to +125C except where specified. All voltages are relative to their respective ground. See the Terminology section. 4 See Figure 15. 5 See Figure 16.
Rev. PrA | Page 3 of 19
AD7400A
TIMING SPECIFICATIONS
VDD1 = 4.5 V to 5.25 V, VDD2 = 3 V to 5.5 V, TA = TMAX to TMIN, unless otherwise noted.1 Table 2.
Parameter fMCLKOUT2 t13 t23 t3 t4
1 2
Preliminary Technical Data
Limit at TMIN, TMAX 10 9/11 40 10 0.4 x tMCLKOUT 0.4 x tMCLKOUT
Unit MHz typ MHz min/MHz max ns max ns min ns min ns min
Description Master clock output frequency Master clock output frequency Data access time after MCLK rising edge Data hold time after MCLK rising edge Master clock low time Master clock high time
Sample tested during initial release to ensure compliance. Mark space ratio for clock output is 40/60 to 60/40. 3 Measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.0 V.
200A
IOL
TO OUTPUT PIN
+1.6V CL 25pF 200A IOH
04718-002
Figure 2. Load Circuit for Digital Output Timing Specifications
t4
MCLKOUT
04718-003
t1
MDAT
t2
t3
Figure 3. Data Timing
Rev. PrA | Page 4 of 19
Preliminary Technical Data
INSULATION AND SAFETY-RELATED SPECIFICATIONS
Table 3.
Parameter Input-to-Output Withstand Momentary Withstand Voltage Minimum External Air Gap (Clearance) Minimum External Tracking (Creepage) Minimum Internal Gap (Internal Clearance) Tracking Resistance (Comparative Tracking Index) Isolation Group Symbol VISO L(I01) L(I02) Value 3750 min 7.46 min 8.1 min 0.017 min >175 IIIa Unit V mm mm mm V
AD7400A
CTI
Conditions 1-minute duration Measured from input terminals to output terminals, shortest distance through air Measured from input terminals to output terminals, shortest distance path along body Insulation distance through insulation DIN IEC 112/VDE 0303 Part 1 Material group (DIN VDE 0110, 1/89, Table 1)
REGULATORY INFORMATION
Table 4.
UL1 Recognized Under 1577 Component Recognition Program1 3750 V rms Isolation Voltage CSA Approved under CSA Component Acceptance Notice #5A Reinforced insulation per CSA 60950-1-03 and IEC 60950-1, 630 Vrms maximum working voltage File 205078 VDE2 Certified according to DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-012 Basic insulation, 891 V peak Complies with DIN EN 60747-5-2 (VDE 0884 Part 2): 2003-01, DIN EN 60950 (VDE 0805): 2001-12; EN 60950: 2000 Reinforced insulation, 891 V peak File 2471900-4880-0001
File E214100
1 2
In accordance with UL 1577, each AD7400A is proof tested by applying an insulation test voltage 4500 V rms for 1 second (current leakage detection limit = 7.5 A). In accordance with DIN EN 60747-5-2, each AD7400A is proof tested by applying an insulation test voltage 1671 V peak for 1 second (partial discharge detection limit = 5 pC).
Rev. PrA | Page 5 of 19
AD7400A
DIN EN 60747-5-2 (VDE 0884 PART 2) INSULATION CHARACTERISTICS
Preliminary Technical Data
This isolator is suitable for basic electrical isolation only within the safety limit data. Maintenance of the safety data is ensured by means of protective circuits. Table 5.
Description INSTALLATION CLASSIFICATION PER DIN VDE 0110 For Rated Mains Voltage 300 V rms For Rated Mains Voltage 450 V rms For Rated Mains Voltage 600 V rms CLIMATIC CLASSIFICATION POLLUTION DEGREE (DIN VDE 0110, Table 1) MAXIMUM WORKING INSULATION VOLTAGE INPUT-TO-OUTPUT TEST VOLTAGE, METHOD B1 VIORM x 1.875 = VPR, 100% Production Test, tm = 1 sec, Partial Discharge < 5 pC INPUT-TO-OUTPUT TEST VOLTAGE, METHOD A After Environmental Test Subgroup 1 VIORM x 1.6 = VPR, tm = 60 sec, Partial Discharge < 5 pC After Input and/or Safety Test Subgroup 2/3 VIORM x 1.2 = VPR, tm = 60 sec, Partial Discharge < 5 pC HIGHEST ALLOWABLE OVERVOLTAGE (TRANSIENT OVERVOLTAGE, tTR = 10 sec) SAFETY-LIMITING VALUES (MAXIMUM VALUE ALLOWED IN THE EVENT OF A FAILURE, ALSO SEE Figure 4) Case Temperature Side 1 Current Side 2 Current INSULATION RESISTANCE AT TS, VIO = 500 V
350 300
Symbol
Characteristic I-IV I-II I-II 40/105/21 2 891 1671 1426 1069
Unit
VIORM VPR VPR
V peak V peak V peak V peak V peak C mA mA
VTR TS IS1 IS2 RS
6000 150 265 335 >109
SAFETY-LIMITING CURRENT (mA)
250 SIDE #2 200 150 SIDE #1 100 50 0
0
50
100 150 CASE TEMPERATURE (C)
200
Figure 4. Thermal Derating Curve, Dependence of Safety-Limiting Values with Case Temperature per DIN EN 60747-5-2
Rev. PrA | Page 6 of 19
04718-026
Preliminary Technical Data ABSOLUTE MAXIMUM RATINGS
TA = 25C, unless otherwise noted. All voltages are relative to their respective ground. Table 6.
Parameter VDD1 to GND1 VDD2 to GND2 Analog Input Voltage to GND1 Output Voltage to GND2 Input Current to Any Pin Except Supplies1 Operating Temperature Range Storage Temperature Range Junction Temperature SOIC Package JA Thermal Impedance JC Thermal Impedance Resistance (Input-to-Output), RI-O Capacitance (Input-to-Output), CI-O2 Pb-Free Temperature, Soldering Reflow ESD
1 2
AD7400A
Rating -0.3 V to +6.5 V -0.3 V to +6.5 V -0.3 V to VDD1 + 0.3 V -0.3 V to VDD2 + 0.3 V 10 mA -40C to +125C -65C to +150C 150C 89.2C/W 55.6C/W 1012 1.7 pF typ 260 (+0)C 1.5 kV
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Table 7. Maximum Continuous Working Voltage1
Parameter AC Voltage, Bipolar Waveform AC Voltage, Unipolar Waveform DC Voltage
1
Max 565 891 891
Unit VPK VPK V
Constraint 50-year minimum lifetime Maximum CSA/VDE approved working voltage Maximum CSA/VDE approved working voltage
Refers to continuous voltage magnitude imposed across the isolation barrier. See the Insulation Lifetime section for more details.
Transient currents of up to 100 mA do not cause SCR to latch up. f = 1 MHz.
ESD CAUTION
Rev. PrA | Page 7 of 19
AD7400A PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
VDD1 1 VIN+ 2 VIN- 3 NC 5 NC 6 VDD1 7 GND1 8
16 GND2
Preliminary Technical Data
VDD1 VIN+ VINGND1
1 2 3 4
8
AD7400A
15 NC
AD7400A
VDD2 MCLKIN
7
TOP VIEW 14 VDD2 (Not to Scale) 13 MCLKOUT NC 4
12 NC 11 MDAT 10 NC 9
TOP VIEW 6 MDAT (Not to Scale) 5 GND2
NC = NO CONNECT
Figure 6 Pin Configuration (NS-8)
GND2
NC = NO CONNECT
Figure 5. Pin Configuration (RW-16)
Table 8. Pin Function Descriptions
Mnemonic VDD1 VIN+ VIN- NC GND1 GND2 MDAT Description Supply Voltage, 4.5 V to 5.25 V. This is the supply voltage for the isolated side of the AD7400A and is relative to GND1. Positive Analog Input. Specified range of 200 mV. Negative Analog Input. Normally connected to GND1. No Connect. Ground 1. This is the ground reference point for all circuitry on the isolated side. Ground 2. This is the ground reference point for all circuitry on the nonisolated side. Serial Data Output. The single bit modulator output is supplied to this pin as a serial data stream. The bits are clocked out on the rising edge of the MCLKOUT output and valid on the following MCLKOUT rising edge. Master Clock Logic Output. 10 MHz typical. The bit stream from the modulator is valid on the rising edge of MCLKOUT. Supply Voltage. 3 V to 5.5 V. This is the supply voltage for the nonisolated side and is relative to GND2.
MCLKOUT VDD2
04718-004
Rev. PrA | Page 8 of 19
Preliminary Technical Data TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25C, using 20 kHz brickwall filter, unless otherwise noted.
100 90 80 70 200mV p-p SINEWAVE ON VDD1 NO DECOUPLING VDD1 = VDD2 = 4.5V TO 5.25V
-90 -80 -70 -60
AD7400A
VDD1 = VDD2 = 5V
PSRR (dB)
SINAD (dB)
60 50 40 30
-50 -40 -30 -20
20 10 0 0 100 200 300 400 500 600 700 800 900
04718-005
04718-008
-10 0 0.195
1000
0.215
0.235
0.255
0.275
0.295
0.315
SUPPLY RIPPLE FREQUENCY (kHz)
INPUT AMPLITUDE (V)
Figure 7. PSRR vs. Supply Ripple Frequency Without Supply Decoupling (1 MHz Filter Used)
-90 -80 -70 -60 0.5 0.4 0.3
Figure 10. SINAD vs. VIN
VIN+ = -200mV TO +200mV VIN- = 0V
DNL ERROR (LSB)
VDD1 = VDD2 = 4.5V
0.2 0.1 0 -0.1 -0.2
SINAD (dB)
-50 -40 VDD1 = VDD2 = 5.25V -30 -20
04718-006
VDD1 = VDD2 = 5V
0
-0.4
0
500
1000
1500
2000
2500
3000
3500
4000
0
10000
20000
30000 CODE
40000
50000
60000
INPUT FREQUENCY (Hz)
Figure 8. SINAD vs. Analog Input Frequency for Various Supply Voltages
0 -20 -40 -60 -80
dB
0.8
Figure 11. Typical DNL, 200 mV Range (Using Sinc3 Filter, 256 Decimation Rate)
VIN+ = -200mV TO +200mV VIN- = 0V
8192 POINT FFT fIN = 35Hz SINAD = 79.6991dB THD = -92.6722dB DECIMATION BY 256 INL ERROR (LSB)
0.6 0.4 0.2 0 -0.2 -0.4 -0.6
-100 -120 -140
04718-007
-180
0
2
4
6
8 10 12 14 FREQUENCY (kHz)
16
18
20
0
10000
20000
30000 CODE
40000
50000
60000
Figure 9. Typical FFT, 200 mV Range (Using Sinc3 Filter, 256 Decimation Rate)
Figure 12. Typical INL, 200 mV Range (Using Sinc3 Filter, 256 Decimation Rate)
Rev. PrA | Page 9 of 19
04718-010
-160
04718-009
-10
-0.3
AD7400A
100 VDD1 = VDD2 = 4.5V
Preliminary Technical Data
0.0036
IDD2 @ +25C
0.0035
VDD1 = VDD2 = 5V
50
IDD2 @ +85C
0
0.0034
OFFSET (V)
-50
IDD2 (A)
VDD1 = VDD2 = 5V
0.0033
IDD2 @ -40C
-100 VDD1 = VDD2 = 5.25V
04718-011
0.0032
-150
0.0031
04718-014
0.02
0.06
0.10
0.14
0.18
0.22
0.26
0.30
-0.34
-0.30
-0.26
-0.22
-0.18
-0.14
-0.10
-0.06
TEMPERATURE (C)
VIN DC INPUT VOLTAGE (V)
Figure 13. Offset Drift vs. Temperature for Various Supply Voltages
0.20 0.15 0.10 0.05
GAIN (%)
Figure 16. IDD2 vs. VIN at Various Temperatures
9 VDD1 = VDD2 = 4.5V TO 5.25V 6
VDD1 = VDD2 = 4.5V
IIN (A)
3
VDD1 = VDD2 = 5V
0 -0.05 -0.10
04718-012
0
-3
0.05
0.10
0.15
0.20
0.25
0.30
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
TEMPERATURE (C)
VIN+ DC INPUT (V)
Figure 14 . Gain Error Drift vs. Temperature for Various Supply Voltages
0.0099 0.0098 0.0097 0.0096 0.0095 TA = +85C VDD1 = VDD2 = 5V
0 -10
Figure 17. IIN vs. VIN+ DC Input
TA = +25C
-20 -30
IDD1 (A)
0.0094 0.0093 0.0092 0.0091 0.0090 0.0089
04718-013
TA = -40C
CMRR (dB)
-40 -50 -60 -70 -80 -90 -100 0.1 1 10 100 1000
04718-016
0.02
0.06
0.10
0.14
0.18
0.22
0.26
0.30
-0.34
-0.30
-0.26
-0.22
-0.18
-0.14
-0.10
-0.06
-0.02
0.34
-0.05
10000
VIN DC INPUT VOLTAGE (V)
RIPPLE FREQUENCY (kHz)
Figure 15. IDD1 vs. VIN at Various Temperatures
Figure 18. CMRR vs. Common-Mode Ripple Frequency
Rev. PrA | Page 10 of 19
0.35
-0.20 -45 -35 -25 -15 -5
5
15 25 35 45 55 65 75 85 95 105
-9
0
04718-015
-0.15
VDD1 = VDD2 = 5.25V
-6
-0.02
0.34
-200 -45 -35 -25 -15 -5
5 15 25 35 45 55 65 75 85 95 105
0.0030
Preliminary Technical Data
1.0 BANDWIDTH = 100kHz 0.8
AD7400A
11.0 10.8 10.6 10.4 VDD1 = VDD2 = 4.5V
NOISE (mV)
0.6
MCLKOUT (MHz)
10.2 10.0 9.8 9.6
0.4
VDD1 = VDD2 = 5.25V VDD1 = VDD2 = 5V
04718-024
0.2
04718-017
9.4 9.2
0
0.05
0.10
0.15
0.20
0.25
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.30
0
-5
5
15
25
35
45
55
65
75
85
-45
-35
-25
-15
95
TEMPERATURE (C)
VIN DC INPUT (V)
Figure 19. RMS Noise Voltage vs. VIN DC Input
Figure 20. MCLKOUT vs. Temperature for Various Supplies
Rev. PrA | Page 11 of 19
105
9.0
AD7400A TERMINOLOGY
Differential Nonlinearity Differential nonlinearity is the difference between the measured and the ideal 1 LSB change between any two adjacent codes in the ADC. Integral Nonlinearity Integral nonlinearity is the maximum deviation from a straight line passing through the endpoints of the ADC transfer function. The endpoints of the transfer function are specified negative full scale, -200 mV (VIN+ - VIN-), Code 12,288 for the 16-bit level, and specified positive full scale, +200 mV (VIN+ - VIN-), Code 53,248 for the 16-bit level. Offset Error Offset is the deviation of the midscale code (Code 32,768 for the 16-bit level) from the ideal VIN+ - VIN- (that is, 0 V). Gain Error This includes both positive full-scale gain error and negative full-scale gain error. Positive full-scale gain error is the deviation of the specified positive full-scale code (53,248 for the 16-bit level) from the ideal VIN+ - VIN- (+200 mV) after the offset error is adjusted out. Negative full-scale gain error is the deviation of the specified negative full-scale code (12,288 for the 16-bit level) from the ideal VIN+ - VIN- (-200 mV) after the offset error is adjusted out. Gain error includes reference error. Signal-to-(Noise + Distortion) Ratio (SINAD) This ratio is the measured ratio of signal-to-(noise + distortion) at the output of the ADC. The signal is the rms amplitude of the fundamental. Noise is the sum of all nonfundamental signals up to half the sampling frequency (fS/2), excluding dc. The ratio is dependent on the number of quantization levels in the digitization process; the more levels, the smaller the quantization noise. The theoretical signal-to-(noise + distortion) ratio for an ideal N-bit converter with a sine wave input is given by Signal-to-(Noise + Distortion) = (6.02N + 1.76) dB Therefore, for a 12-bit converter, this is 74 dB. Effective Number of Bits (ENOB) The ENOB is defined by ENOB = (SINAD - 1.76)/6.02
Preliminary Technical Data
Total Harmonic Distortion (THD) THD is the ratio of the rms sum of harmonics to the fundamental. For the AD7400A, it is defined as
THD(dB) = 20 log V2 2 + V3 2 + V4 2 + V5 2 + V6 2 V1
where: V1 is the rms amplitude of the fundamental. V2, V3, V4, V5, and V6 are the rms amplitudes of the second through the sixth harmonics. Peak Harmonic or Spurious Noise Peak harmonic or spurious noise is defined as the ratio of the rms value of the next largest component in the ADC output spectrum (up to fS/2, excluding dc) to the rms value of the fundamental. Normally, the value of this specification is determined by the largest harmonic in the spectrum, but for ADCs where the harmonics are buried in the noise floor, it is a noise peak. Common-Mode Rejection Ratio (CMRR) CMRR is defined as the ratio of the power in the ADC output at 200 mV frequency, f, to the power of a 200 mV p-p sine wave applied to the common-mode voltage of VIN+ and VIN- of frequency fS as CMRR (dB) = 10log(Pf/PfS) where: Pf is the power at frequency f in the ADC output. PfS is the power at frequency fS in the ADC output. Power Supply Rejection Ratio (PSRR) Variations in power supply affect the full-scale transition but not converter linearity. PSRR is the maximum change in the specified full-scale (200 mV) transition point due to a change in power supply voltage from the nominal value (see Figure 7). Isolation Transient Immunity The isolation transient immunity specifies the rate of rise/fall of a transient pulse applied across the isolation boundary beyond which clock or data is corrupted. (It was tested using a transient pulse frequency of 100 kHz.)
Rev. PrA | Page 12 of 19
Preliminary Technical Data THEORY OF OPERATION
CIRCUIT INFORMATION
The AD7400A isolated - modulator converts an analog input signal into a high speed (10 MHz typ), single-bit data stream; the time average of the modulator's single-bit data is directly proportional to the input signal. Figure 23 shows a typical application circuit where the AD7400A is used to provide isolation between the analog input, a current sensing resistor, and the digital output, which is then processed by a digital filter to provide an N-bit word.
AD7400A
A differential input of 320 mV results in a stream of ideally all ones. This is the absolute full-scale range of the AD7400A, while 200 mV is the specified full-scale range, as shown in Table 9. Table 9. Analog Input Range
Analog Input Full-Scale Range Positive Full Scale Positive Specified Input Range Zero Negative Specified Input Range Negative Full Scale Voltage Input +640 mV +320 mV +200 mV 0 mV -200 mV -320 mV
ANALOG INPUT
The differential analog input of the AD7400A is implemented with a switched capacitor circuit. This circuit implements a second-order modulator stage that digitizes the input signal into a 1-bit output stream. The sample clock (MCLKOUT) provides the clock signal for the conversion process as well as the output data-framing clock. This clock source is internal on the AD7400A. The analog input signal is continuously sampled by the modulator and compared to an internal voltage reference. A digital stream that accurately represents the analog input over time appears at the output of the converter (see Figure 21).
MODULATOR OUTPUT +FS ANALOG INPUT
To reconstruct the original information, this output needs to be digitally filtered and decimated. A Sinc3 filter is recommended because this is one order higher than that of the AD7400A modulator. If a 256 decimation rate is used, the resulting 16-bit word rate is 39 kHz, assuming a 10 MHz internal clock frequency. Figure 22 shows the transfer function of the AD7400A relative to the 16-bit output.
65535
53248
ANALOG INPUT
Figure 21. Analog Input vs. Modulator Output
04718-019
-FS ANALOG INPUT
ADC CODE
SPECIFIED RANGE
12288
A differential signal of 0 V results (ideally) in a stream of ones and zeros at the MDAT output pin. This output is high 50% of the time and low 50% of the time. A differential input of 200 mV produces a stream of ones and zeros that are high 81.25% of the time. A differential input of -200 mV produces a stream of ones and zeros that are high 18.75% of the time.
-320mV
-200mV ANALOG INPUT
+200mV +320mV
Figure 22. Filtered and Decimated 16-Bit Transfer Characteristic
ISOLATED 5V VDD1
NONISOLATED 5V/3V
AD7400
- MOD/ ENCODER
VDD2
VDD
SINC3 FILTER
DECODER MDAT MCLKOUT MDAT
CS SCLK
+ INPUT CURRENT RSHUNT
VIN+ VIN-
MCLK SDAT
DECODER GND1
ENCODER GND2 GND
04718-018
Figure 23. Typical Application Circuit
Rev. PrA | Page 13 of 19
04718-020
0
AD7400A
DIFFERENTIAL INPUTS
The analog input to the modulator is a switched capacitor design. The analog signal is converted into charge by highly linear sampling capacitors. A simplified equivalent circuit diagram of the analog input is shown in Figure 24. A signal source driving the analog input must be able to provide the charge onto the sampling capacitors every half MCLKOUT cycle and settle to the required accuracy within the next half cycle.
A VIN+ 1k B 2pF 2pF
Preliminary Technical Data
DIGITAL FILTER
A Sinc3 filter is recommended for use with the AD7400A. This filter can be implemented on an FPGA or a DSP. The following Verilog code provides an example of a Sinc3 filter implementation on a Xilinx(R) Spartan-II 2.5 V FPGA. This code can possibly be compiled for another FPGA, such as an Altera(R) device. Note that the data is read on the negative clock edge in this case; although, it can be read on the positive edge, if preferred. Figure 29 shows the effect of using different decimation rates with various filter types.
/*Data is read on negative clk edge*/ module DEC256SINC24B(mdata1, mclk1, reset, DATA); input mclk1; input reset; input mdata1; filtered*/ output [15:0] DATA; integer location; integer info_file; reg [23:0] reg [23:0] reg [23:0] reg [23:0] reg [23:0] reg [23:0] reg [23:0] reg [23:0] reg [23:0] reg [23:0] reg [23:0] reg [15:0] reg [7:0] reg word_clk; reg init; ip_data1; acc1; acc2; acc3; acc3_d1; acc3_d2; diff1; diff2; diff3; diff1_d; diff2_d; DATA; word_count; /*used to clk filter*/ /*used to reset filter*/ /*ip data to be /*filtered op*/
A VIN- 1k B
MCLKOUT
A B A B
Figure 24. Analog Input Equivalent Circuit
Since the AD7400A samples the differential voltage across its analog inputs, low noise performance is attained with an input circuit that provides low common-mode noise at each input. The amplifiers used to drive the analog inputs play a critical role in attaining the high performance available from the AD7400A. When a capacitive load is switched onto the output of an op amp, the amplitude momentarily drops. The op amp tries to correct the situation and, in the process, hits its slew rate limit. This nonlinear response, which can cause excessive ringing, can lead to distortion. To remedy the situation, a low-pass RC filter can be connected between the amplifier and the input to the AD7400A. The external capacitor at each input aids in supplying the current spikes created during the sampling process, and the resistor isolates the op amp from the transient nature of the load. The recommended circuit configuration for driving the differential inputs to achieve best performance is shown in Figure 25. A capacitor between the two input pins sources or sinks charge to allow most of the charge that is needed by one input to be effectively supplied by the other input. The series resistor again isolates any op amp from the current spikes created during the sampling process. Recommended values for the resistors and capacitor are 22 and 47 pF, respectively.
VIN+ R C VIN- R
AD7400A
04718-028
Figure 25. Differential Input RC Network
04718-027
Rev. PrA | Page 14 of 19
Preliminary Technical Data
/*Perform the Sinc ACTION*/ always @ (mdata1) if(mdata1==0) ip_data1 <= 0; to a -1 for 2's comp */ else ip_data1 <= 1; Z = one sample delay WORD_CLK = output word rate */
AD7400A
/* change from a 0 always @ (posedge word_clk or posedge reset) if(reset) begin acc3_d2 <= 0; diff1_d <= 0; diff2_d <= 0; diff1 <= 0; diff2 <= 0; diff3 <= 0; end else begin diff1 <= acc3 - acc3_d2; diff2 <= diff1 - diff1_d; diff3 <= diff2 - diff2_d; acc3_d2 <= acc3; diff1_d <= diff1; diff2_d <= diff2; end /* Clock the Sinc output into an output register
WORD_CLK
04718-023
/*ACCUMULATOR (INTEGRATOR) Perform the accumulation (IIR) at the speed of the modulator.
MCLKOUT ACC1+ IP_DATA1 + Z + Z + ACC2+ Z ACC3
04718-021
Figure 26. Accumulator
Z = one sample delay MCLKOUT = modulators conversion bit rate */ always @ (negedge mclk1 or posedge reset) if (reset) begin /*initialize acc registers on reset*/ acc1 <= 0; acc2 <= 0; acc3 <= 0; end else begin /*perform accumulation process*/ acc1 <= acc1 + ip_data1; acc2 <= acc2 + acc1; acc3 <= acc3 + acc2; end /*DECIMATION STAGE (MCLKOUT/ WORD_CLK) */ always @ (posedge mclk1 or posedge reset) if (reset) word_count <= 0; else word_count <= word_count + 1; always @ (word_count) word_clk <= word_count[7]; /*DIFFERENTIATOR ( including decimation stage) Perform the differentiation stage (FIR) at a lower speed.
ACC3 Z-1 WORD_CLK + - Z-1 DIFF1 + - Z-1
04718-022
DIFF3
DATA
Figure 28. Clocking Sinc Output into an Output Register
WORD_CLK = output word rate */ always @ (posedge word_clk) begin DATA[15] DATA[14] DATA[13] DATA[12] DATA[11] DATA[10] DATA[9] DATA[8] DATA[7] DATA[6] DATA[5] DATA[4] DATA[3] DATA[2] DATA[1] DATA[0] end endmodule <= <= <= <= <= <= <= <= <= <= <= <= <= <= <= <= diff3[23]; diff3[22]; diff3[21]; diff3[20]; diff3[19]; diff3[18]; diff3[17]; diff3[16]; diff3[15]; diff3[14]; diff3[13]; diff3[12]; diff3[11]; diff3[10]; diff3[9]; diff3[8];
DIFF2
+ -
DIFF3
Figure 27. Differentiator
Rev. PrA | Page 15 of 19
AD7400A
90 80 70 60
SNR (dB)
Preliminary Technical Data
SINC3
SINC2
50 40 30 20
04718-025
SINC1
10 0
1
10
100 DECIMATION RATE
1k
Figure 29. SNR vs. Decimation Rate for Different Filter Types
Rev. PrA | Page 16 of 19
Preliminary Technical Data APPLICATION INFORMATION
GROUNDING AND LAYOUT
Supply decoupling with a value of 100 nF is strongly recommended on both VDD1 and VDD2. Decoupling on one or both VDD1 pins does not significantly affect performance. In applications involving high common-mode transients, care should be taken to ensure that board coupling across the isolation barrier is minimized. Furthermore, the board layout should be designed so that any coupling that occurs equally affects all pins on a given component side. Failure to ensure this could cause voltage differentials between pins to exceed the absolute maximum ratings of the device, thereby leading to latch-up or permanent damage. Any decoupling used should be placed as close to the supply pins as possible. Series resistance in the analog inputs should be minimized to avoid any distortion effects, especially at high temperatures. If possible, equalize the source impedance on each analog input to minimize offset. Beware of mismatch and thermocouple effects on the analog input PCB tracks to reduce offset drift.
AD7400A
These tests subjected populations of devices to continuous cross-isolation voltages. To accelerate the occurrence of failures, the selected test voltages were values exceeding those of normal use. The time to failure values of these units were recorded and used to calculate acceleration factors. These factors were then used to calculate the time to failure under normal operating conditions. The values shown in Table 7 are the lesser of the following two values: * * The value that ensures at least a 50-year lifetime of continuous use. The maximum CSA/VDE approved working voltage.
It should also be noted that the lifetime of the AD7400A varies according to the waveform type imposed across the isolation barrier. The iCoupler insulation structure is stressed differently depending on whether the waveform is bipolar ac, unipolar ac, or dc. Figure 30, Figure 31, and Figure 32 illustrate the different isolation voltage waveforms.
RATED PEAK VOLTAGE
04718-029
EVALUATING THE AD7400A PERFORMANCE
A simple standalone AD7400A evaluation board is available with split ground planes and a board split beneath the AD7400A package to ensure isolation. This board allows access to each pin on the device for evaluation purposes. External supplies and all other circuitry (such as a digital filter) must be provided by the user.
0V
Figure 30. Bipolar AC Waveform
RATED PEAK VOLTAGE
04718-030
INSULATION LIFETIME
All insulation structures, subjected to sufficient time and/or voltage, are vulnerable to breakdown. In addition to the testing performed by the regulatory agencies, Analog Devices has carried out an extensive set of evaluations to determine the lifetime of the insulation structure within the AD7400A.
0V
Figure 31. Unipolar AC Waveform
RATED PEAK VOLTAGE
04718-031
0V
Figure 32. DC Waveform
Rev. PrA | Page 17 of 19
AD7400A OUTLINE DIMENSIONS
10.50 (0.4134) 10.10 (0.3976)
Preliminary Technical Data
16
9
7.60 (0.2992) 7.40 (0.2913)
1 8
10.65 (0.4193) 10.00 (0.3937)
1.27 (0.0500) BSC 0.30 (0.0118) 0.10 (0.0039) COPLANARITY 0.10 0.51 (0.0201) 0.31 (0.0122)
2.65 (0.1043) 2.35 (0.0925)
0.75 (0.0295) 0.25 (0.0098)
8 0 0.33 (0.0130) 0.20 (0.0079)
45
SEATING PLANE
1.27 (0.0500) 0.40 (0.0157)
COMPLIANT TO JEDEC STANDARDS MS-013- AA CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
Figure 33. 16-Lead Standard Small Outline Package [SOIC_W] Wide Body (RW-16) Dimensions shown in millimeters and (inches)
9.90 (0.390) 9.65 (0.380) 9.40 (0.370) 9.90 (0.390) 9.65 (0.380) 9.40 (0.370)
8
5
1
MOLDED PIN 1 INDICATOR
4
6.60 (0.260) 6.35 (0.250) 6.10 (0.240)
2.54 (0.100) BSC
1.40 (0.056) 1.08 (0.043) 0.76 (0.003)
7.87 (0.310) 7.62 (0.300) 7.37 (0.290)
4.19 (0.165) MAX
0.255 (0.075) 0.010 (0.003)
1.19 (0.047) MAX 1.78 (0.070) MAX
0.64 (0.025) 0.51 (0.020) 0.38 (0.015)
LEAD COPLANARIT Y 0.102 (0.004) MAX
0.885 (0.035) 0.635 (0.025) 0.385 (0.015)
12 NOM
CONTROLLING DIMENSIONS ARE IN MILLIMETER; INCHES DIMENSIONS (IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
112906-B
Figure 34 8-Lead Dual In Line Gull-wing Surface Mount Package [PDIP_SMD] (NS-8) Dimensions shown in millimeters and (inches)
Rev. PrA | Page 18 of 19
070207-A
Preliminary Technical Data
AD7400A
Model AD7400AYRWZ1 AD7400AYRWZREELError! Bookmark not defined. AD7400AYRWZREEL7Error! Bookmark not defined. AD7400AYNSZError!
Bookmark not defined.
Temperature Range -40C to +125C -40C to +125C
Package Description 16-Lead Standard Small Outline Package (SOIC_W) 16-Lead Standard Small Outline Package (SOIC_W)
Package Option RW-16 RW-16
-40C to +125C
16-Lead Standard Small Outline Package (SOIC_W)
RW-16
-40C to +125C -40C to +125C
8-Lead Dual In Line Gull-wing Surface Mount Package (PDIP_SMD) 8-Lead Dual In Line Gull-wing Surface Mount Package (PDIP_SMD)
NS-8 NS-8
AD7400AYNSZREELError! Bookmark not defined. AD7400AYNSZREEL7Error! Bookmark not defined. EVAL-AD7400AEBZError!
Bookmark not defined.
-40C to +125C
8-Lead Dual In Line Gull-wing Surface Mount Package (PDIP_SMD)
NS-8
Standalone Evaluation Board
1
Z = Pb-free part.
(c)2008 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. PR07077-0-1/08(PrA)
Rev. PrA | Page 19 of 19


▲Up To Search▲   

 
Price & Availability of AD7400A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X