Part Number Hot Search : 
SMC1602A 55C56 TDA8442 00000 2N6487 170M6497 BU2872AK IRF510
Product Description
Full Text Search
 

To Download AC4490-1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Compact AC4490 900MHz transceivers can replace miles of cable in harsh industrial environments. Using field-proven FHSS technology that needs no additional site licensing*, AC4490s reject interference, enable co-located system operation, increase output power and maintain data integrity. AC4490s feature drop-in installation and a number of on-the-fly control commands, providing OEMs with a versatile interface for any application. They can be used as direct wire replacements, requiring no special host software for communication. All frequency hopping, synchronization and RF system data transmission/reception is performed by the transceiver.
* Lowest cost one-watt module available.
AC4490 modules are socket-compatible with AeroComm's 2.4GHz AC4424 transceivers, enabling OEMs to design once and subsequently interchange radios to accommodate new markets, regulations and environments. Developer tools and integration support back every transceiver line. Let AeroComm help you find the best fit for your application.
* "Long range" mode enables 40 miles. * High 900MHz data rate: 115.2 Kbps. * Small form factor: 1.65 x 1.9 inches. * Operates in -40C to +80C temperatures. * Variable output power: 5mW to 1000mW.
Recreation Areas
* * * * * Golf cart tracking Score keeping Order entry Irrigation systems Grounds maintenance
PARAMETER
Interface Frequency (software selectable) Modulation Serial interface options Serial interface data rate Output power (w/ 3dBi antenna) Power consumption Channels Security Voltage Sensitivity Range Temperature Humidity (non-condensing) Dimensions Weight Antenna
AC4490-200
20-pin mini connector 902-928 MHz (U.S)** FHSS FSK 3V or 5V TTL Up to 115.2 Kbps 5mW-200mW variable 68 mA typical Up to 48 (U.S.)** One-byte system ID, DES 3.3V-5.5V -110 dB in "long range" mode Up to 4 miles (6.5 km) -40o to +80C 10% to 90% 1.90 x 1.65 x 0.20 inches (49 x 42 x 5 mm) < 0.75 oz (< 21 g) Integral and external dipole
AC4490-1000
20-pin mini connector 902-928 MHz (U.S)** FHSS FSK 3V TTL Up to 115.2 Kbps 5mW-1000mW variable 650 mA typical Up to 32 (U.S.)** One-byte system ID, DES pin 10: 3.3V-5.5V pin 11: 3.3V +/-3% -110 dB in "long range" mode Up to 20 miles (32 km) -40o to +80C 10% to 90% 1.90 x 1.65 x 0.20 inches (49 x 42 x 5 mm) < 0.75 oz (< 21 g) External dipole
Utilities Management
* * * * * Automatic meter reading Load profiling, forecasting Data management Tampering alerts Real-time support
Commercial Buildings
* * * * * Security & fire alarms Lighting controls Surveillance Building automation HVAC controls
Fleet Telemetry
* * * * * Vehicle tracking Cargo data Weigh scales Maintenance logs Mapping
Field Surveillance
* * * * * SCADA Oil & gas Water & wastewater Tank monitoring Activity alarms
* The 900MHz frequency band is approved in the Americas and Australia as an unlicensed spectrum subject to approval by device. ** For products and specifications suited to non-U.S. countries (e.g. Australia and Europe), please contact AeroComm directly.

Although AC4490 radios will not talk to AC4424 radios, socket-compatibility allows for interchanging the modules network-wide. Power consumption assumes 50% transmitter on-time.
Flexible RF Protocol
AeroComm's embedded transparent protocol simplifies the OEM's integration process by allowing for drop-in installation. As each transceiver receives raw data, it manages over-theair protocol to assure successful communication. Headers, data packet length, and CRCs are not needed. RF232 supports simple cable-replacement to complex peerto-peer configurations. Broadcast communication to all transceivers or address packets to a specific destination using unique MAC addresses embedded in each transceiver.
AC4490, Actual Size
Protocol Features
R F PROTOCOL MODES
a) Communication Unicast (one-to-one addressing) Broadcast (one-to-many addressing) b) Acknowledgement mode (ACK) API with hardware and/or software ACK indication c) One-beacon mode d) Dynamic radio data table Retains data from up to 12 transceivers
RF Architectures
Placing Orders
Select features from the list below to identify the appropriate part number. More product lines are available for industrial & commercial applications. Contact AeroComm Sales for details: toll-free 1-800-492-2320, email sales@aerocomm.com.
Point-to-point
PART NUMBERS
AC4490-200M 900MHz transceiver, 3.3V-5.5V, TTL serial*, 5-200mW, -40 to +80 C, MMCX antenna AC4490-200A 900MHz transceiver, 3.3V-5.5V, TTL serial*, 5-200mW, -40 to +80 C, integral antenna AC4490-1000M 900MHz transceiver, 3.3V, TTL serial*, 5-1000mW, -40 to +80 C, MMCX antenna AC4490-1x1 See AC4490-1x1 datasheet
INTERFACE PROTOCOL
a) On-the-fly transceiver configuration Destination address RF transmit power Co-located servers RF Channel Broadcast/addressed b) Raw data or transmit/receive API c) 9-bit serial interface mode d) Long range mode Enables sensitivity control e) Generic A/D, D/A generic I/Os f) Variable baud rate g) RF packet size, timeout control h) Onboard temperature sensor i) Handshaking CTS/RTS Full modem-mode available j) In-range indicator k) Error detection Onboard CRC Duplicate packet filtering l) Data encryption standard (DES)
Point-to-multipoint
Multipoint-to-multipoint * RS485 interface available.
Peer-to-peer


▲Up To Search▲   

 
Price & Availability of AC4490-1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X