|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HC49UP Low Profile Surface Mount MICROPROCESSOR CRYSTALS / RESISTANCE WELD SPECIFICATION Frequency Range Frequency Tolerance Frequency Stability @ 25EC 3.579545 to 60.000 MHz 50 PPM ( Standard ) 50 PPM ( Standard ) Operating Temperature Range 0EC to 70EC ( Standard ) Load Capacitance ( CL ) Shunt Capacitance Drive Lavel Aging Dimensions in mm 12pF to 50pF or Series 7pF Maximum 1mWatt Maximum 5 PPM per year Maximum Recommended Pad Layout HC49UP Part Number Break Down AA P 20M000000 F L E 18 H (Frequency) CL MODE AA= Fundamental BA= 3rd Overtone HOLDER I = 3.5 H P = 5.0 H TOLERANCE STABILITY B= 10 PPM D= 20 PPM F= 30 PPM G= 50 PPM H= 100 PPM H= 20 PPM J = 30 PPM L= 50 PPM N= 100 PPM TEMP. RANGE OPTIONS E= 0 to 70EC H= -20 to 70EC J= -40 to 85EC A= Standard H= Tape & Reel Standard Crystal Corporation 9940 E. Baldwin Place, El Monte, Ca., 91731 Phone: (800) 423-4578, Fax: (626) 443-9049 www.standardcrystalcorp.com, E-Mail: stdxtl@pacbell.net C-3 |
Price & Availability of AAI20M000000FLJ18A |