Part Number Hot Search : 
CY7C10 MKT469 PQ12SZ11 MBR8040 C3406 MD2401 OL5155 L4741
Product Description
Full Text Search
 

To Download 78L05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 78L05
Description
This series of fixed-voltage monolithicintegrated-circuit voltage regulators is designed for a wide range of applications. These applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power-pass elements to make high-current voltage regulators. Each of these regulators can deliver up to100 mA of output current. The internal limiting and termal shutdown features of these regulators make them essentially immune to overload. When used as a replacement for a Zener diode-resistor combination, an effective improvement in output impedance can be obtained together with lower-bias current.
Features
Output current in excess of 100 mA No external components required I nternal short circuit current limiting Internal thermal overload protection Available in either 5% selections
Package TO-92 (top view
Internal Block Digram
Package
OC I
BEIJING ESTEK ELECTRONICS CO.,LTD
1
78L05
Absolute Maximum Ratings
Maximum Input Voltage: 30V Operation Junction Temperature Range: -40 to 125
Electrical Characteristics
(Vin = 10V, Io =40mA , Ci=0.33 Co=0.1 ,Tj = +25, unless otherwise noted) F, F C
Characteristics Symbol Test Condition min max Unit
Output Voltage Line Regulation Load Regulation
Vo Vv Vi
7.0VVin20V; 1.0mAIo40mA 1.0mAIo70mA 7.0VVin20V 8.0VVin20V 1.0mA Io100mA 1.0mA Io40mA
Quiescent Current Ib Quiescent Current Change Ib 8.0VVin20V 1.0mA Io40mA
4.85 5.15 4.85 5.15 - 135 90 54 27 5.8 1.4 0.09
V mV mV mA mA
Typical Applications Circuit
VI 0.33 F
78L05
VO 0.1 F
Figure 1. Fixed-Output Regulator
BEIJING ESTEK ELECTRONICS CO.,LTD
2
78L05
+ VI - IN 78L05 COM OUT G IL - VO
Figure 2. Positive Regulator in Negative Configuration (VI Must Float)
Input
78L05 R1 IO 0.33 F R2
Output
0.1 F
Figure 3. Adjustable-Output Regulator
Ordering Information
ORDERING NUM BER 78L05 P AC K AGE TO -92 MARKING ET78L05
Address :
Postalcode:100039 Tel: 86-010-58895780 / 81 / 82 / 83 / 84 Http://www.estek.com.cn Email:sales@estek.com.cn
6A06--6A07 Rm 6A07,Changyin Office Building ,No.88,Yong Ding Road,Hai Dian District ,Beijing
Fax : 010-58895793
REV No:01-060828
BEIJING ESTEK ELECTRONICS CO.,LTD
3


▲Up To Search▲   

 
Price & Availability of 78L05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X