Part Number Hot Search : 
1N4749A UF1006 DS050 BC846B H5007 2SB1474 L1043GD PBDF106
Product Description
Full Text Search
 

To Download 78F05T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Thru-Hole DIP Switches
SERIES 78
SPST To 4PST Slide
FEATURES * Raised and Recessed Slides * SPST, 2PST, 3PST, 4PST * Sealed Base Standard * Spring and Ball Contact * Top Tape Seal Option
78
DIMENSIONS
In inches (and millimeters) Typical Multiple Pole Switch with Raised Slides (Switch shown here is 78H02, 4PST)
.380 .010 (9,65 0,25)
O N
Single Pole/Single Throw Switch in Raised and Recessed Slides
.380 .010 (9,65 0,25)
O N
1 2 3 4 5 6 7 8 9 10
Note: Recessed slides have a dimple for tool actuation. For recessed slides, the .295 dimension does not apply.
1
2
Length .010 ( 0.25) See Ordering Information
.060 .002 (1,52 0,05)
.070 (1,78) REF. .295 + .000 -.020 (7,49 -0,51)
Length .010 ( 0.25) See Ordering Information
DIM. B .002 ( 0,05) DIM. B 2PST = .100 (2,54 3PST = .200 (5,08) 4PST = .300 (7,62)
DIP Switches
C L C L
.020 .002 (0,51 0,05)
A
.156 + .015 -.010 (3,96 + 0,38 -0,25) TYP. A = .245 + .000 -.020 (6,22 + 0,51) .180 .010 (4,57 0,25) .012 .001 (0,30 0,03) .300 + .030 -.000 (7,62 + 0,76)
C L C L
.020 .002 (0,51 0,05) .090 .005 (2,29 0,13) .100 .005 (2,5 0,13)
.050 .005 (1,27 0,13) TYP.
.020 .002 (0,51 0,05) .090 .005 (2,29 0,13) .100 .005 (2,5 0,13)
C L
C L
CIRCUITRY
Single Pole/Single Throw Switch
ORDERING INFORMATION
No. of Circuitry Positions 2 3 4 5 6 7 8 9 10 12 1 2 3 4 5 6 1 2 3 1 2 Length Inches 0.280" 0.380" 0.480" 0.580" 0.680" 0.780" 0.880" 0.980" 1.080" 1.280" 0.280" 0.480" 0.680" 0.880" 1.080" 1.280" 0.380" 0.680" 0.980" 0.480" 0.880" Length Metric 7,1mm 9,7mm 12,2mm 14,7mm 17,3mm 19,8mm 22,4mm 24,9mm 27,4mm 32,5mm 7,1mm 12,2mm 17,3mm 22,4mm 27,4mm 32,5mm 9,7mm 17,3mm 24,9mm 12,2mm 22,4mm No./ Tube 35 27 21 18 15 13 12 10 9 8 35 21 15 12 9 8 27 15 10 21 12 Raised Slides* 78B02T 78B03T 78B04T 78B05T 78B06T 78B07T 78B08T 78B09T 78B10T 78B12T 78F01T 78F02T 78F03T 78F04T 78F05T 78F06T 78G01T 78G02T 78G03T 78H01T 78H02T Recessed Slides* 78RB02T 78RB03T 78RB04T 78RB05T 78RB06T 78RB07T 78RB08T 78RB09T 78RB10T 78RB12T
O N
1234
O N
1234
SPST
Typical Multiple Pole Switch
O N
Typical Circuit Diagram
O N
1
1
2PST
Recessed Slides Not Available
3PST 4PST For switches with 5, 6, 7, 8, or 10PST circuitry, contact Grayhill. *A top tape seal is required for switches that are machine soldered or heavily cleaned after hand soldering. To order top seal versions, add "S" before the "T" in the Grayhill part number.
DIP 11
Available from your local Grayhill Distributor. For prices and discounts, contact a local Sales Office, an authorized local Distributor or Grayhill.
Grayhill, Inc. * 561 Hillgrove Avenue * LaGrange, Illinois 60525-5997 * USA * Phone: 708-354-1040 * Fax: 708-354-2820 * www.grayhill.com


▲Up To Search▲   

 
Price & Availability of 78F05T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X