|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74LCX16244 LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS s s s s s s s s s s 5V TOLERANT INPUTS AND OUTPUTS HIGH SPEED : tPD = 4.5 ns (MAX.) at VCC = 3V POWER DOWN PROTECTION ON INPUTS AND OUTPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 24mA (MIN) at VCC = 3V PCI BUS LEVELS GUARANTEED AT 24 mA BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2.0V to 3.6V (1.5V Data Retention) PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 16244 LATCH-UP PERFORMANCE EXCEEDS 500mA (JESD 17) ESD PERFORMANCE: HBM > 2000V (MIL STD 883 method 3015); MM > 200V TSSOP ORDER CODES PACKAGE TSSOP TUBE T&R 74LCX16244TTR PIN CONNECTION DESCRIPTION The 74LCX16244 is a low voltage CMOS 16 BIT BUS BUFFER (NON-INVERTED) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for low power and high speed 3.3V applications; it can be interfaced to 5V signal environment for both inputs and outputs. Any nG output control governs four BUS BUFFERS. Output Enable input (nG) tied together gives full 16-bit operation. When nG is LOW, the outputs are on. When nG is HIGH, the output are in high impedance state. This device is designed to be used with 3 state memory address drivers, etc. It has same speed performance at 3.3V than 5V AC/ACT family, combined with a lower power consumption. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage. February 2003 1/10 74LCX16244 INPUT AND OUTPUT EQUIVALENT CIRCUIT PIN DESCRIPTION PIN No 1 2, 3, 5, 6 8, 9, 11, 12 13, 14, 16, 17 19, 20, 22, 23 24 25 30, 29, 27, 26 36, 35, 33, 32 41, 40, 38, 37 47, 46, 44, 43 48 4, 10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 SYMBOL 1G 1Y1 to 1Y4 2Y1 to 2Y4 3Y1 to 3Y4 4Y1 to 4Y4 4G 3G 4A1 to 4A4 3A1 to 3A4 2A1 to 2A4 1A1 to 1A4 2G GND VCC NAME AND FUNCTION Output Enable Input Data Outputs Data Outputs Data Outputs Data Outputs Output Enable Input Output Enable Input Data Outputs Data Outputs Data Outputs Data Outputs Output Enable Input Ground (0V) Positive Supply Voltage IEC LOGIC SYMBOLS TRUTH TABLE INPUTS G L L H X : Don`t Care Z : High Impedance OUTPUT An L H X Yn L H Z 2/10 74LCX16244 ABSOLUTE MAXIMUM RATINGS Symbol VCC VI VO VO IIK IOK IO ICC IGND Tstg TL Supply Voltage DC Input Voltage DC Output Voltage (OFF State) DC Output Voltage (High or Low State) (note 1) DC Input Diode Current DC Output Diode Current (note 2) DC Output Current DC Supply Current per Supply Pin DC Ground Current per Supply Pin Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 50 - 50 50 100 100 -65 to +150 300 Unit V V V V mA mA mA mA mA C C Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied 1) IO absolute maximum rating must be observed 2) VO < GND RECOMMENDED OPERATING CONDITIONS Symbol VCC VI VO VO IOH, IOL IOH, IOL Top dt/dv Supply Voltage (note 1) Input Voltage Output Voltage (OFF State) Output Voltage (High or Low State) High or Low Level Output Current (VCC = 3.0 to 3.6V) High or Low Level Output Current (VCC = 2.7V) Operating Temperature Input Rise and Fall Time (note 2) Parameter Value 2.0 to 3.6 0 to 5.5 0 to 5.5 0 to VCC 24 12 -55 to 125 0 to 10 Unit V V V V mA mA C ns/V 1) Truth Table guaranteed: 1.5V to 3.6V 2) VIN from 0.8V to 2V at VCC = 3.0V 3/10 74LCX16244 DC SPECIFICATIONS Test Condition Symbol Parameter VCC (V) -40 to 85 C Min. 2.0 2.7 to 3.6 0.8 2.7 to 3.6 2.7 3.0 VOL Low Level Output Voltage 2.7 to 3.6 2.7 3.0 II Ioff IOZ Input Leakage Current Power Off Leakage Current High Impedance Output Leakage Current Quiescent Supply Current ICC incr. per Input 2.7 to 3.6 0 2.7 to 3.6 IO=-100 A IO=-12 mA IO=-18 mA IO=-24 mA IO=100 A IO=12 mA IO=16 mA IO=24 mA VI = 0 to 5.5V VI or VO = 5.5V VI = VIH or VIL VO = 0 to VCC VI = VCC or GND VI or VO= 3.6 to 5.5V VIH = VCC - 0.6V VCC-0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5 10 5 20 20 500 VCC-0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5 10 5 20 20 500 A A A A A V V 0.8 V Max. Value -55 to 125 C Min. 2.0 Max. V Unit VIH VIL VOH High Level Input Voltage Low Level Input Voltage High Level Output Voltage ICC ICC 2.7 to 3.6 2.7 to 3.6 DYNAMIC SWITCHING CHARACTERISTICS Test Condition Symbol Parameter VCC (V) 3.3 CL = 50pF VIL = 0V, VIH = 3.3V Value TA = 25 C Min. Typ. 0.8 -0.8 Max. V Unit VOLP VOLV Dynamic Low Level Quiet Output (note 1) 1) Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the LOW state. 4/10 74LCX16244 AC ELECTRICAL CHARACTERISTICS Test Condition Symbol Parameter VCC (V) 2.7 3.0 to 3.6 2.7 3.0 to 3.6 2.7 3.0 to 3.6 3.0 to 3.6 CL (pF) 50 50 50 50 RL () 500 500 500 500 ts = tr (ns) 2.5 2.5 2.5 2.5 -40 to 85 C Min. 1.5 1.5 1.5 1.5 1.5 1.5 Max. 5.2 4.5 6.3 5.5 5.7 5.4 1.0 Value -55 to 125 C Min. 1.5 1.5 1.5 1.5 1.5 1.5 Max. 5.2 4.5 6.3 5.5 5.7 5.4 1.0 ns ns ns ns Unit tPLH tPHL tPZL tPZH tPLZ tPHZ tOSLH tOSHL Propagation Delay Time Output Enable Time Output Disable Time Output To Output Skew Time (note1, 2) 1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|) 2) Parameter guaranteed by design CAPACITIVE CHARACTERISTICS Test Condition Symbol Parameter VCC (V) 3.3 3.3 3.3 VIN = 0 to VCC VIN = 0 to VCC fIN = 10MHz VIN = 0 or VCC Value TA = 25 C Min. Typ. 7 8 20 Max. pF pF pF Unit CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) 1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit) 5/10 74LCX16244 TEST CIRCUIT TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ CL = 50 pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50) SWITCH Open 6V GND WAVEFORM 1 : PROPAGATION DELAYS (f=1MHz; 50% duty cycle) 6/10 74LCX16244 WAVEFORM 2 : OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle) 7/10 74LCX16244 TSSOP48 MECHANICAL DATA mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.50 6.0 0.5 BSC 8 0.75 0 0.020 0.17 0.09 12.4 8.1 BSC 6.2 0.236 0.0197 BSC 8 0.030 0.05 0.9 0.27 0.20 12.6 0.0067 0.0035 0.488 0.318 BSC 0.244 TYP MAX. 1.2 0.15 0.002 0.035 0.011 0.0079 0.496 MIN. TYP. MAX. 0.047 0.006 inch A A2 A1 b e K c L E D E1 PIN 1 IDENTIFICATION 1 7065588C 8/10 74LCX16244 Tape & Reel TSSOP48 MECHANICAL DATA mm. DIM. MIN. A C D N T Ao Bo Ko Po P 8.7 13.1 1.5 3.9 11.9 12.8 20.2 60 30.4 8.9 13.3 1.7 4.1 12.1 0.343 0.516 0.059 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.350 0.524 0.067 0.161 0.476 MIN. TYP. MAX. 12.992 0.519 inch 9/10 74LCX16244 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com 10/10 |
Price & Availability of 74LCX16244 |