Part Number Hot Search : 
MB970VF AS7C3 3CD2051 01D05 50231 K2125 L2500 PQ600
Product Description
Full Text Search
 

To Download 5KP50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
waveform
GALAXY ELECTRICAL
5KP---SERIES
BREAKDOWN VOLTAGE: 5.0 - 220 V PEAK PULSE POWER: 5000 W
TRANSIENT VOLTAGE SUPPRESSOR
Plastic package Glass passivated junction 5000W peak pulse power capability with a 10/1000s Excellent clamping capability Low incremental surge resistance Fast response time: typically less than 1.0ps from 0 Volts to BV Typical IR less than 10 A for V(BR)Y10V
High temperature soldering guaranteed:265 / 10 seconds,
R-6
0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
MECHANICAL DATA
Case:JEDEC R-6, molded plastic Polarity: Color band denotes positive end (cathode) except bipola Weight: 0.07ounce, 2.1gram Mounting position: any
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bidirectional use C or CA suffix for types 5KP5.0 thru types 5KP220 (e.g. 5KP5.0C , 5KP220CA) Electrical characteristics apply in both directions
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
SYMBOL
Peak power dissipation with a 10/1000s waveform (NOTE 1, FIG.1) Peak pulse current with a 10/1000s waveform (NOTE 1) Steady state power dissipation at TL=75 fffffLead lengths 0.375"(9.5mm) (NOTE 2) Peak forward surge current, 8.3ms single half ffffSine-wave superimposed on rated load (JEDEC Method) (NOTE 3) Maximum instantaneous forward voltage at 25A for unidirectional only (NOTE 4) Operating junction and storage temperature range
VALUE
Minimum 5000 SEE TABLE 1
8.0
UNIT
W A
W
PPPM IPPM PM(AV) IFSM VF TJ, TSTG
400 3.5 -55---+175
A V
NOTES: (1) Non-repetitive current pules, per Fig. 3 and derated above TA=25 ae per Fig. 2 (2) Mounted on copper pad area of 0.8x0.8" (20x20mm) per Fig. 5. (3)8.3ms single half sine-wave , or equivalent square wave, Duty cycle = 4 pulses per minutes maximum.
www.galaxycn.com
Document Number 0285004
BLGALAXY ELECTRICAL
1.
ELECTRICAL CHARACTERISTICS at(TA=25ae
Breakdown Voltage V(BR) (V) MIN 5KP5.0 5KP5.0A 5KP6.0 5KP6.0A 5KP6.5 5KP6.5A 5KP7.0 5KP7.0A 5KP7.5 5KP7.5A 5KP8.0 5KP8.0A 5KP8.5 5KP8.5A 5KP9.0 5KP9.0A 5KP10 5KP10A 5KP11 5KP11A 5KP12 5KP12A 5KP13 5KP13A 5KP14 5KP14A 5KP15 5KP15A 5KP16 5KP16A 5KP17 5KP17A 5KP18 5KP18A 5KP20 5KP20A 5KP22 5KP22A 5KP24 5KP24A 5KP26 5KP26A 5KP28 5KP28A 5KP30 5KP30A 5KP33 5KP33A 5KP36 5KP36A 5KP40 5KP40A 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 MAX 7.30 7.00 8.15 7.37 8.8 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1
unless otherwise noted) TABLE 1
Stand-off Voltage VWM (V) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10.0 10.0 11.0 11.0 12.0 12.0 13.0 13.0 14.0 14.0 15.0 15.0 16.0 16.0 17.0 17.0 18.0 18.0 20.0 20.0 22.0 22.0 24.0 24.0 26.0 26.0 28.0 28.0 30.0 30.0 33.0 33.0 36.0 36.0 40.0 40.0 Maximum Reverse Leakge at VWM ID (A) 2000 2000 5000 5000 2000 2000 1000 1000 250 250 150 150 50.0 50.0 20.0 20.0 15.0 15.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 Maximum Pead Pulse IPPM (A) 521 543 439 485 407 446 376 417 350 388 333 368 314 347 296 325 266 294 249 275 227 251 210 233 194 216 186 205 174 192 164 181 155 171 140 154 127 141 116 129 107 119 100 110 93.5 103 84.7 93.8 77.8 86.1 70.0 77.5 Maximum Clamping Voltage at IPPM VC(V) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 Maximum Temperature Coefficient of V(BR) (%/ae) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103 0.104 0.104 0.104 0.104 0.105 0.105 www.galaxycn.com
Device Type
Test Current at IT (mA) 50 50 50 50 50 50 50 50 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Document Number 0285004
BLGALAXY ELECTRICAL
2.
ELECTRICAL CHARACTERISTICS at(TA=25ae
Breakdown Voltage V(BR) (V) MIN 5KP43 5KP43A 5KP45 5KP45A 5KP48 5KP48A 5KP51 5KP51A 5KP54 5KP54A 5KP58 5KP58A 5KP60 5KP60A 5KP64 5KP64A 5KP70 5KP70A 5KP75 5KP75A 5KP78 5KP78A 5KP85 5KP85A 5KP90 5KP90A 5KP100 5KP100A 5KP110 5KP110A 5KP120 5KP120A 5KP130 5KP130A 5KP150 5KP150A 5KP160 5KP160A 5KP170 5KP170A 5KP180 5KP180A 5KP190 5KP190A 5KP200 5KP200A 5KP210 5KP210A 5KP220 5KP220A 47.8 47.8 50.0 50.0 53.3 53.3 56.1 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.6 77.6 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 133 133 144 144 167 167 178 178 189 189 200 200 211 211 222 222 233 233 244 244 MAX 58.4 52.8 61.1 55.3 65.2 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 96.9 78.6 95.1 86.0 102 92.1 106.0 95.8 115 104 122 111 136 123 149 135 161 147 174 159 203 185 216 197 229 209 242 221 255 233 270 246 283 258 296 270
unless otherwise noted) TABLE 1(Cont' d)
Stand-off Voltage VWM (V) 43.0 43.0 45.0 45.0 48.0 48.0 51.0 51.0 54.0 54.0 58.0 58.0 60.0 60.0 64.0 64.0 70.0 70.0 75.0 75.0 78.0 78.0 85.0 85.0 90.0 90.0 100 100 110 110 120 120 130 130 150 150 160 160 170 170 180 180 190 190 200 200 210 210 220 220 Maximum Reverse Leakge at VWM ID (A) 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 10.0 Maximum Pead Pulse IPPM (A) 65.2 72.0 62.3 68.8 58.5 64.6 54.9 60.7 51.9 57.4 48.5 53.4 46.7 51.7 43.9 48.5 40.0 44.2 37.3 41.3 36.0 39.7 33.1 36.5 31.3 34.2 27.9 30.9 25.5 28.2 23.6 26.0 21.7 24.0 18.6 20.6 17.5 19.3 16.5 18.2 16.1 17.6 8.8 9.7 8.2 9.1 7.7 8.6 7.3 8.1 Maximum Clamping Voltage at IPPM VC(V) 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 94 107 97 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 212 193 231 209 269 243 285 259 303 275 319 292 341 310 365.3 329.2 390.0 349.5 411.7 371.1 Maximum Temperature Coefficient of V(BR) (%/ae) 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.112 0.112 0.112 0.112 0.114 0.114 0.114 0.114 0.118 0.118 0.118 0.118 0.122 0.122 0.126 0.126 0.130 0.130 0.134 0.134 0.138 0.138
www.galaxycn.com
Device Type
Test Current at IT (mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Document Number 0285004
BLGALAXY ELECTRICAL
3.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK PULSE POWER RATING CURVE
PEAK PULSE POWER (PPP) OR CURRENT DERATING IN PERCENTAGE, %
5KP---SERIES
FIG.2 -- PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, KW
100
100 NON-REPETITIVE PULSE WAVEFORM SHOWN if FIG.3 TA=25 10
75
50
1.0
25
0.1 0.1|I s
1.0|I s
I 10| s
I 100| s
1ms
10ms
0
0
25
50
75
100
125
150
175
200
tol, PULSE WIDTH, SEC. TA, AMBIENT TEMPERATURE.
FIG.3 -- PULSE WAVEFORM
IPPM, PEAK PULSE CURRENT, %
150
tr=10 s
PEAK VALUE IPPM
FIG.4 -- TYPICAL JUNCTION CAPACITANCE HHHHHHHH H UNIDIRECTIONAL
6.000
(IPPM)
H
PULES WIDTH (td) is DEFINDE as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM
CJ, JUNCTION CAPACITANCE, pF
TJ=25 f=1.0MHZ Vsig=50mVp-p
MEASURED at ZEROBIAS
10.000
100
HALF VALUE -IPPM 2
10/1000 s
50 WAVEFORM as DEFINDE by R.E.A.
1000
MEASURED at STAND-OFF VOLTAGE, VWM
td
0
0
1.0
2.0
3.0
4.0
t, TIME, ms
10 1.0
t, TIME, ms
10
100
200
FIG.5 -- STEADY STATE POWER DERATING CURVE
PM(AV), STRADY STATE POWER CJ, JUNCTION CAPACITANCE, pF
1.00 L=0.375"(9.5mm) LEAD LENGTHS
FIG.6 -- MAXIMUN NON-REPETITIVE FORWARD HHHHHH H CURRENT UNIDIRECTIONAL ONLY SURGE
200 TJ=TJ max. 8.3ms SINGLE HALF SINE-MAVE (JEDEC METHOD)
DISSIPATION, W
0.75
60 HZ RESISTIVEOR INDUCTIVE LOAD
100
0.50
0.25
0.8 x 0.8 x .040" (20 x 20 x 1mm.) COPPER HEAT SINKS
0
0
25
50
75
100
125
150
175
200
10
1
10
100
TL, LEA D TEMPERATURE,
V(BA), BREAKDOWN VOLTAGE, V
www.galaxycn.com
Document Number 0285004
BLGALAXY ELECTRICAL
4.


▲Up To Search▲   

 
Price & Availability of 5KP50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X