Part Number Hot Search : 
QM150 LTC2223 CONDUCT 122JPTR EMD812 167BZI UDN2961B TLP3214
Product Description
Full Text Search
 

To Download 4PH20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 4PH
SINGLE-PHASE FULL WAVE BRIDGE 4 AMPERES
FOR P.C. BOARD AND HEAT SINK MOUNTING
ne mpo e co er th c. und in tion tories, ni cog abora re tes ters L i dica k in nderwr ar is m m of U Th ra prog
nt
PRV/Leg Type No.
50V 4PH05
100V 4PH10
200V 4PH20
400V 4PH40
600V 4PH60
800V 4PH80
1000V 4PH100
ELECTRICAL CHARACTERISTICS PER LEG (at TA=25 C Unl es s Oth erw ise Spe ci fie d)
Average Output Current, Io @ 65 C Tc (Fig.1) Max.Forward Voltage Drop,VF = 1.0V @ IF = Max.DC Reverse Current @ PRV,and 25 C , IR Max.DC Reverse Current @ PRV,and 100 C ,IR Max.Peak Surge Current, I FSM (8.3ms) (Fig.2) Ambient Operating Temperature Range,TA Storage Temperature Range,TSTG
O
4 2.5 10 300 150 -55 to+150 -55 to+150
Amp Amp A A Amp
o
C
o
C
Note 1:Derate IO by 20% for capacitive loads EDI reserves the right to change these specifications at any time without notice.
4PH
FIG.1 CURRENT DERATING
6 FORWARD CURRENT(AMP) MAX. PEAK SURGE CURRENT IFSM BRIDGE OUTPUT RES.-IND. LOADS
Derate current by 20% for capacitive loads
FIG.2 NON-REPETITIVE SURGE CURRENT
1000 500
4
65
O
200 100
TC
HEAT SINK MOUNTING
2
TL
65
O
50
lO.AVERAGE L
PC BOARD MOUNTING WITH 3/8 " LEADS
20 0 0 25 50 75
O
10 100 125 150 1 2 5 10 20 50 100
TEMPERATURE ( C)
NUMBER OF CYCLES AT 60 CPS
FIG.3 MECHANICAL
CASE STYLE FOR 4PH
Dielectric test voltage 2,500 V rms., max. 50-60 Hz .280 .935 .260 .895 .185 .160 .165 .140 45 .085 .065 .700 .660 .760Max. .075 R.Typ. .455 (2 Places) .405
1.0Min
.260 .180
.205 .185
.220 .180
.052 .048
Dielectric test voltage 2,500 V rms., max. 50-60 Hz NOTE Maximum lead and terminal temperature for soldering, 3/8 inch from case, 5 seconds at 250
* YONKERS. NEW YORK 10710 914-965-4400 * FAX 914-965-5531
C
ELECTRONIC DEVICES, INC. DESIGNERS AND MANUFACTURERS OF SOLID STATE DEVICES SINCE 1951.
21 GRAY OAKS AVENUE * 1-800-678-0828
Ee-mail:sales@edidiodes.com * Wwebsite:http://www.edidiodes.com


▲Up To Search▲   

 
Price & Availability of 4PH20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X