Part Number Hot Search : 
ACS10 224008 09A00 HEF45 0604KFK 12030 KE200 MR100
Product Description
Full Text Search
 

To Download 30SMCJ50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0SMCJ SERIES
Surface Mount Transient Voltage Suppressor
Voltage Range 5.0 to 170 Volts 3000 Watts Peak Power
Features
For surface mounted application Low profile package Built-in strain relief Glass passivated junction Excellent clamping capability Fast response time: Typically less than 1.0ps from 0 volt to BV min. Typical IR less than 1A above 10V High temperature soldering guaranteed: 260OC / 10 seconds at terminals Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0 3000 watts peak pulse power capability with a 10 X 1000 us waveform by 0.01% duty cycle
.129(3.27) .118(3.0)
SMC/DO-214AB
.245(6.22) .220(5.59)
.280(7.11) .260(6.60) .012(.31) .006(.15)
.103(2.62) .079(2.00)
Mechanical Data
Case: Molded plastic Terminals: Solder plated Polarity: Indicated by cathode band Standard packaging: 16mm tape (EIA STD RS-481) Weight: 0.21gram
.060(1.52) .030(0.76) .320(8.13) .305(7.75)
.008(.20) .004(.10)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Type Number
Peak Power Dissipation at TA=25 C, Tp=1ms (Note 1) Steady State Power Dissipation Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method) (Note 2, 3) - Unidirectional Only Maximum Instantaneous Forward Voltage at 100.0A for Unidirectional Only (Note 4) Operating and Storage Temperature Range
O
Symbol PPK Pd IFSM VF TJ, TSTG
Value Minimum 3000 5 200 3.5 / 5.0 -55 to + 150
O
Units Watts Watts Amps Volts
O
C
Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25 C Per Fig. 2. 2. Mounted on 8.0mm2 (.013mm Thick) Copper Pads to Each Terminal. 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum. 4. VF=3.5V on 3.0SMCJ5.0 thru 3.0SMCJ90 Devices and VF=5.0V on 3.0SMCJ100 thru 3.0SMCJ170 Devices. Devices for Bipolar Applications 1. For Bidrectional Use C or CA Suffix for Types 3.0SMCJ5.0 through Types 3.0SMCJ170. 2. Electrical Characteristics Apply in Both Directions.
- 612 -
RATINGS AND CHARACTERISTIC CURVES (3.0SMCJ SERIES)
FIG.1- PEAK PULSE POWER RATING CURVE
NON-REPETITIVE PULSE WAVEFORM SHOWN in FIG. 3 TA=250C
FIG.2- PULSE DERATING CURVE
PEAK PULSE POWER (Pppm) or CURRENT (lpp) DERATING IN PERCENTAGE, %
100
100
Pppm, PEAK PULSE POWER, KW
75
10
50
1
25
0.31X0.31" (8.0X8.0mm) COPPER PAD AREAS
0.1 0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0 0 25 50 75 100 125
O
150
175
200
td. PULSE WIDTH, sec.
TA, AMBIENT TEMPERATURE. C
FIG.3- PULSE WAVEFORM
150
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
200
PEAK FORWARD SURGE CURRENT. (A)
lppm, PEAK PULSE CURRENT % IRSM
PULSE WIDTH (td) is DEFINED tr=10 sec. AS THE POINT WHERE THE PEAK CURRENT DECAYS to 50% of lppm
100
100
8.3ms Single Half Sine Wave JEDEC Method UNIDIRECTIONAL ONLY
PEAK VALUE lppm HALF VALUE- lpp 2
50
10/1000 sec. WAVEFORM AS DEFINED BY R.E.A.
0 0
td
1.0 2.0 t, TIME, ms 3.0 4.0
10 1 10 NUMBER OF CYCLES AT 60Hz 100
FIG.5- TYPICAL JUNCTION CAPACITANCE BIDIRECTIONAL
10000 20000
FIG.6- TYPICAL JUNCTION CAPACITANCE
Tj=25 0C f=1.0MHz Vsig=50mVp-p MEASURED AT ZERO BIAS
Tj=25 0C f=1.0MHz Vsig=50mVp-p MEASURED AT ZERO BIAS
Cj, JUNCTION CAPACITANCE, pF
1000
10000
Cj, JUNCTION CAPACITANCE, pF
1000
MEASURED AT STAND-OFF VOLTAGE,VWM
100
VR MEASURED AT STAND-OFF VOLTAGE,VWM
100
10 1 10 100 VWM, REVERSE STAND-OFF VOLTAGE. (V) 400
10 1 10 100 400 VWM, REVERSE STAND-OFF VOLTAGE. (V)
- 613 -
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Type Modified "J" Bend Lead 3.0SMCJ5.0 3.0SMCJ5.0A 3.0SMCJ6.0 3.0SMCJ6.0A 3.0SMCJ6.5 3.0SMCJ6.5A 3.0SMCJ7.0 3.0SMCJ7.0A 3.0SMCJ7.5 3.0SMCJ7.5A 3.0SMCJ8.0 3.0SMCJ8.0A 3.0SMCJ8.5 3.0SMCJ8.5A 3.0SMCJ9.0 3.0SMCJ9.0A 3.0SMCJ10 3.0SMCJ10A 3.0SMCJ11 3.0SMCJ11A 3.0SMCJ12 3.0SMCJ12A 3.0SMCJ13 3.0SMCJ13A 3.0SMCJ14 3.0SMCJ14A 3.0SMCJ15 3.0SMCJ15A 3.0SMCJ16 3.0SMCJ16A 3.0SMCJ17 3.0SMCJ17A 3.0SMCJ18 3.0SMCJ18A 3.0SMCJ20 3.0SMCJ20A 3.0SMCJ22 3.0SMCJ22A 3.0SMCJ24 3.0SMCJ24A 3.0SMCJ26 3.0SMCJ26A 3.0SMCJ28 3.0SMCJ28A 3.0SMCJ30 3.0SMCJ30A 3.0SMCJ33 3.0SMCJ33A 3.0SMCJ36 3.0SMCJ36A 3.0SMCJ40 3.0SMCJ40A 3.0SMCJ43 3.0SMCJ43A Device Marking Code HDD HDE HDF HDG HDH HDK HDL HDM HDN HDP HDQ HDR HDS HDT HDU HDV HDW HDX HDY HDZ HED HEE HEF HEG HEH HEK HEL HEM HEN HEP HEQ HER HES HET HEU HEV HEW HEX HEY HEZ HFD HFE HFF HFG HFH HFK HFL HFM HFN HFP HFQ HFR HFS HFT
Breakdown Voltage V(BR) (Volts) (Note 1) (MIN / MAX)
Test Current at IT(mA) 10 10 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off voltage VWM(Volts) 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43
Maximum Reverse Leakage at VWM (Note 3) ID(uA)
Maximum Peak Pulse Surge Current IPPM (Note 2) (Amps)
6.40 / 7.3 6.40 / 7.0 6.67 / 8.15 6.67 / 7.37 7.22 / 8.82 7.22 / 7.98 7.78 / 9.51 7.78 / 8.60 8.33 / 10.2 8.33 / 9.21 8.89 / 10.9 8.89 / 9.83 9.44 / 11.5 9.44 / 10.4 10.0 / 12.2 10.0 / 11.1 11.1 / 13.6 11.1 / 12.3 12.2 / 14.9 12.2 / 13.5 13.3 / 16.3 13.3 / 14.7 14.4 / 17.6 14.4 / 15.9 15.6 / 19.1 15.6 / 17.2 16.7 / 20.4 16.7 / 18.5 17.8 / 21.8 17.8 / 19.7 18.9 / 23.1 18.9 / 20.9 20.0 / 24.4 20.0 / 22.1 22.2 / 27.1 22.2 /24.5 24.4 / 29.8 24.4 / 26.9 26.7 / 32.6 26.7 / 29.5 28.9 / 35.3 28.9 / 31.9 31.1 / 38.0 31.1 / 34.4 33.3 / 40.7 33.3 / 36.8 36.7 / 44.9 36.7 / 40.6 40.0 / 48.9 40.0 / 44.2 44.4 / 54.3 44.4 / 49.1 47.8 / 58.4 47.8 / 52.8
1000 1000 1000 1000 500 500 200 200 100 100 50 50 25 25 10 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
312.5 326.0 263.2 291.3 243.9 267.9 225.6 250.0 209.8 232.6 200.0 220.6 188.6 208.4 177.4 194.8 159.6 176.4 149.2 164.8 136.4 150.6 126.0 139.4 116.2 129.4 111.6 123.0 104.2 115.4 98.4 106.6 93.2 102.8 83.8 92.6 74.2 84.4 69.8 77.2 64.4 71.2 60.0 66.0 56.0 62.0 50.4 56.2 46.6 51.6 42.0 46.4 39.2 43.2
Maximum Clamping Voltage at IPPM VC(Volts) 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4
- 614 -
ELECTRICAL CHARACTERISTICS (TA=25OC unless otherwise noted)
Device Type Modified "J" Bend Lead 3.0SMCJ45 3.0SMCJ45A 3.0SMCJ48 3.0SMCJ48A 3.0SMCJ51 3.0SMCJ51A 3.0SMCJ54 3.0SMCJ54A 3.0SMCJ58 3.0SMCJ58A 3.0SMCJ60 3.0SMCJ60A 3.0SMCJ64 3.0SMCJ64A 3.0SMCJ70 3.0SMCJ70A 3.0SMCJ75 3.0SMCJ75A 3.0SMCJ78 3.0SMCJ78A 3.0SMCJ85 3.0SMCJ85A 3.0SMCJ90 3.0SMCJ90A 3.0SMCJ100 3.0SMCJ100A 3.0SMCJ110 3.0SMCJ110A 3.0SMCJ120 3.0SMCJ120A 3.0SMCJ130 3.0SMCJ130A 3.0SMCJ150 3.0SMCJ150A 3.0SMCJ160 3.0SMCJ160A 3.0SMCJ170 3.0SMCJ170A Device Marking Code HFU HFV HFW HFX HFY HFZ HGD HGE HGF HGG HGH HGK HGL HGM HGN HGP HGQ HGR HGS HGT HGU HGV HGW HGX HGY HGZ HHD HHE HHF HHG HHH HHK HHL HHM HHN HHP HHQ HHR
Breakdown Voltage V(BR) (Volts) (Note 1) (MIN / MAX)
Test Current at IT(mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off voltage VWM(Volts) 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 120 120 130 130 150 150 160 160 170 170
Maximum Reverse Leakage at VWM (Note 3) ID(uA)
Maximum Peak Pulse Surge Current IPPM (Note 2) (Amps)
50.0 / 61.1 50.0 / 55.3 53.3 / 65.1 53.3 / 58.9 56.7 / 69.3 56.7 / 62.7 60.0 / 73.3 60.0 / 66.3 64.4 / 78.7 64.4 / 71.2 66.7 / 81.5 66.7 / 73.7 71.1 / 86.9 71.1 / 78.6 77.8 / 95.1 77.8 / 86.0 83.3 / 102 83.3 / 92.1 86.7 / 106 86.7 / 95.8 94.4 / 115 94.4 / 104 100 / 122 100 / 111 111 / 136 111 / 123 122 / 149 122 / 135 133 / 163 133 / 147 144 / 176 144 / 159 167 / 204 167 / 185 178 / 218 178 / 197 189 / 231 189 / 209
2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0
37.4 41.2 35.0 38.8 37.0 36.4 31.2 34.4 39.2 32.0 28.0 31.0 26.4 29.2 24.0 26.6 22.4 24.8 21.6 22.8 19.8 20.8 18.8 20.6 16.8 18.6 15.4 16.8 14.0 15.6 13.0 14.4 11.2 12.4 10.4 11.6 9.8 11.0
Maximum Clamping Voltage at IPPM VC(Volts) 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 214 193 231 209 268 243 287 259 304 275
Notes: 1. V(BR) measured after IT applied for 300us, IT=Square wave pulse or equivalent. 2. Surge current waveform per Fig. 3 and derate per Figure 2. 3. For bidirectional types having VWM of 10 Volts and less, the ID limit is doubled 4. all terms and symbols are consistent with ANSI/IEEE C62.35
- 615 -


▲Up To Search▲   

 
Price & Availability of 30SMCJ50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X