|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
2N7002DW 60V N-Channel Enhancement Mode MOSFET FEATURES * RDS(ON), VGS@10V,IDS@500mA=5 * RDS(ON), VGS@4.5V,IDS@75mA=7.5 * Advanced Trench Process Technology * High Density Cell Design For Ultra Low On-Resistance * Specially Designed for Battery Operated Systems, Solid-State Relays Drivers : Relays, Displays, Lamps, Solenoids, Memories, etc. * In compliance with EU RoHS 2002/95/EC directives MECHANICALDATA * Case: SOT-363 Package * Terminals : Solderable per MIL-STD-750,Method 2026 * Marking : 702 Maximum RATINGS and Thermal Characteristics (TA=25OC unless otherwise noted ) PA RA M E TE R D r a i n- S o ur c e Vo l t a g e G a t e - S o ur c e Vo l t a g e C o nt i nuo us D r a i n C ur r e nt P ul s e d D r a i n C ur r e nt 1) S ym b o l VD S VGS ID ID M TA = 2 5 C TA = 7 5 O C O Li mi t 60 +20 11 5 800 200 120 -5 5 to + 1 5 0 625 U ni t s V V mA mA mW O M a xi m um P o w e r D i s s i p a t i o n O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e Juncti on-to Ambi ent Thermal Resi stance(PC B mounted)2 PD TJ , TS T G RJ A C O C /W Note: 1. Maximum DC current limited by the package 2. Surface mounted on FR4 board, t < 10 sec PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE STAD-JUL.26.2007 PAGE . 1 2N7002DW ELECTRICALCHARACTERISTICS P a ra me te r S ta ti c D r a i n- S o ur c e B r e a k d o w n Vo l t a g e G a t e Thr e s ho l d Vo l t a g e D r a i n- S o ur c e O n- S t a t e R e s i s t a nc e D r a i n- S o ur c e O n- S t a t e R e s i s t a nc e Ze r o G a t e Vo l t a g e D r a i n C ur r e nt Gate Body Leakage Forward Transconductance Dynamic To t a l G a t e C h a r g e G a t e - S o ur c e C ha r g e G a t e - D r a i n C ha r g e Tu r n - O n D e l a y Ti m e Tu r n - O f f D e l a y Ti m e In p u t C a p a c i t a n c e O ut p ut C a p a c i t a nc e R e v e r s e Tr a n s f e r C a p a c i t a n c e S o ur c e - D r a i n D i o d e M a x. D i o d e F o r w a r d C ur r e nt D i o d e F o rwa rd Vo lta g e Is VSD IS = 2 5 0 m A , V G S = 0 V 0 .9 3 250 1 .2 mA V Qg Qg s Qg d to n to ff Ciss Coss C rs s V D S =2 5 V, V G S =0 V f=1 .0 MHZ VD D =10V , RL =20 ID =500mA , VG E N =10V RG =10 V D S = 1 5 V , ID = 5 0 0 m A VG S =4.5V 0 .6 0 .1 0 .0 8 9 21 0 .7 15 ns 26 50 25 5 pF nC BVD SS V G S (th) RD S (o n) RD S (o n) ID S S IG S S g fS V G S = 0 V , ID = 1 0 u A V D S = V G S , ID = 2 5 0 u A VG S =4.5V, I D =75mA VG S =10V, I D =500mA VD S =60V, VG S =0V V G S =+ 2 0 V , V D S = 0 V V D S = 1 5 V , ID = 2 5 0 m A 60 1 200 2 .5 7 .5 5 1 +100 uA nA mS V V S ym b o l Te s t C o n d i t i o n M i n. Ty p . M a x. U ni t s Switching Test Circuit VIN VDD RL Gate Charge Test Circuit VGS VDD RL VOUT RG 1mA RG STAD-JUL.26.2007 PAGE . 2 2N7002DW Typical Characteristics Curves (TA=25 C,unless otherwise noted) O I D - Drain Source Current (A) 1.2 ID - Drain-to-Source Current (A) 1.2 1 0.8 0.6 0.4 0.2 0 0 V GS = 10V ~ 6.0V 5.0V 4.0V V DS=10V 1 0.8 0.6 0.4 0.2 0 0 1 2 3 3.0V T J=25 OC 4 5 1 2 3 4 5 6 VDS - Drain-to-Source Voltage (V) VGS - Gate-to-Source Voltage (V) Fig. 1-TYPICAL FORWARD CHARACTERISTIC FIG.1- Output Characteristic FIG.2- Transfer Characteristic 10 5 I D=500mA R DS(ON) - On-Resistance ( W ) R DS(ON) - On-Resistance ( W ) 4 3 2 8 6 V GS=4.5V V GS=10V 4 2 T J=125 OC 1 0 T J=25 OC 2 3 4 5 6 7 8 9 10 0 0 0.2 0.4 0.6 0.8 1 1.2 ID - Drain Current (A) V GS - Gate-to-Source Voltage (V) FIG.3- On Resistance vs Drain Current FIG.4- On Resistance vs Gate to Source Voltage RDS(ON) - On-Resistance(Normalized) 2 1.8 1.6 1.4 1.2 1 0.8 0.6 V GS=10V I D=500mA 0.4 -50 -25 0 25 50 75 100 o 125 150 TJ - Junction Temperature ( C) FIG.5- On Resistance vs Junction Temperature STAD-JUL.26.2007 PAGE . 3 2N7002DW 10 Vgs Qg V GS - Gate-to-Source Voltage (V) 8 6 4 2 0 V DS=15V I D=500mA Vgs(th) Qsw Qg(th) Qgs Qgd 0 0.2 0.4 0.6 0.8 1 Qg Qg - Gate Charge (nC) Fig.6 - Gate Charge Waveform Vth - G-S Threshold Voltage (NORMALIZED) Fig.7 - Gate Charge BVDSS - Breakdown Voltage (V) 1.2 1.1 1 0.9 0.8 0.7 0.6 -50 I D=250uA 73 72 71 70 69 68 67 66 65 I D=250uA -25 0 25 50 75 100 125 150 64 -50 -25 0 25 50 75 100 125 150 TJ - Junction Temperature (o C) TJ - Junction Temperature (o C) Fig.8 - Threshold Voltage vs Temperature 10 IS - Source Current (A) Fig.9 - Breakdown Voltage vs Junction Temperature V GS=0V 1 T J=25 OC T J=125 OC 0.1 T J=-55 OC 0.01 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 VSD - Source-to-Drain Voltage (V) Fig.10 - Source-Drain Diode Forward Voltage STAD-JUL.26.2007 PAGE . 4 2N7002DW MOUNTING PAD LAYOUT ORDER INFORMATION * Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel LEGAL STATEMENT Copyright PanJit International, Inc 2007 The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others. STAD-JUL.26.2007 PAGE . 5 |
Price & Availability of 2N7002DW |