Part Number Hot Search : 
SM0357 74LV138D 1A66C 2SC33 SKIIP2 A124D S1352 LBN08303
Product Description
Full Text Search
 

To Download 1SMA5914 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SMA5914~1SMA5949
SURFACE MOUNT SILICON ZENER DIODE VOLTAGE
FEATURES
* For surface mounted applications in order to optimize board space. * Built-in strain relief * Glass passivated junction * Low inductance * Typical IR less than 1.0A above 12V * Plastic package has Underwriters Laboratory Flammability Classification 94V-O * High temperature soldering : 260C /10 seconds at terminals
.096(2.44) .062(1.60) .047(1.20) .114(2.90) .098(2.50)
3.6 to 100 Volts
POWER
1.5 Watts
SMA/DO-214AC
Unit: inch (mm)
* Low profile package
.181(4.60) .157(4.00)
environment substance directive request
MECHANICALDATA
* Case: JEDEC DO-214AC,Molded plastic over passivated junction. * Terminals: Solder plated,solderable per MIL-STD-750, Method 2026 * Polarity: Color band denotes positive end (cathode) * Standard Packaging:12mm tape (EIA-481) * Weight: 0.002 ounce, 0.064 gram
.060(1.52) .030(0.76)
.078(2.00)
* Pb free product : 99% Sn above can meet RoHS
.012(.305) .006(.152)
.008(.203) .002(.051)
.208(5.28) .188(4.80)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
Pwak Pulse Power Dissipation on TA=70C (Notes A) Derate above 70C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Operating and Storage Temperature Range
VALUE 1.5
UNITS Watts mW / C Amps C
PD IFSM TJ, TSTG
15.0 10 -55 to +150
NOTES: A.Mounted on 5.0mm2 (.013mm thick) land areas. B.Measured on 8.3ms, and single half sine-wave or equivalent square wave ,duty cycle=4 pulses per minute maximum.
STAD-JAN.13.2006
PAGE . 1
1SMA5914~1SMA5949
N o m i n a l Ze n e r Vo l t a g e Part N umber No m.V 1SMA5914 1SMA5915 1SMA5916 1SMA5917 1SMA5918 1SMA5919 1SMA5920 1SMA5921 1SMA5922 1SMA5923 1SMA5924 1SMA5925 1SMA5926 1SMA5927 1SMA5928 1SMA5929 1SMA5930 1SMA5931 1SMA5932 1SMA5933 1SMA5934 1SMA5935 1SMA5936 1SMA5937 1SMA5938 1SMA5939 1SMA5940 1SMA5941 1SMA5942 1SMA5943 1SMA5944 1SMA5945 1SMA5946 1SMA5947 1SMA5948 1SMA5949 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 V z@ I zt M i n. V 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 40.85 44.65 48.45 53.20 58.90 64.60 71.25 77.90 86.45 95.00 M a x. V 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95 45.15 49.35 53.55 58.80 65.10 71.40 78.75 86.10 95.55 105.00 9 8 6 5 4 2 2 3 3 4 4 5 6 7 7 9 10 12 14 18 19 23 26 33 38 45 53 67 70 86 100 120 140 160 200 250 M a x i m u m Ze n e r I m p e d a n c e Z ZT @ I Zt mA 104.2 96.1 87.2 79.8 73.5 66.9 60.5 55.1 50.0 45.7 41.2 37.5 34.1 31.2 28.8 25.0 23.4 20.8 18.7 17.0 15.6 13.9 12.5 11.4 10.4 9.6 8.7 8.0 7.3 6.7 6.0 5.5 5.0 4.6 4.1 3.7 500 500 500 500 350 250 200 200 400 400 500 500 550 550 550 600 600 650 650 650 700 700 750 800 850 900 950 1000 1100 1300 1500 1700 2000 2500 3000 3100 ZZK @ I ZK mA 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 0.50 0.50 0.50 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 A 75.00 25.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 Max R everse Leakage C urrent I R@ V R V 1.00 1.00 1.00 1.50 2.00 3.00 4.00 5.20 6.00 6.50 7.00 8.00 8.40 9.10 9.90 11.40 12.20 13.70 15.20 16.70 18.20 20.60 22.80 25.10 27.40 29.70 32.70 35.80 38.80 42.60 47.10 51.70 56.00 62.20 68.20 76.00 914A 915A 916A 917A 918A 919A 920A 921A 922A 923A 924A 925A 926A 927A 928A 929A 930A 931A 932A 933A 934A 935A 936A 937A 938A 939A 940A 941A 942A 943A 944A 945A 946A 947A 948A 949A Marking C ode
STAD-JAN.13.2006
PAGE . 2
1SMA5914~1SMA5949
P D , MAXIMUM POWER DISSIPATION (WATTS)
qvz, TEMPERATURE COEFICENT (mV/ OC)
2.5 2 1.5 1 0.5 0
10 8 6 4 2 0 -2 -4 2 4 6 8 10 12
V @I Z ZT
0
20
40
60
80
100
120 140 150 180
TL,LEADTEMPERA TURE( C)
O
V , ZENER VOLTAGE (VOLTS) Z
Fig.1 Steady State Power Derating
Fig.2 Zener Voltage - to 12 volts
qvz, TEMPERATURE COEFICENT (mV/ OC)
200 100 70 50 30 20 10 10 20 30 50 70 100 200
V @I Z ZT
Zz, DYNAMIC IMPEDANCE (OHMS)
1K 500 200 100 50 20 10 5 2 1 0.5 1 2 5 10 20
VZ=150V 91V
T = 25 O C J I (rms) =0.1 I (dc) Z Z
62V
22V 12V 6.8V
50
100 200
500
Vz, ZENER VOLTAGE (VOLTS)
Iz, ZENER TEST CURRENT (mA)
Fig.3 Zener Voltage - 14 to 200 Volts
Fig.4 Effect of Zener Current
1K 200 100 70 50 30 20
10mA I Z (dc)=1mA
Ppk, PEAKSURGE POWER (WATTS)
Zz, DYNAMIC IMPEDANCE (OHMS)
500 300 200 100 50 30 20 10 0.1 0.20.3 0.5
RECTANGULAR NONREPETITIVE WAVEFORM O T J =25 C PRIOR TO INTIAL PULSE
10 7 5 3 2
20mA I Z (rms)=0.1I Z (dc)
5
7
10
20 3 0
40
50 60
70
100
1
23
5
10 20 30 50
100
Vz, ZENER VOLTAGE (VOLTS)
PW, PULSE WIDTH (ms)
Fig.5 Effect of Zener Voltage
Fig.6 Maximum Surge Power
STAD-JAN.13.2006
PAGE . 3
1SMA5914~1SMA5949
100
Iz, ZENER CURRENT (mA)
100
Iz, ZENER CURRENT (mA)
50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 1 2 3 4 5 6 7 8 9 10
50 30 20 10 5 3 2 1 0.5 0.3 0.2 0.1 0 10 20 30 40 50 60 70 80 90 100
Vz, ZENER VOLTAGE (VOLTS)
Vz, ZENER VOLTAGE (VOLTS)
Fig.7 Vz = 6.8 thru 10 Volts
Fig.8 Vz = 12 thru 82 Volts
NOTE 3. ZENER VOLTAGE (Vz) MEASUREMENT Nominal zener voltage is measured with the device function in thermal equilibrium with ambient O temperature at 25 C NOTE 4. ZENER IMPEDANCE (Zz) DERIVATION Zzt and Zzk are measured by dividing the ac voltage drop across the device by the accurrent applied. The specified limits are for Iz(ac) = 0.1 Iz, (dc) with the ac freqency = 60Hz
LEGAL STATEMENT
Copyright PanJit International, Inc 2006
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JAN.13.2006
PAGE . 4


▲Up To Search▲   

 
Price & Availability of 1SMA5914

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X