Part Number Hot Search : 
198000 AHCT1 BYD33K LB341 P4KE22 1029G TSL262 55V162
Product Description
Full Text Search
 

To Download 1N5342B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
power rating.
GALAXY ELECTRICAL
ZENER DIODES
1N5333B - - - 1N5388B
POWER DISSIPATION: 5.0 W
Silicon planar power zener diodes For use in stabilizing and clipping curcuits with high
DO - 27
Standard zener voltage tolerance is 10%. Add suffix "B" for 5% tolerance. other zener voltage and tolerances are available upon request.
MECHANICAL DATA
Case:DO-27 Terminals: solderable per MIL-STD-202, method 208 Polarity: cathode Band Marking: type number Approx. weight: 1.15 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SYMBOL
Zener current (see Table "Characteristics") DC pow er dissipation @ TL=75ae , measure at zero lead length (Fig.1) derate above 75 (NOTE 1) Peak forw ard surge current 8.3ms single half sine-w ave superimposed on rated load (JEDEC Method)(NOTE 1,2) Junction temperature
VALUE
UNIT
PD IFSM TJ Ts
5.0 40.0 see fig.5 -55---+150 -55---+150
W mW A
Storage temperature range
NOTES: (1) Mounted on 8.0mm2 copper pads to each terminal.
www.galaxycn.com
(2) 8.3ms single half sine-wav e, or equiv alent square wav e, duty cy cle=4 pulses per minute maximum.
Document Number 0284007
BLGALAXY ELECTRICAL
1.
ELECTRICAL CHARACTERISTICS
Type (Note 1) Zener voltage (Note 2) VZ@IZT V
3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62
(T A=25ae
) Max Reverse Leakage Current IR A
300 150 50 10 5.0 1.0 1.0 1.0 1.0 10 10 10 10 7.5 5.0 5.0 2.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
Maximum Zener Impedance (Note 2) ZZT@IZT
3.0 2.5 2.0 2.0 2.0 1.5 1.0 1.0 1.0 1.0 1.5 1.5 2.0 2.0 2.0 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.0 3.0 3.5 3.5 4.0 5.0 6.0 8.0 10 11 14 20 25 27 35 40 42
IZT mA
380 350 320 290 260 240 220 200 200 175 175 150 150 150 125 125 100 100 100 75 75 70 65 65 65 50 50 50 50 50 40 40 30 30 30 25 25 20 20 20
ZZT@IZK =1A
400 500 500 500 450 400 400 300 200 200 200 200 200 150 125 125 125 100 75 75 75 75 75 75 75 75 100 110 120 130 140 150 160 170 190 210 230 280 350 400
VR V
1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 3.0 5.2 5.7 6.2 6.6 6.9 7.6 8.4 9.1 9.9 10.6 11.5 12.2 12.9 13.7 14.4 15.2 16.7 18.2 19.0 20.6 21.2 22.8 25.1 27.4 29.7 32.7 35.8 38.8 42.6 45.5 47.1
IZM IR VZ (Note 3) (Note 4) (Note 5) A V mA
20 18.7 17.6 16.4 15.3 14.4 13.4 12.7 12.4 11.5 10.7 10.0 9.5 9.2 8.6 8.0 7.5 7.0 6.7 6.3 6.0 5.8 5.5 5.3 5.1 4.7 4.4 4.3 4.1 3.9 3.7 3.5 3.5 3.1 2.8 2.7 2.5 2.3 2.2 2.1 0.85 0.80 0.54 0.49 0.44 0.39 0.25 0.19 0.10 0.15 0.15 0.20 0.20 0.22 0.22 0.25 0.25 0.25 0.25 0.25 0.30 0.35 0.40 0.40 0.40 0.45 0.55 0.55 0.60 0.60 0.60 0.60 0.65 0.65 0.70 0.80 0.90 1.00 1.20 1.35 1440 1320 1220 1100 1010 930 865 790 765 700 630 580 545 520 475 430 395 365 340 315 295 280 264 250 237 216 198 190 176 170 158 144 132 122 110 100 93 86 79 76
1N5333B 1N5334B 1N5335B 1N5336B 1N5337B 1N5338B 1N5339B 1N5340B 1N5341B 1N5342B 1N5343B 1N5344B 1N5345B 1N5346B 1N5347B 1N5348B 1N5349B 1N5350B 1N5351B 1N5352B 1N5353B 1N5354B 1N5355B 1N5356B 1N5357B 1N5358B 1N5359B 1N5360B 1N5361B 1N5362B 1N5363B 1N5364B 1N5365B 1N5366B 1N5367B 1N5368B 1N5369B 1N5370B 1N5371B 1N5372B
www.galaxycn.com
Document Number 0284007
BLGALAXY ELECTRICAL
2.
ELECTRICAL CHARACTERISTICS
Type (Note 1) Zener voltage (Note 2) VZ@IZT V
68 75 82 87 91 100 110 120 130 140 150 160 170 180 190 200
(T A=25ae
) Max Reverse Leakage Current IR A
0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5
Maximum Zener Impedance (Note 2) ZZT@IZT
44 45 65 75 75 90 125 170 190 230 330 350 380 430 450 480
IZT mA
20 20 15 15 15 12 12 10 10 8.0 8.0 8.0 8.0 5.0 5.0 5.0
ZZT@IZK =1A
500 620 720 760 760 800 1000 1150 1250 1500 1500 1650 1750 1750 1850 1850
VR V
51.7 56.0 62.2 66.0 69.2 76.0 83.6 91.2 98.8 106 114 122 129 137 144 152
IZM IR VZ (Note 3) (Note 4) (Note 5) A V mA
2.0 1.9 1.8 1.7 1.6 1.5 1.4 1.3 1.2 1.2 1.1 1.1 1.0 1.0 0.9 0.9 1.5 1.6 1.8 2.0 2.2 2.5 2.5 2.5 2.5 2.5 3.0 3.0 3.0 4.0 5.0 5.0 70 63 58 54.5 52.5 47.5 43.0 39.5 36.6 34.0 31.6 29.4 28.0 26.4 25.0 23.6
1N5373B 1N5374B 1N5375B 1N5376B 1N5377B 1N5378B 1N5379B 1N5380B 1N5381B 1N5382B 1N5383B 1N5384B 1N5385B 1N5386B 1N5387B 1N5388B
NOTE:
www.galaxycn.com
1.TOLERANCE AND VOLTAGE DESIGNATION-The JEDEC type numbers shown indicate a tolerance of 10% with guaranteed limits on only Vz, I R, Ir, and VF as shown in the electrical characteristics table. Units with guaranteed limits on all seven parameters are indicated by suffix "B" for 5% tolerance. 2.ZENER VOLTAGE (Vz) AND IMPEDANCE (ZZT & ZZK) - Test conditions for zener voltage and impedance are as follows;Iz is applied 4010ms prior to reading. Mounting contacts are located from the inside edge of mounting clips to the body of the diode. 3.SURGE CURRENT (Ir) - Surge current is specified as the maximum allowable peak, non-recurrent square-wave current with a pulse width, PW, of 8.3ms. The data given in Fig 5. May be used to find the maximum surge current for a quare wave of any pulse width between 1 ms by plotting the applicable points on logarithmic paper. Examples of this, using the 6.8v and 200v zeners, are shown in Fig 6. Mounting contact located as specified in NOTE 3. 4.VOLTAGE REGULATION (Vz) - Test conditions for voltage regulation are as follows: Vz measurements are the made at 10% and then at 50% of the Iz max value listed in the electrical characteristics table. The test currents are the same for the 5% and 10% tolerance devices. The test current time druation for each Vz measurement is 4010ms.Mounting contact located as specified in NOTE 2. 5.MAXIMUM REGULATOR CURRENT (IZM) - The maximum current shown is based on the maximum voltage of a 5% type unit. Therefore, it applies only to the B-suffix device. The actual IZM for any device may not exceed the value of 5 watts divided by the actual Vzof the device. T=75ae L the device body. at 3/8" maximum from
Document Number 0284007
BLGALAXY ELECTRICAL
3.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 --FORWARD DERATING CURVE Vz TEMPERATURE COEFFICIENT (mv)C J@IZT AVERAGE FORWARD CURRENT
1N5333B - - - 1N5388B
FIG.2 -- TEMPERATURE COEFFICIENT RANGE
8
300 200 100 50 20 10
6
L-LEAD LENGTH TO HEAT SINK
RANGE
AMPERES
4
2
5 0 20 40 60 80 100 120 140 160 180 200 220 240
0 0
20
40
60
80
100 120
140
160 180
200
AMBIENT TEMPERATURE, JL.JUNCTION-TO-LEAD THERMAL RESISTA FIG.3 -- TYPICAL THERMAL RESISTANCE PEAK FORWARD SURGE CURRENT
Vz,ZENER VOLTACE @IZT(VOLTS) FIG.4 -- MAXIMUM NON-REPETITIVE SURGE CURRENT
40
/W)
40 20
RESISTANCE
AMPERES
30
10 4 2 1 .4 .2 .1 2 4 5 8 10 20 30 40 60 80 100 200
20
10
0 0 .2 .4 .6 .8 1
L/LEAD LENGTH TO HEAT SINK(INCH)
NUMBER OF CYCLES AT 60 Hz
FIG.5 -- TYPICAL THERMAL RESPONSE
Jl(1.D)TRANSIENT THERMAL RESISTANCE
JUNCTION-TO-LEAD
/W
20 10
D=0.5
5 D=0.2 D=0.1 2 D=0.05 1 D=0.01 .5 D=0 .2 .001 .005
.01
.05
.1 .5 TIME SECONDS
1
5
10
20
50 100
www.galaxycn.com
Document Number 0284007
BLGALAXY ELECTRICAL
4.
RATINGS AND CHARACTERISTIC CURVES
FIG.6 -- PEAK SURGE CURRENT VERSUS PULSE WIDTH
1N5333B - - - 1N5388B
FIG.7 -- ZENER VOLTAGE VERSUS ZENER CURRENT Vz=6.8 THRU 10 VOLTS
Ir.PEAK SURGE CURRENT(AMPS)
30 VZ=6.8V
10 5 2 1 .5 .2 .1
Iz,ZENER CURRENT(mA)
20
1000 100 10 1 .1
T=25ae Tc=25ae
VZ=200V 1 10 100 1000
1
2
3
4
5
6
7
8
9
10
PW,PULSE WIDTH(ms) FIG.8 -- ZENER VOLTAGE VERSUS ZENER CURRENT Vz=11 THRU 75 VOLTS
Vz,ZENER VOLTAGE(VOLTS) FIG.9 -- ZENER VOLTAGE VERSUS ZENER CURRENT Vz=82 THRU 200 VOLTS
Iz,ZENER CURRENT(mA)
1000 T=25ae
Iz,ZENER CURRENT(mA)
1000
100
100
10
10
1
1
.1
.1 80
100
120
140
160
180
200
220
10
20
30
40
50
60
70
80
Vz,ZENER VOLTAGE(VOLTS)
Vz,ZENER VOLTAGE(VOLTS)
www.galaxycn.com
Document Number 0284007
BLGALAXY ELECTRICAL
5.


▲Up To Search▲   

 
Price & Availability of 1N5342B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X