Part Number Hot Search : 
UCD3138 TCXNL 1N5737A BD9885 DQ120 Y62126E SM2761 WSD751D
Product Description
Full Text Search
 

To Download 1-1393230-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Special Load PCB Relay RP 3 SL
I I I I I I
1 pole 16 A, 1 NO contact For high inrush currents, 120 A / 20 ms inrush peak current Mono- or bistable 4 kV / 8 mm coil-contact RoHS compliant (Directive 2002/95/EC) as per product date code 0404
Applications Lighting control, timers, motor control, building automation
F0147-A
Approvals
VREG.-Nr. of approved types ononly), Z E214024, H 2011340.05 (DC vers. only) 3736 (DC versions Technical data request
Contact data
Contact configuration Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Limiting continuous current Maximum breaking capacity AC Limiting making capacity, max 4 s, duty factor 10% peak value, max 20 ms Contact material Mechanical endurance DC bistable Rated frequency of operation with / without load Contact Type RP3SL RP3SL ratings Load 16 A, 250 VAC, 70C, 16 min-1, IEC61810-1 12 A, 250 VAC, 70C, 16 min-1, IEC61810-1 1 NO single contact micro-disconnection 16 A 240/400 VAC 16 A 4000 VA 25 A 120 A AgSnO2 > 20x106 cycles > 1x 106 cycles 16 / 1200 min-1
Cycles 5x104 1x105
Coil data
Coil data, monostable coil Rated coil voltage range Coil power Operative range RTII / RTIII 5...110 VDC typ 520 mW 2/1
Coil versions, DC-coil Coil Rated Operate Release Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC c mW + 012 12 9.0 1.2 270+10% 533 + 024 24 18.0 2.4 1100+15% 524 048 48 36.0 4.8 4400+15% 524 060 60 45.0 6.0 6540+15% 550 All figures are given for coil without preenergization, at ambient temperature +23C Other coil voltages on request
1
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Special Load PCB Relay RP 3 SL (Continued)
Coil data, bistable coils Rated coil voltage range Coil power Operative range Reset voltage minimum / maximum, % of Urtd Minimum energization duration Maximum energization duration
2 coils 5...24 VDC typ 1,25 W 1 70% / 110% 75% / 120% 20 ms 1 min at < 50% DF
1 coil
Coil versions, bistable DC-coil Coil Rated Operate Reset Reset Coil Rated coil code voltage voltage voltage R1 resistance power VDC VDC VDC c/W c mW bistable, 1 coil A05 5 3.7 3.6 39/0.5 21+10% 1190 A12 12 9.0 8.7 220/0.5 115+10% 1252 A24 24 18.0 16.7 820/0.5 460+10% 1252 bistable, 2 coils F12 12 9.0 9.0 105+15% 1371 F24 24 18.0 18.0 460+15% 1252 All figures are given for coil without preenergization, at ambient temperature +23C, duty factor 20%. Other coil voltages on request
Circuit scheme for bistable 1 coil
Insulation
Dielectric strength coil-contact circuit open contact circuit Clearance / creepage coil-contact circuit Material group of insulation parts Tracking index of relay base Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 4000 Vrms 2000 Vrms W 8 / 8 mm W IIIa PTI 250 V basic functional 250 V 3 240 V III 2 400 V PCB layout / terminal assignment
Bottom view on solder pins
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0404 Flammability class according to UL94 V-2 Ambient temperature range RTII - flux proof -40...+70C RTIII - wash tight -40...+35C Operate- / release time DC coil typ 8 / 2 ms Operate- / reset time bistable coils typ 6 / 2 ms Bounce time typ 2 ms Vibration resistance (function), opening of closed contact 20 g Shock resistance (destruction) 100 g Category of protection RTII - flux proof, RTIII - wash tight Mounting pcb or on socket Mounting distance 12A / 16A 0 / 3 mm Resistance to soldering heat flux proof version 270 C / 10 s wash tight version 260C / 5 s Relay weight 18 g Packaging unit monostable, bistable 1 coil 20 / 500 pcs bistable 2 coils 100 pcs
S0163-CR
S0163-CS
Accessories
For monostable and bistable 1 coil version, details see accessories RT
Bistable versions: Indicated contact position during or after coil energization with reset voltage. 2-coil versions: Operate A2, A3 Reset A1, A3 b) for 2 coil version only
2
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Special Load PCB Relay RP 3 SL (Continued)
Dimensions
S0273-BC
Product key Type Version 3 flux proof 7 Contact configuration / contact material SL 1 NO contact, AgSnO2 Coil Coil code: please refer to coil versions table Preferred types in bold print
RP
SL
wash tight
Product key RP3SL005 RP3SL012 RP3SL024 RP3SLA12 RP3SLA24 RP3SLF12 RP3SLF24 RP7SL012 RP7SL024
Version 16 A flux proof
Contacts 1 NO contact AgSnO2
Coil DC-coil bistable 1-coil bistable 2-coils DC-coil
16 A wash tight
Coil 5 VDC 12 VDC 24 VDC 12 VDC 24 VDC 12 VDC 24 VDC 12 VDC 24 VDC
Part number 0-1393230-7 0-1393230-9 1-1393230-1 0-1393230-3 0-1393230-4 0-1393230-5 0-1393230-6 6-1393231-5 6-1393231-6
3
Datasheet Rev. EK1 Issued 2005/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of 1-1393230-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X