Part Number Hot Search : 
OM370 Z12D5 UN421D PND05A6 2064VE N4003 A102P A102P
Product Description
Full Text Search
 

To Download 0350-T048 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Power Transformer
Type: LC128B
Product Description
13.0mm Max.(LxW), 8.5mm Max. Height. In addition to the typical versions of parameters shown here, custom designs are available to meet your exact requirements.
Feature
Magnetically shielded construction. Max. Operating frequency 500kHz, Max. Operating Power 2.9W (500kHz), 1.9W(300kHz), 0.8W(100kHz). Ideally used in Portable equipment, Drive for fluorescent display tube. RoHS Compliance
Dimensions (mm)
0.50.1
36
8.5 MAX.
+1.0 -0.5 2.5
10.00.3 12.50.5
Schematics (Bottom)
S

" S" is winding start
S
Specification
Sample No. Inductance (7-9) 1kHz/1V 5.2mH 30% Hi-pot (1,3 - 6,8) (50/60Hz) AC 1000Vrms/1min. Hi-pot (1,3,6,8- Core) (50/60Hz) AC 1000Vrms/1min.
0350 - T048
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/1


▲Up To Search▲   

 
Price & Availability of 0350-T048

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X