Part Number Hot Search : 
MC101 APT8M80K D8M125V NTE1102 218100P FBI8D5M1 P6SMBJ07 1451C
Product Description
Full Text Search
 

To Download XU1014-QH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8.0-18.0 GHz Up-Converter QFN, 4x4mm
December 2007 - Rev 18-Dec-07
U1014-QH
Features
Integrated Balanced Mixer, LO Buffer +22.0 dBm Input Third Order Intercept (IIP3) +5.0 dBm LO Drive Level 4x4mm QFN Package 100% RF and DC Testing
General Description
Mimix Broadband's 8.0-18.0 GHz GaAs packaged up-converter has an input third order intercept point of +22.0 dBm and 10.0 dB of conversion loss. The device consists of a balanced resistive pHEMT mixer and LO buffer amplifier packaged in an in an industry standard, fully molded 4x4mm QFN package. The device includes on-chip ESD protection structures and DC by-pass capacitors to ease the mplementation and volume assembly of the packaged part. This device is well suited for Millimeter-wave Point-to-Point Radio, LMDS, SATCOM and VSAT applications.
Absolute Maximum Ratings
Parameter Drain Voltage Supply (Vdd) Drain Current (Ids) Input Power (Pin) IF Input Power (Pin) LO Storage Temperature (Tstg) Units Min. V mA dBm dBm C -55 Operating Backside Temperature (Tb) C -45 ESD-Machine Model (ESD_MM) V 50 ESD-Human Body Model (ESD_HBM) V 200 MSL2 MSL Level (MSL) Max. 5 85 5 10 +150 +85 -
Electrical Characteristics (Ambient Temperature T = 25 oC)
Parameter Frequency Range (RF/LO) Frequency Range (IF) Conversion Loss (CL) Input Third Order Intercept (IIP3) LO Input Drive LO Leakage at RF RF Input Return Loss LO Input Return Loss IF Input Return Loss Drain Bias Voltage (Vd) Gate Bias Voltage (Vg1) Gate Bias Voltage (Vg2) Supply Current (Id1) Units GHz GHz dB dBm dBm dBm dB dB dB VDC VDC VDC mA Min. 8 DC Typ. Max. 18 3.5
10 22 5 -25 15 15 15 4 -0.3 -2 80
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Page 1 of 1
Characteristic Data and Specifications are subject to change without notice. (c)2007 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws.


▲Up To Search▲   

 
Price & Availability of XU1014-QH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X