Part Number Hot Search : 
021K0 SMM152 FR102 H2103B01 IZD1520 24C16 24C16 IZD1520
Product Description
Full Text Search
 

To Download USF11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
Low cost
GALAXY ELECTRICAL
USF11 --- USF14
VOLTAGE RANGE: 50 --- 200 V CURRENT: 1.0 A
SUPER FAST RECTIFIER
DO - 41
Low leakage Low forward voltage drop High current capability Easily cleaned with alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
MECHANICAL DATA
Case:JEDEC DO--41,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.012 ounces,0.34 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60Hz,resistive or inductive load. For capacitive load,derate by 20%.
USF11
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75
USF12
100 70 100 1.0
USF13
150 105 150
USF14
200 140 200
UNITS
V V V A
VRRM VRMS VDC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
30.0
A
Maximum instantaneous forw ard voltage @ 1.0A Maximum reverse current at rated DC blocking voltage @TA=25 @TA=100
VF IR trr CJ RJA TJ TSTG
0.92 5.0 100.0 20 7 50 - 55 ----- + 150 - 55 ----- + 150
V A ns pF /W
Maximum reverse recovery time (Note1) Typical junction capacitance Typical thermal resistance (Note2) (Note3)
Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F =0.5A, I R=1A, I rr=0.25A.
www.galaxycn.com
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 3. Thermal resistance f rom junction to ambient.
Document Number 0264028
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
trr
50 N 1. 10 N 1.
USF11 --- USF14
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
+0.5A 0
PULSE GENERATOR (NOTE2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE 1)
D.U.T. (+) 25VDC (approx) (-)
-0.25A
-1.0A
1cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE = 1M .22pF. JJJJJ2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50 .
SET TIME BASE FOR 10/20 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC INSTANTANEOUS FORWARD
100 40 20 10 4.0 2.0 1.0 0.4 0.2 0.1 0.04 0.02 0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
FIG.3 -- FORWARD DERATING CURVE AVERAGE FORWARD CURRENT AMPERES
2
Single Phase Half Wave 60HZ Resistive or Inductive Load 0.375"(9.5mm)Lead Length
z
CURRENT, AMPERES
TJ=25 P u ls e W id th = 3 0 0 s
1
0
0
25
50
75
100 125
150
175
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.4 -- TYPICAL JUNCTION CAPACITANCE
AMBIENT TEMPERATURE, FIG.5 -- PEAK FORWARD SURGE CURRENT
JUNCTION CAPACITANCE,pF
PEAK FORWARD SURGE CURRENT, AMPERES
100 60 40 20 10 6 4 2 1 0.2 0.1
TJ=25 f=1.0MHZ
30 25 20 15 10 5 0 1 5 10 50 100
8.3ms Single Half Sine-Wave
0.4
1
2
4
10
20 40
100
REVERSE VOLTAGE,VOLTS FIG.6 -- TYPICAL REVERSE CHARACTERISTIC CURRENT, MICROAMPERES
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS REVERSE
100
T J= 1 5 0
10
1
T J= 1 0 0
.1
T J= 2 5
.0 1 0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE,
www.galaxycn.com
Document Number 0264028
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of USF11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X