Part Number Hot Search : 
CXA1298 29L333C CXA1298 C1005CH1 2N1305 KN2907 TSL25 2MK35
Product Description
Full Text Search
 

To Download US79KUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 US79 Series
CMOS Power Hall IC Features and Benefits
* * * * * * * * * Built-in Reverse Voltage Protection Built-in RFI Filter Power Efficient CMOS and Power MOSFET Drivers allow 400mA without overheating Built-in Zener Diodes Protect Outputs Eliminate all Fan Components Eliminate PC Board 5V and 12V Operation High Sensitivity for switching symmetry Locked Rotor Shutdown
Applications
* * Fan sizes up to 90mm Current range up to 400mA
Ordering Information
Part No. US79 Temperature Suffix K (-40 to 125 C C) Package Code UA (TO-92 flat)
1. Functional Diagram
2. Description
The US79KUA is the most advanced Smart Fan Control Hall IC. It is designed for 5V and 12V cooling commutation. The chip contains many features to allow survival in a harsh environment. The IC was designed to eliminate all discrete components such as capacitors, resistors, transistors, diodes, PC board and associated labor, replacing US$0.25 to US$0.35 in direct cost. The K rating guarantees proper operation up to an ambient temperature of 125C. Hall IC circuitry and power FET output provide a low power dissipation cool chip. Locked Rotor conditions are detected by the IC when there is no motion for one second and will shut off the motor drive for five seconds. Then, the IC will turn on the drive current for one second. This sequence continues indefinitely until the locked rotor condition is fixed. This feature prevents overheating.
123
39010US79 Rev. 006
Page 1 of 9
DataSheet Feb/04
US79 Series
CMOS Power Hall IC
TABLE OF CONTENTS
FEATURES AND BENEFITS ...................................................................................................................... 1 APPLICATIONS............................................................................................................................................ 1 ORDERING INFORMATION......................................................................................................................... 1 1. 2. 3. 4. 5. 6. 7. 8. 9. FUNCTIONAL DIAGRAM...................................................................................................................... 1 DESCRIPTION....................................................................................................................................... 1 GLOSSARY OF TERMS ....................................................................................................................... 3 ABSOLUTE MAXIMUM RATINGS ....................................................................................................... 3 US79 ELECTRICAL SPECIFICATIONS ............................................................................................... 3 US79 MAGNETIC SPECIFICATIONS................................................................................................... 3 UNIQUE FEATURES............................................................................................................................. 4 PERFORMANCE GRAPHS................................................................................................................... 4 APPLICATION INFORMATION ............................................................................................................ 6
10. RELIABILITY INFORMATION............................................................................................................... 7 11. ESD PRECAUTIONS............................................................................................................................. 7 12. PACKAGE INFORMATION................................................................................................................... 8 13. DISCLAIMER ......................................................................................................................................... 9
39010US79 Rev. 006
Page 2 of 9
DataSheet Feb/04
US79 Series
CMOS Power Hall IC
3. Glossary of Terms
MilliTesla (mT), Gauss: Units of magnetic flux density; 1 milliTesla = 10 Gauss. Two-Coil Fan: a fan with two coil windings, current alternates from 1 coil to the other depending on the polarity of the magnetic field. Two-wire Fan: A fan that has only two connections for the power supply plus and minus. Locked rotor: The condition of a fan that has stopped spinning due to mechanical blockage .
4. Absolute Maximum Ratings
Supply Voltage, VDD Output Current (Fault), IOUT Operating Temperature Range, TA Storage Temperature Range, TS Maximun Junction Temp, TJ (-0.3 to 18)V 500mA -40 to 125 C -55 to 165 C 150C
Exceeding the absolute maximum ratings may cause permanent damage. Exposure to absolutemaximum-rated conditions for extended periods may affect device reliability.
5. US79 Electrical Specifications
DC operating parameters: TA = 25 C, VDD = 12V unless otherwise specified
o
Parameter Supply Voltage Supply Current Output Saturation voltage Output Saturation voltage Thermal resistance
Symbol VDD IDD VDSS VDSS Rth
Test Conditions Operating Operating IOUT = 150mA IOUT = 350mA Operating
Min 3.5
Typ -
Max 18
Units V
2.0 300 650 190 0.8 5
4 600 1100
o
mA mV mV C/W S S
Locked-Rotor Period Locked-Rotor period
ton toff
6. US79 Magnetic Specifications
DC operating parameters: TA = 25 oC, VDD = 12V unless otherwise specified. Parameter Symbol Test Conditions Min Operate Point Release Point Hysteresis BOP BRP BHYS Operating Operating Operating -6.0 2.0 Typ 2.5 -2.5 5.0 Max 6.0 Units mT mT mT
39010US79 Rev. 006
Page 3 of 9
DataSheet Feb/04
US79 Series
CMOS Power Hall IC 7. Unique Features
Reverse voltage protection eliminates the need for a diode. Reverse current flows through the coils and the chip. Power dissipation is (2 * Istall/Istart * 0.7V). Table 1 presents max temperature for each current.
Reverse Voltage protection is provided by the motor windings. The 35V Zener diodes clamp the output drivers for overstress protection.
8. Performance Graphs
39010US79 Rev. 006
Page 4 of 9
DataSheet Feb/04
US79 Series
CMOS Power Hall IC
39010US79 Rev. 006
Page 5 of 9
DataSheet Feb/04
US79 Series
CMOS Power Hall IC
9. Applications Information
39010US79 Rev. 006
Page 6 of 9
DataSheet Feb/04
US79 Series
CMOS Power Hall IC 10. Reliability Information
This Melexis device is classified and qualified regarding soldering technology, solderability and moisture sensitivity level, as defined in this specification, according to following test methods: * * * * * * IPC/JEDEC J-STD-020 Moisture/Reflow Sensitivity Classification For Nonhermetic Solid State Surface Mount Devices (classification reflow profiles according to table 5-2) EIA/JEDEC JESD22-A113 Preconditioning of Nonhermetic Surface Mount Devices Prior to Reliability Testing (reflow profiles according to table 2) CECC00802 Standard Method For The Specification of Surface Mounting Components (SMDs) of Assessed Quality EIA/JEDEC JESD22-B106 Resistance to soldering temperature for through-hole mounted devices EN60749-15 Resistance to soldering temperature for through-hole mounted devices MIL 883 Method 2003 / EIA/JEDEC JESD22-B102 Solderability
For all soldering technologies deviating from above mentioned standard conditions (regarding peak temperature, temperature gradient, temperature profile etc) additional classification and qualification tests have to be agreed upon with Melexis. The application of Wave Soldering for SMD's is allowed only after consulting Melexis regarding assurance of adhesive strength between device and board. Based on Melexis commitment to environmental responsibility, European legislation (Directive on the Restriction of the Use of Certain Hazardous substances, RoHS) and customer requests, Melexis has installed a Roadmap to qualify their package families for lead free processes also. Various lead free generic qualifications are running, current results on request. For more information on manufacturability/solderability see quality page at our website: http://www.melexis.com/html/pdf/MLXleadfree-statement.pdf
11. ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static Discharge control procedures whenever handling semiconductor products.
39010US79 Rev. 006
Page 7 of 9
DataSheet Feb/04
US79 Series
CMOS Power Hall IC 12. Package Information
39010US79 Rev. 006
Page 8 of 9
DataSheet Feb/04
US79 Series
CMOS Power Hall IC 13. Disclaimer
Devices sold by Melexis are covered by the warranty and patent indemnification provisions appearing in its Term of Sale. Melexis makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Melexis reserves the right to change specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is necessary to check with Melexis for current information. This product is intended for use in normal commercial applications. Applications requiring extended temperature range, unusual environmental requirements, or high reliability applications, such as military, medical life-support or life-sustaining equipment are specifically not recommended without additional processing by Melexis for each application. The information furnished by Melexis is believed to be correct and accurate. However, Melexis shall not be liable to recipient or any third party for any damages, including but not limited to personal injury, property damage, loss of profits, loss of use, interrupt of business or indirect, special incidental or consequential damages, of any kind, in connection with or arising out of the furnishing, performance or use of the technical data herein. No obligation or liability to recipient or any third party shall arise or flow out of Melexis' rendering of technical or other services. (c) 2002 Melexis NV. All rights reserved.
For the latest version of this document, go to our website at:
www.melexis.com
Or for additional information contact Melexis Direct:
Europe and Japan:
Phone: +32 13 67 04 95 E-mail: sales_europe@melexis.com
All other locations:
Phone: +1 603 223 2362 E-mail: sales_usa@melexis.com
ISO/TS 16949 and ISO14001 Certified 39010US79 Rev. 006 Page 9 of 9 DataSheet Feb/04


▲Up To Search▲   

 
Price & Availability of US79KUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X