Part Number Hot Search : 
KCF25A20 T1010 LTC12901 SP5654KG OCMS2X6 ICS91 ACT32 MR851GP
Product Description
Full Text Search
 

To Download SR1020CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
SR1020CT - - - SR1060CT
REVERSE VOLTAGE: 20 - 60 V FORWARD CURRENT: 10 A
DUAL SCHOTTKY RECTIFIERS
Metal-semiconductor junction with guard ring Epitaxial construction For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications Low forward voltage drop,low switching losses High surge capability The plastic material carries U/L recognition 94V-0
TO-220AB
MECHANICAL DATA
Case:JEDEC TO--220AB,molded plastic 111 Terminals: Plated leads, solderable per MIL-STD-111 750, Method 2026 Polarity: As marked Weight: 0.08ounce, 2.24 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified.
Single phase,half wave,50 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SR 1020CT
Maximum recurrent peak reverse voltage Working peak reverse voltage Maximum DC blocking voltage Maximum average forw ard rectified current v (See FIG.1) Peak forw ard surge current 8.3 ms single half c sine-w ave superimposed on rated load c (JEDEC Method) @TJ =125 Maximum instantaneous forw ard voltage per leg c c @ 5A (Note1) Maximum reverse current at rated DC blocking voltage @TA=25 @TA=100
SR 1030CT
30 21 30
SR 1040CT
40 28 40 10.0
SR 1050CT
50 35 50
SR 1060CT
60 42 60
UNITS
V V V A
VRRM VRMS VDC IF(AV)
20 14 20
IFSM
175.0
A
VF IR TJ TSTG
0.65 0.5
0.75
V
mA 50.0 -55 --- + 150 -55 --- + 150
www.galaxycn.com
Operating junction temperature range Storage temperature range
Note: 1. Pulse test:300us pulse width,1% duty cy cle.
Document Number 0267001
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 --FORWARD CURRENT DERATING CURVE INSTANTANEOUS REVERSE CURRENT MILLIAMPERES AVERAGE FORWARD CURRENT
SR1020CT - - - SR1060CT
FIG.2 -- TYPICAL REVERSE CHARACTERISTICS PER LEG
10
SR1020CT-SR1040CT SR1050CT-SR1060CT
12 10
TJ=125ae 1
AMPERES
Resistive or inductive load
8 6 4 2 0 0
.1 TJ=75ae
SR1020CT-SR1040CT SR1050CT-SR1060CT
.01 TJ=25ae .001 0 20 40 60 80 100
50
100
150
CASE TEMPERATURE, FIG.3 -- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG INSTANTANEOUS FORWARD CURRENT
50
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
FIG.4 -- PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT AMPERES
200 175 150 125 100 75 50 25 0 1 5 10 50 100
TJ=TJMAX. 8.3ms Single Half Sine-Wave (JEDEC Method)
10 TJ=125
Pulse width = 300s 1% Duty Cycle
AMPERES
TJ=25 1
.1 SR1020CT-SR1040CT SR1050CT-SR1060CT
.01 0
.1 .2
.3 .4
.5 .6
.7 .8
.9 1.0 1.1 1.2
INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG.5 -- TYPICAL JUNCTION CAPACITANCE TRANSIENT THERMAL IMPEDANCE, /W
NUMBER OF CYCLE AT 60Hz FIG.6 -- TYPICAL TRANSIENT THERMAL IMPEDANCE
JUNCTION CAPACITANCE, pF
100
4000
TJ=25
1000
10
1
SR1020CT-SR1040CT SR1050CT-SR1060CT
100 0.1
1
10
100
0.1
0.01
0.1
1
10
100
REVERSE VOLTAGE, VOLTS
PULSE DURATION, Sec
www.galaxycn.com
Document Number 0267001
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of SR1020CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X