Part Number Hot Search : 
YB25D PG3202 WP383GDT TDA821 C823A EASSM23 1N5350B 001SMB
Product Description
Full Text Search
 

To Download SPA-0101-27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPA-0101-27
Features
* * * * * Frequency Range 5 - 65 MHz Low Cost Industry Standard SMT package Available in Tape-and -Reel 75 Ohms Characteristic Impedance The SPA-0101-27 is a 0 In-phase two way power splitter designed for applications that require small, low cost and highly reliable surface mount components. Applications may be found in broadband, wireless and other communications systems. S-Parameters are available on request.
SURFACE MOUNT 2-WAY SPLITTER
Description
Specifications
Parameter Frequency Range (MHz) Insertion Loss (dB) Isolation (dB) Return Loss (dB) Amplitude Balance (dB) Phase Balance (Degrees) 28 Minimum 5 0.2 35 23 0.1 1.0 20 0.3 3.0 Typical Maximum 65 0.35
Absolute Maximum Ratings
Parameter RF Power Operating Temperature Storage Temperature Re-flow Temperature Maximum +33 dBm -55 to +100 C -55 to +100 C + 240 C
Note: Typical values represent Mid-band performance @ 25C.
Schematic
Package - S06
Pin Functions
Function INPUT OUTPUT 1 OUTPUT 2 GROUND Pin 1 3 4 2,5,6
Typical Test Data - Insertion Loss and Amplitude Balance
Typical Test Data - Return Loss and Output Isolation
Insertion Loss and Am plitude Balance -3 -3.1 -3.2 dB -3.3 -3.4 -3.5 5 12 19 26 33 40 47 54 61 68 75 Frequency (MHz)
Specifications and information on this data sheet are subject to change without notice..
1860 Hartog Drive, San Jose, California 95131 USA Leffelholzstr. 20, D-90441, Nurnberg, Germany 2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100 Tel: 001-408-436-7720 Tel: +49(0)911/9411 233 Tel: (86)21-5416-8648
Return Loss and Isolation -20 -25 dB -30 -35 -40 5 12 19 26 33 40 47 54 61 68 75 Frequency (MHz)
S21 S31
S11 S22 S33 S32
Fax: 001-408-436-7689 Fax: +49(0)911/9411 198 Fax: (86)21-5416-8753
Email: Sales@premierdevices.com Email: Sales.germany@premierdevices.com Email: Sales.china@premierdevices.com


▲Up To Search▲   

 
Price & Availability of SPA-0101-27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X