Part Number Hot Search : 
5HT100 AS6002 06000 STRAIGHT 245ADG MSK151 2SB867 IS25C
Product Description
Full Text Search
 

To Download SOT2307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Package information - SOT23
Surface mounted, 3 pin package Package outline
E
e b 3 leads e1
L1
E1
D
A A1 L c
Dim. A A1 b c D e
Millimeters Min. 0.01 0.30 0.085 2.80 Max. 1.12 0.10 0.50 0.20 3.04 -
Inches Min. 0.0004 0.012 0.003 0.110 Max. 0.044 0.004 0.020 0.008 0.120
Dim. e1 E E1 L L1 -
Millimeters Min. 2.10 1.20 0.25 0.45 Max. 2.64 1.40 0.60 0.62 1.90 NOM
Inches Min. 0.083 0.047 0.0098 0.018 Max. 0.104 0.055 0.0236 0.024 0.075 NOM
0.95 NOM
0.037 NOM
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Soldering footprint
0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
mm inches
Issue 4 - May 2007
(c) Zetex Semiconductors plc 2007
1
www.zetex.com
Package information - SOT23
Nominal weight
Nominal weight per device 8mg.
Tape and reel information
Orientation Tape width (mm) 8 8 Reel size (inches) 7 13 No. of components 3,000 10,000 Tape option indicator TA TC
Embossed carrier tape configuration
P0 K t
Top cover tape 10 pitches culmulative tolerance on tape 0.2mm (0.008")
D
P2
E
See Note 1
A0
See Note 1
F
W
B1
K0
See Note 1
B0 P
Embossment Center lines of cavity
D1
User direction of feed
Dimensions mm (inches) A0, B0, K0 B1 (max.) D D1 (max.) E F P
Tape size (mm) 8 See note
*
12 See note
*
16 See note
*
24 See note* 20.10 (0.791) 1.50 + 0.10 - 0.00 1.50 (0.059) 1.75 0.10 11.50 0.10 (0.453 0.004) 4.00 0.10 (0.157 0.004) to 20.00 0.10 (0.787 0.004) in 4.00 (0.157) increments 4.00 0.10 2.00 0.05 0.40 24.30 (0.957)
4.55 (0.179) 1.50 + 0.10 - 0.00 1.00 (0.039) 1.75 0.10 3.50 0.10 (0.138 0.004) 4.00 0.10 (0.157 0.004)
8.20 (0.323) 1.50 + 0.10 - 0.00 1.50 (0.059) 1.75 0.10 5.50 0.05 (0.217 0.002) 4.00 0.10 (0.157 0.004) 8.00 0.10 (0.315 0.004)
12.10 (0.476) 1.50 + 0.10 - 0.00 1.50 (0.059) 1.75 0.10 7.50 0.10 (0.295 0.004) 4.00 0.10 (0.157 0.004) 8.00 0.10 (0.315 0.004) 12.00 0.10 (0.472 0.004) 4.00 0.10 2.00 0.05 0.40 16.30 (0.642)
P0 P2 t (max.) W
4.00 0.10 2.00 0.05 0.40 8.00 (0.315)
4.00 0.10 2.00 0.05 0.40 12.00 0.30 (0.472 0.012)
NOTES: * A0, B0 and K0 dimensions are determined with respect to EIA/JEDEC rotational and lateral movement requirements (see fig. 1).
Issue 4 - May 2007
(c) Zetex Semiconductors plc 2007
2
www.zetex.com
Package information - SOT23
0.5mm maximum 20 maximum Component cavity center line
0.5mm maximum 20 maximum
B0
Component center line A0
Sketch A (top view) Component lateral movement
Sketch B (side or front sectional view) Component rotation - side view
Sketch C (top view) Component rotation - top view
Figure 1 - rotational and lateral movement
Reel configuration
Tape slot in core for tape start. 2.5mm min. width, 10mm min. depth
T
B
A
D
N
C
Full radius
G
Tape option TA TC
A max. 179 (7.047) 330 (12.992)
B min. 1.5 (0.06) G
C 13.00 - 13.02 (0.512 - 0.52)
D min. 25.0 (0.984) 20.2 (0.795) T max.
N min. 50 (1.969)
Tape size 8mm 12mm 16mm 24mm
8.4 -9.9 (0.33 - 0.39) 12.4 -16.4 (0.49 - 0.569) 16.4 -18.4 (0.65 - 0.729 ) 24.4 - 26.4 (0.96 - 1.039)
14.4 (0.567) 18.4 (0.724) 22.4 (0.882) 30.4 (1.197)
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned. The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Issue 4 - May 2007
(c) Zetex Semiconductors plc 2007
3
www.zetex.com


▲Up To Search▲   

 
Price & Availability of SOT2307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X