|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SMDT-160 Diode-Thyristor Module Type SMDT-160-08 SMDT-160-12 SMDT-160-14 SMDT-160-16 SMDT-160-18 VRSM 900 1300 1500 1700 1900 VRRM , VDRM 800 1200 1400 1600 1800 Type ITAVM, ITRMS, T C IFAVM IFRMS ITM, ITSM, (di/dt)cr (dv/dt)cr V TM IFSM IFM VTI V rT tq VGT IGT TVJM Visol RthJC O A A O C kA 4.8 A/ s V/ s V A mS mA : sV C V K/W SMDT-160 165 355 85 150 500 1.6 400 0.8 1.6 150 2.0 100 125 2500 0.15 3 -I6 4 - 2.8H 0.8 3 38 31 22.5 9 G 2K 22 - i -i 6.4 6.4 35 2 1 46 80 94 Features: C Industrial standard package C tranasfer through aluminium nitride Heat ceramic isolated metal baseplate C Precise internal pressure contacts for high reability C RMS isolation voltage 2500V Typical Applications: Cmotor control DC Cmotor soft starter AC C Temperature control (e.g. for ovens, chemical processes) C Lighting control SEMPO Electronic Limited www.sempoel.com |
Price & Availability of SMDT-160-12 |