Part Number Hot Search : 
P0642SC 10276BC AM27S45A AM27S45A SMBJ30C MCH6604 MAX16 2N720A
Product Description
Full Text Search
 

To Download SGM9117ZS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary Data sheet
SGM9117
Triple, 200MHz 6dB, Video Driver
FEATURES
* * * * * * * * * Triple 200MHz Video Drivers Transparent input clamping 6dB output driver Gain and drive dual video load Rail-to-Rail Output Input Voltage Range Includes Ground AC or DC Coupled Inputs AC or DC Coupled Outputs Operates from 2.5 V to 5.5 V Single power supply Low Power (9.2mA/channel) 27.5 mA total Supply Current * Lead (Pb) Free SOIC-8 package
PRODUCT DESCRIPTION
The SGM9117 includes triple high-speed video buffers with G = +2 in one package. Every video buffer has -3 dB full signal bandwidth in excess of 200 MHz, along with slew rates in excess of 300 V/s. With-65 dB of crosstalk at 1MHz, the SGM9117 is useful in many high-speed applications. The differential gain and differential phase error are 0.01% and 0.02.The SGM9117 is ideal for RGB and YPbPr signal buffering or driving. Operating from single supplies ranging from +2.5V to +5.5V and sinking an ultra-low 27.5mA quiescent current, the SGM9117 is also ideally suited for battery powered applications. The SGM9117 is specified over the extended -40C to +125C temperature range. It has lead (Pb) free SOIC-8 package.
PIN CONFIGURATIONS (Top View) APPLICATIONS
Video amplifier Cable and Satellite set- top box Communications device Video on demand Portable and handheld product Personal video recorder DVD player HDTV Projector
IN1 IN2 IN3 +VS 1 2 3 4 SO-8
SGM9117
8 7 6 5 OUT1 OUT2 OUT3 GND
BLOCK DIAGRAM
IN1
Transparent Clamp
6 dB
OUT1
IN2
Transparent Clamp
6 dB
OUT2
IN3
Transparent Clamp
6 dB
OUT3
Shengbang Microelectronics Co, Ltd Tel: 86/451/84348461 www.sg-micro.com
Jan. 2007
ELECTRICAL CHARACTERISTICS: VS = +5.0V
(At RL = 150 connected to GND, Vin =100mVp-p, and CIN = 0.1F, all outputs AC coupled with 220F, unless otherwise noted)
SGM9117 PARAMETER CONDITION TYP +25
INPUT CHARACTERISTICS Output Level Shift Voltage (VOLS) Input Bias Current (IB) Input Voltage Clamp (VCLAMP) Clamp Charge Current Input Resistance (RIN) Voltage Gain ( AV) IIN = -1mA VIN = VCLAMP -100mV 0.5V VIN 1.0V RL = 150 1.97 1.90 2.04 1.88 2.06 4.28 1.85 2.08 4.25 1.80 2.1 4.2 -4.3 -5.3 -14 -6.2 -16 -6.3 -20 -6.9 -23 -7.5 VIN = 0V, no load 261 348 355 365 395 mV pA mV mA M V/V V/V V mA mA 2.7 5.5 59 32 2.7 5.5 56 33 2.7 5.5 55 34 V V dB mA MHz MHz V/s % % ns dB ns ns MAX TYP MIN MIN MIN MIN MAX MIN MAX MIN MIN MAX MIN MAX TYP TYP TYP TYP TYP TYP TYP TYP TYP TYP TYP
MIN/MAX OVER TEMPERATURE +25 0 to70 -40 to 85 -40 to125 UNITS MIN/ MAX
OUTPUT CHARACTERISTICS
Output Voltage High Swing Output Short-Circuit Current (ISC) VIN = 3V, RL = 150 to GND VIN = 3V, to GND through 10 VIN = 100mV, out short to VDD through 10 4.5 -105 115 4.3 -102 103 2.5 5.5 Power Supply Rejection Ratio (PSRR) Quiescent Current (IQ) DYNAMIC PERFORMANCE 0.1dB Bandwidth -3dB Bandwidth Slew Rate Differential Gain (DG) Differential Phase (DP) Group Delay Variation (D/DT) Crosstalk (channel - to - channel) Fall Time Rise Time RL = 150 RL = 150 20% to 80%, VIN = 1V Step, NTSC & PAL DC coupled NTSC & PAL AC coupled NTSC & PAL DC coupled NTSC & PAL AC coupled f = 400KHz, 26.5MHz at 1MHz 2.0VSTEP, 80% to 20% 2.0VSTEP, 80% to 20% 92 200 300 0.01 0.46 0.02 0.8 3.0 -65 5.0 5.1 Vs = +2.7 V to + 5.5 V VIN = 500mV, 62 27.5 60 31.5
POWER SUPPLY
Operating Voltage Range
Specifications subject to change without notice.
SGM9117
PACKAGE/ORDERING INFORMATION
ORDER NUMBER PACKAGE DESCRIPTION TEMPERATURE RANGE PACKAGE OPTION MARKING INFORMATION
SGM9117ZS/TR SGM9117XS/TR
SO-8 SO-8
0 to +70 -40 to +125
Tape and Reel, 2500 Tape and Reel, 2500
SGM9117ZS SGM9117XS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V- . . . . . . . . . . . . . . . . . . . . . 7.5 V Input Voltage . . . . . . . . . . . . . . . . . . . . GND - 0.3 V to (+VS) +0.3V Storage Temperature Range . . . . . . . . .-65 to +150 Junction Temperature . . . . . . . . . . . . . . . .. . . . . . . .160 Operating Temperature Range . . . . . . -40 to +125 Power Dissipation, PD @ TA = 25 SO-8 .............................................................................0.8W Package Thermal Resistance SO-8, JA................................................................ 128/W Lead Temperature Range (Soldering 10 sec) . . . . . . . . . . .. . . . . . . . . . . . . . . . 260 ESD Susceptibility HBM...........................................................................4000V MM...............................................................................400V
NOTES 1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PIN DESCRIPTION
PIN 1 2 3 4 5 6 7 8 NAME IN1 IN2 IN3 +VS GND OUT3 OUT2 OUT1 FUNCTION Video input, channel 1 Video input, channel 2 Video input, channel 3 Power supply Ground Filtered output, channel 3 Filtered output, channel 2 Filtered output, channel 1
CAUTION
This integrated circuit can be damaged by ESD if you don't pay attention to ESD protection. Shengbang Micro-electronics recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
SGM9117
TYPICAL PERFORMANCE CHARACTERISTICS
At VS = +5.0V, TA = +25, RL = 150, all outputs AC coupled with 220F, unless otherwise noted.
3 0
Frequency Response
270 180
Phase vs. Frequency
Normalized Gain(dB)
Phase(degree)
-3 -6 -9 -12 -15 0.1 1 10 100 1000
90 0 -90 -180 -270 0.1 1 10 100 1000
Frequency(MHz)
Frequency(MHz)
Large Signal Step Response
0.8
0.3 0.2
Small Signal Step Response
Output Voltage(V/)
Output Voltage(V/)
-0.025 0.025 0.075
0.4
0.1 0 -0.1 -0.2
0
-0.4
-0.8 -0.075
Time (s)
-0.3 -0.05
0
0.05
0.1
Time (s)
-50 -55 -60 -65 -70 -75 -80 -85 -90 -95 -100 0.01
PSRR vs. Frequency(Bypass Caps)
0 -10 -20
PSRR vs. Frequency(No Bypass Caps)
PSRR(dB)
PSRR(dB)
-30 -40 -50 -60 -70 -80 0.01
0.1
1
10
100
0.1
1
10
100
Frequency(MHz)
Frequency(MHz)
SGM9117
TYPICAL PERFORMANCE CHARACTERISTICS
At VS = +5.0V, TA = +25, RL = 150, all outputs AC coupled with 220F, unless otherwise noted.
Group Delay vs. Frequency
8 7 6 30 29 28 27 26 25 24 23 22 21 20 0.1 1 10 100 2.5 3 3.5 4 4.5 5 5.5
Quiescent Current vs. Supply Voltage
No Load VIN = 500mV
5 4 3 2 1 0
Quiescent Current (mA)
Group Delay (ns)
Frequency(MHz)
Supply Voltage(V)
38 36 34 30 28 26 24 22 20 18 -50
Quiescent Current vs. Temperature
3 2.7 2.4 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0
Gain Error vs. Temperature
Quiescent Current (mA)
-25
0
25
50
75
100
125
Gain Error(%)
32
-50
-25
0
25
50
75
100
125
Temperature()
Temperature()
Output Voltage Swing to The Positive Rail vs. Output Current
5 0.8 0.7
Output Voltage Swing to The Negative Rail vs. Output Current
VIN = 0V
Output Voltage(v)
Output Voltage(v)
4.5
0.6 0.5 0.4 0.3 0.2 0.1
+25 +85
-40
4
+85 +25 -40
3.5
3 0 20 40 60 80 100
0
Output Current(mA)
0
20
40
60
80
100
Output Current(mA)
SGM9117
Applications Information Functional Description
SGM9117 operates from a single +2.5V to +5V supply. In application, SGM9117 is a fully integrated solution for buffering RGB or HDTV component signals in front of video decoder or behind video encoder. For example, SGM9117 can replace three amplifier drivers at R\G\B and Y\Pb\Pr output side in set-top box, Monitor and LCD TV, this solution can help you save PCB size and production cost, it also improves video signal performance comparing with traditional design using discrete components. SGM9117 features a DC-coupled input buffer, and a gain of +6dB in the output amplifier to drive 75 load. The AC or DC-coupled input buffer eliminates sync crush, droop, and field tilt. The output of SGM9117 also can be DC-coupled or AC-coupled.
Typical Application Diagram
The circuit in Figure 3 is normally used for AC coupled output and DC-coupled input with DAC which has an output voltage range of 0V to 1.4V. AC coupled output offers slightly lower power dissipation and high ESD protection ability. The schematics in Figure 1 and Figure 2 are also popular in design.
+5V 0.1F or 0.01F 4 +VS R/Pr 75 2 1 IN1 OUT1 8 75 R/Pr 10F
SGM9117
IN2 OUT2 7 75 G/Y
G/Y
Input Considerations
Besides AC coupling, the SGM9117 inputs also can be DC-coupled. In DC coupling application, No input coupling capacitors are needed because the amplitude of input video signal from DAC includes ground and extends up to 1.4V, then SGM9117 can be directly connected to the output of a single-supply, current-output DAC without any external bias network. Some time, if DAC's output level exceeds the range of 0V to 1.4V, or SGM9117 is driven by an unknown external source or a SCART switch which has its own clamping circuit, AC coupling is needed in such application.
B/Pb
75 3 6 75 75 GND 5
IN3
OUT3
B/Pb
Figure 1. DC Coupling circuit
+5V 0.1F or 0.01F 4 0.1F R/Pr 75 0.1F G/Y 75 0.1F B/Pb 75 3 6 75 GND 5 220F 2 +VS 1 IN1 OUT1 8 75 220F R/Pr 10F
Output Considerations
The SGM9117 outputs can be DC-coupled or AC-coupled. While input is 0V, the SGM9117 output voltage is 260mV typically. In DC coupling design, one 75 resistor is used to Connect SGM9117's output pin with external load directly, this serial back-termination resistor is used to match the impedance of the transmission line between SGM9117 and external load to cancel the signal reflection. The SGM9117 outputs can sink and source current allowing the device to be AC-coupled with external load, in AC coupling, 220F at least capacitor will be used in order to cancel field tilt.
SGM9117
IN2 OUT2 7 75 220F G/Y
IN3
OUT3
B/Pb
Figure 2. AC Coupling Application Schematic
+5V 0.1F or 0.01F 4 +VS R/Pr 75 2 1 IN1 OUT1 8 75 220F R/Pr 10F
Power-Supply Bypassing and Layout
Correct power supply bypassing is very important for optimizing video performance in design. One 0.1F and one 10F capacitors are always used to Bypass VCC pin of SGM9117, please place these two capacitors as close to the SGM9117 output pin as possible, a large ground plane is also needed to ensure optimum performance. The input and output termination resistors should be placed as close to the related pin of SGM9117 as possible to avoid performance degradation. The PCB traces at the output side should have 75 characteristic impedance in order to match the 75 characteristic impedance cable connecting external load. In design, please keep the board trace at the inputs and outputs of the SGM9117 as short as possible to minimize the parasitic stray capacitance and noise pickup, designer needs to cavern out the ground layer under input and output trace in order to reduce stray capacitance and avoid signal peaking.
SGM9117
IN2 OUT2 7 75 220F G/Y
G/Y 75
B/Pb 75
3
IN3
OUT3 GND 5
6 75 220F
B/Pb
Figure 3. Input DC and output AC Coupling circuit
SGM9117
PACKAGE OUTLINE DIMENSIONS
SO-8
D C
Symbol
L A A1 E1 E A2 B C e D E E1 e B A2 A1 L A
Dimensions In Millimeters Min
1.350 0.100 1.350 0.330 0.190 4.780 3.800 5.800 0.400 0
Dimensions In Inches Min
0.053 0.004 0.053 0.013 0.007 0.188 0.150 0.228 0.016 0
Max
1.750 0.250 1.550 0.510 0.250 5.000 4.000 6.300 1.270 8
Max
0.069 0.010 0.061 0.020 0.010 0.197 0.157 0.248 0.050 8
1.270TYP
0.050TYP
8
SGM9117


▲Up To Search▲   

 
Price & Availability of SGM9117ZS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X