|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SGM8051/2/4 SGM8053/5 PRODUCT DESCRIPTION The SGM8051/3 (single), SGM8052/5 (dual), SGM8054 (quad) are rail-to-rail output voltage feedback amplifiers offering ease of use and low cost. They have bandwidth and slew rate typically found in current feedback amplifiers. All have a wide input common-mode voltage range and output voltage swing, making them easy to use on single supplies as low as 2.5 V. Despite being low cost, the SGM8051 series provide excellent overall performance. They offer wide bandwidth to 250 MHz (G = +1) along with 0.1 dB flatness out to 37 MHzG = +2and offer a typical low power of 2.3 mA/amplifier. The SGM8051 series is low distortion and fast settling make it ideal for buffering high speed A/D or D/A converters. The SGM8053/5 has a power-down disable feature that reduces the supply current to 75 A. These features make the SGM8053/5 ideal for portable and battery-powered applications where size and power are critical. All are specified over the extended - 40C to +125C temperature range. 250MHz, Rail-to-Rail Output CMOS Operational Amplifier FEATURES * Low Cost * Rail-to-Rail Output 2mV Typical VOS * High Speed 250 MHz, -3 dB Bandwidth (G = +1) 130 V/s, Slew Rate 58 ns Settling Time to 0.1% with 2V Step * Operates on 2.5 V to 5.5 V Supplies * Input Voltage Range = - 0.2 V to + 3.8 V with VS = 5 V * Excellent Video Specs (RL = 150, G = +2) Gain Flatness 0.1dB to 37 MHz Diff Gain: 0.03 % , Diff Phase: 0.08 degree * Low Power 2.3 mA/Amplifier Typical Supply Current 75A/Amplifier when Disabled (SGM8053/5 only) * Small Packaging SGM8051 Available in SOT23-5 and SO-8 SGM8052 Available in MSOP-8 and SO-8 SGM8053 Available in SOT23-6 and SO-8 SGM8054 Available in TSSOP-16 and SO-16 SGM8054 Available in TSSOP-14 and SO-14 SGM8055 Available in MSOP-10 PIN CONFIGURATIONS (Top View) APPLICATIONS Imaging Photodiode Preamp Professional Video and Cameras Hand Sets DVD/CD Base Stations Filters A-to-D Driver Small Signal Frequency Response 3 0 Normalized Gain(dB) -3 -6 -9 -12 -15 1 10 100 Frequency(MHz) 1000 G = +1 RL = 1K RF = 24 G = +2 RL = 150 RF = 887 Vo = 0.1VP-P SG Microelectronics Co, Ltd Tel: 86/10/51798160/80 www.sg-micro.com REV. D ELECTRICAL CHARACTERISTICS : VS = +5V (G=+2, RF =887, RL = 150, unless otherwise noted) SGM8051/2/3/4/5 PARAMETER CONDITION TYP MIN/MAX OVER TEMPERATURE 0 to70 -40 to 85 -40to 125 MIN/ MAX TYP TYP TYP TYP TYP TYP TYP TYP TYP TYP TYP TYP TYP TYP TYP TYP +25 DYNAMIC PERFORMANCE -3dB Small Signal Bandwidth G = +1, Vo = 0.1 V p-p, RF = 24, RL = 150 G = +1, Vo = 0.1 V p-p, RF = 24, RL = 1K G = +2, Vo = 0.1 V p-p, RL = 50 G = +2, Vo = 0.1 V p-p, RL = 150 G = +2, Vo = 0.1 V p-p, RL = 1k G = +2, Vo = 0.1 V p-p, RL = 10k G = +10, RL =150 G = +10, RL =1K G = +2, Vo = 0.1 V p-p, RL =150, RF =887 G = +1, 2V Output Step G = +2, 2V Output Step G = +2, 4V Output Step G = +2, Vo = 0.2 V p-p, 10% to 90% G = +2, Vo = 2 V p-p, 10% to 90% G = +2, 2 V Output Step VING = +VS 180 250 40 80 130 160 90 120 37 93/-118 116/-103 130/-130 4 14 58 18 +25 UNITS MHz MHz MHz MHz MHz MHz MHz MHz MHz V/s V/s V/s ns ns ns ns Gain-Bandwidth Product Bandwidth for 0.1dB Flatness Slew Rate Rise-and-Fall Time Settling Time to 0.1% Overload Recovery Time NOISE/DISTORTION PERFORMANCE Harmonic Distortion 2nd-Harmonic 3rd-Harmonic Input Voltage Noise Input Current Noise Differential Gain Error (NTSC) Differential Phase Error (NTSC) DC PERFORMANCE Input Offset Voltage (VOS) Input Offset Voltage Drift Input Bias CurrentIB Input offset CurrentIOS Open-Loop Gain (AOL) INPUT CHARACTERISTICS Input Common-Mode Voltage Range (VCM) Common-Mode Rejection Ratio(CMRR) OUTPUT CHARACTERISTICS Output Voltage Swing from Rail Output Current Closed-Loop Output Impedance POWER-DOWN DISABLE (SGM8053/5 only) Turn-On Time Turn-Off Time DISABLE Voltage-Off DISABLE Voltage-On POWER SUPPLY Operating Voltage Range Quiescent Current (per amplifier) Supply Current when Disabled per amplifier (SGM8053/5 only) Power Supply Rejection Ratio (PSRR) G = +2, f = 1MHz, VO = 2Vp-p, RL = 150 G = +2, f = 1MHz, VO = 2Vp-p, RL = 150 f = 1 MHz f = 1 MHz G = +2, RL = 150 G = +2, RL = 150 8.1 0.03 0.08 2 4.4 6 2 80 104 8 8.9 9.5 9.8 dBc dBc nV/ Hz f A/ Hz % degree mV V/ PA PA dB dB TYP TYP TYP TYP TYP TYP MAX TYP TYP TYP MIN MIN VO = 0.3 V to 4.7 V, VO = 0.2 V to 4.8 V, RL = 150 RL = 1K 75 92 74 91 74 91 73 80 VCM = - 0.1 V to + 3.5 V RL = 150 RL = 1K f100kHz -0.2 to +3.8 80 0.12 0.03 130 0.08 66 65 65 62 V dB V V mA TYP MIN TYP TYP MIN TYP 100 95 90 84 236 52 0.8 2 2.5 5.5 2.9 120 67 2.7 5.5 3.4 127 67 2.7 5.5 3.8 130 65 2.7 5.5 4 137 62 ns ns V V V V mA A dB TYP TYP MAX MIN MIN MAX MAX MAX MIN 2.3 75 Vs = + 2.7V to + 5.5V, VCM = (-VS) + 0.5 80 Specifications subject to change without notice. SGM8051/2/3/4/5 PACKAGE/ORDERING INFORMATION MODEL SGM8051 SGM8052 SGM8053 CHANNEL Single Dual Single with shutdown ORDER NUMBER SGM8051XN5/TR SGM8051XS/TR SGM8052XMS/TR SGM8052XS/TR SGM8053XN6/TR SGM8053XS/TR SGM8054XS14 SGM8054XTS14 SGM8054XS/TR SGM8054XTS SGM8055 Dual with shutdown SGM8055XMS/TR PACKAGE DESCRIPTION SOT23-5 SO-8 MSOP-8 SO-8 SOT23-6 SO-8 SO-14 TSSOP-14 SO-16 TSSOP-16 MSOP-10 PACKAGE OPTION Tape and Reel, 3000 Tape and Reel, 2500 Tape and Reel, 3000 Tape and Reel, 2500 Tape and Reel, 3000 Tape and Reel, 2500 Tube, 50 Tape and Reel, 3000 Tape and Reel, 2500 Tape and Reel, 3000 Tape and Reel, 3000 MARKING INFORMATION 8051 SGM8051XS SGM8052XMS SGM8052XS 8053 SGM8053XS SGM8054XS14 SGM8054XTS14 SGM8054XS SGM8054XTS SGM8055XMS SGM8054 Quad ABSOLUTE MAXIMUM RATINGS Supply Voltage, V+ to V- ......................................... 7.5 V Common-Mode Input Voltage ........................................ (-VS )- 0.5 V to (+VS) +0.5V Storage Temperature Range ................ -65 to +150 Junction Temperature ..............................................................160 Operating Temperature Range ........... -55 to +150 Package Thermal Resistance @ TA = 25 SOT23-5, JA......................................................... 190/W SOT23-6, JA......................................................... 190/W SO-8, JA..................................................................125/W MSOP-8, JA.......................................................... 216/W MSOP-10, JA........................................................ 216/W SO-16, JA................................................................ 82/W TSSOP-16, JA....................................................... 105/W Lead Temperature Range (Soldering 10 sec) ......................................... 260 ESD Susceptibility HBM...........................................................................1000V MM...............................................................................400V NOTES 1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. CAUTION This integrated circuit can be damaged by ESD. Shengbang Micro-electronics recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. SGM8051/2/3/4/5 TYPICAL PERFORMANCE CHARACTERISTICS At TA= +25, VS = +5V, G = +2, RF = 887, RG = 887, and RL = 150 connected to Vs/2,unless otherwise noted. Inverting Small Signal Frequency Response 3 Vo = 0.1VP-P 0 Normalized Gain(dB) -3 G = -2 -6 G = -5 -9 G = -10 -12 -15 G = -1 Non-Inverting Small Signal Frequency Response 3 0 Normalized Gain(dB) -3 -6 -9 G = +10 -12 -15 1 10 100 Frequency(MHz) 1000 G = +2 G = +5 Vo = 0.1VP-P G = +1 RF = 24 0.1 1 10 Frequency(MHz) 100 1000 Frequency Response For Various RL 3 RL = 10K 0 Normalized Gain(dB) -3 -6 RL = 150 -9 RL = 50 -12 -15 1 10 100 Frequency(MHz) 1000 CL = 0pF Vo = 0.1VP-P Normalized Gain(dB) 0.5 0.4 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 1 0.1dB Gain Flatness For Various RF Vo = 0.1VP-P CL = 0pF RRF= 1k F =1k RL = 1K RF = 900 RF = 887 10 Frequency(MHz) 100 Frequency Response For Various CL 9 6 Normalized Gain(dB) 3 0 -3 -6 -9 -12 -15 1 10 100 Frequency(MHz) 1000 CL = 6pF Rs = 0 Vo = 0.1VP-P CL = 100pF Frequency Response vs.Capacitive Load 3 Vo = 0.1VP-P 0 Normalized Gain(dB) -3 -6 VIN + RG = 887 VR F = 887 CL CL = 47pF CL = 6pF RS = 100 CL = 47pF RS = 66.5 Vo RL=150 (RL is Optional) CL = 100pF RS = 37.4 V+ -9 -12 -15 1 SGM8051 Rs 10 100 Frequency(MHz) 1000 SGM8051/2/3/4/5 TYPICAL PERFORMANCE CHARACTERISTICS At TA= +25, VS = +5V, G = +2, RF = 887, RG = 887, and RL = 150 connected to Vs/2,unless otherwise noted. Large-Signal Disable/Enable Response 6 Output Voltage(1V/div) Enabled Vs = 5V G = +2 fIN = 2MHz 5 Disable Voltage(V) 4 3 2 1 Disabled VOUT = 2V 0 -1 Time(500ns/div) Maximum Output Voltage vs.Frequency 6 5 Output Voltage(Vp-p) Vs = 5.5V 4 3 2 1 0 1 10 Frequency(MHz) 100 Vs = 2.7V Maximum Output Voltage Without Slew-Rate Induced Distortion Non-Inverting Small Signal Step Response Non-Inverting Large Signal Step Response Time(50ns/div) Output Voltage(500mV/div) Output Voltage(50mV/div) Time(50ns/div) Rail-To-Rail Disabled Output Isolation Frequency Response 0 -10 Disabled Isolation(dB) Vo = 0.2VP-P VDISABLE = 0V RL = 1K 4.88V G = +2 RF = 887 RL = 1K -20 -30 -40 -50 -60 -70 -80 -90 1 0V Time(200ns/div) 10 100 Frequency(MHz) 1000 SGM8051/2/3/4/5 TYPICAL PERFORMANCE CHARACTERISTICS At TA= +25, VS = +5V, G = +2, RF = 887, RG = 887, and RL = 150 connected to Vs/2,unless otherwise noted. Closed-Loop Output Impedance vs.Frequency 1000 + V+ Output Settling Time To 0.1% 0.5 0.4 VO = 2VP-P 0.3 0.2 0.1 0 -0.1 -0.2 -0.3 -0.4 -0.5 0 20 40 60 80 Time(ns) 100 120 Output Impedance() 100 10 1 0.1 0.01 0.01 RG = 887 SGM8051 VR F = 887 Zo 0.1 1 Frequency(MHz) 10 100 Input Voltage Noise Spectral Density vs.Frequency 1000 Voltage Noise(nV/Hz) Output Error(%) Power-Supply Rejection Ratio vs.Frequency 0 -10 -20 -30 PSRR(dB) -40 -50 -60 -70 -80 -90 +PSRR -PSRR 100 10 1 0.01 0.1 1 10 100 1000 10000 -100 0.01 0.1 Frequency(kHz) 1 10 Frequency(MHz) 100 1000 Common-Mode Rejection Ratio vs.Frequency 0 -10 -20 -30 CMRR(dB) -40 -50 -60 -70 -80 -90 -100 0.01 0.1 1 10 Frequency(MHz) 100 1000 Overload Recovery Time Vs = 2.5V VIN = 1.18V G = +2 2.5V 1.18V 0V Time(25ns/div) SGM8051/2/3/4/5 TYPICAL PERFORMANCE CHARACTERISTICS At TA= +25, VS = +5V, G = +2, RF = 887, RG = 887, and RL = 150 connected to Vs/2,unless otherwise noted. Open-Loop Gain vs.Temperature 120 RL = 1K Open-Loop Gain(dB) 110 CMRR And PSRR vs.Temperature 120 110 CMRR,PSRR(dB) 100 PSRR 90 80 70 60 CMRR RL = 150 100 90 80 70 -50 -30 -10 10 30 50 70 Temperature() 90 110 130 RL = 150 -50 -30 -10 10 30 50 70 Temperature() 90 110 130 Shutdown Current vs.Temperature 80 75 Shutdown Current(A) Supply Current(mA) 70 65 60 55 50 45 40 -50 -30 -10 10 30 50 70 Temperature() 90 110 130 VS = 5V 3 2.8 2.6 2.4 2.2 2 1.8 1.6 1.4 1.2 1 Supply Current vs.Temperature VS = 3V VS = 5V VS = 3V VS = 2.7V VS = 2.7V -50 -30 -10 10 30 50 70 Temperature() 90 110 130 Output Voltage Swing vs.Output Current 5 4 3 VS = 5V 2 1 0 0 25 50 75 100 125 150 Output Current(mA) 135 25 -50 Sinking Current 135 Output Voltage Swing vs.Output Current 3 Sourcing Current 135 2 VS = 3V 1 135 25 -50 Output Voltage(V) 25 -50 Sourcing Current Output Voltage(V) 25 -50 Sinking Current 0 0 20 40 60 80 100 120 Output Current(mA) SGM8051/2/3/4/5 TYPICAL PERFORMANCE CHARACTERISTICS At TA= +25, VS = +5V, G = +2, RF = 887, RG = 887, and RL = 150 connected to Vs/2,unless otherwise noted. Channel Separation vs.Frequency -20 -40 -50 -60 -70 -80 -90 -100 -110 -120 0.1 1 10 100 Frequency(MHz) 1000 Percent of Amplifiers(%) 24 21 18 15 12 9 6 3 0 Offset Voltage Production Distribution Typical production distribution of packaged units. -30 Channel Separation(dB) -8 -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 Offset Voltage(mV) SGM8051/2/3/4/5 APPLICATION NOTES Driving Capacitive Loads The SGM805x family is optimized for bandwidth and speed, not for driving capacitive loads. Output capacitance will create a pole in the amplifier's feedback path, leading to excessive peaking and potential oscillation. If dealing with load capacitance is a requirement of the application, the two strategies to consider are (1) using a small resistor in series with the amplifier's output and the load capacitance and (2) reducing the bandwidth of the amplifier's feedback loop by increasing the overall noise gain. Figure 1 shows a unity gain follower using the series resistor strategy. The resistor isolates the output from the capacitance and, more importantly, creates a zero in the feedback path that compensates for the pole created by the output capacitance. VDD VDD 10F 10F 0.1F 0.1F Vn Vn SGM8051 VOUT SGM8051 VOUT 10F Vp Vp VSS(GND) 0.1F VSS Figure 2. Amplifier with Bypass Capacitors RISO SGM8051 VIN VOUT CLOAD Grounding A ground plane layer is important for high speed circuit design. The length of the current path speed currents in an inductive ground return will create an unwanted voltage noise. Broad ground plane areas will reduce the parasitic inductance. Figure 1. Series Resistor Isolating Capacitive Load Power-Supply Bypassing and Layout The SGM805x family operates from either a single +2.7V to +5.5V supply or dual 1.35V to 2.75V supplies. For single-supply operation, bypass the power supply VDD with a 0.1F ceramic capacitor which should be placed close to the VDD pin. For dual-supply operation, both the VDD and the VSS supplies should be bypassed to ground with separate 0.1F ceramic capacitors. 2.2F tantalum capacitor can be added for better performance. Good PC board layout techniques optimize performance by decreasing the amount of stray capacitance at the op amp's inputs and output. To decrease stray capacitance, minimize trace lengths and widths by placing external components as close to the device as possible. Use surface-mount components whenever possible. For the high speed operational amplifier, soldering the part to the board directly is strongly recommended. Try to keep the high frequency big current loop area small to minimize the EMI (electromagnetic interfacing). Input-to-Output Coupling To minimize capacitive coupling, the input and output signal traces should not be parallel. This helps reduce unwanted positive feedback. SGM8051/2/3/4/5 Typical Application Circuits Differential Amplifier The circuit shown in Figure 3 performs the difference function. If the resistors ratios are equal ( R4 / R3 = R2 / R1 ), then VOUT = ( Vp - Vn ) x R2 / R1 + Vref. Driving Video The SGM805x can be used in video applications like in Figure 5. VIN SGM8051 75 R2 Vn Vp R3 R4 Vref Figure 3. Differential Amplifier 75 CABLE R1 SGM8051 RG VOUT RF 75 VOUT G = 1 + RF / RG Figure 5. Typical Video Driving Low Pass Active Filter The low pass filter shown in Figure 4 has a DC gain of (-R2/R1) and the -3dB corner frequency is 1/2R2C. Make sure the filter is within the bandwidth of the amplifier. The Large values of feedback resistors can couple with parasitic capacitance and cause undesired effects such as ringing or oscillation in high-speed amplifiers. Keep resistors value as low as possible and consistent with output loading consideration. C R2 R1 VIN SGM8051 VOUT R3=R1//R2 Figure 4. Low Pass Active Filter SGM8051/2/3/4/5 PACKAGE OUTLINE DIMENSIONS SOT23-5 D b L 0 0.20 Symbol A A1 Dimensions In Millimeters Min 1.050 0.000 1.050 0.300 0.100 2.820 1.500 2.650 1.800 0.300 0 Dimensions In Inches Min 0.041 0.000 0.041 0.012 0.004 0.111 0.059 0.104 0.071 0.012 0 Max 1.250 0.100 1.150 0.400 0.200 3.020 1.700 2.950 2.000 0.600 8 Max 0.049 0.004 0.045 0.016 0.008 0.119 0.067 0.116 0.079 0.024 8 E1 A2 b c E L e e1 A1 D C E E1 e e1 0.950TYP 0.700REF 0.037TYP 0.028REF A2 L L1 A SGM8051/2/3/4/5 PACKAGE OUTLINE DIMENSIONS SOT23-6 D e1 e L 0 0.20 Symbol A A1 A2 b c D E E1 Dimensions In Millimeters Min 1.050 0.000 1.050 0.300 0.100 2.820 1.500 2.650 1.800 0.300 0 Dimensions In Inches Min 0.041 0.000 0.041 0.012 0.004 0.111 0.059 0.104 0.071 0.012 0 Max 1.250 0.100 1.150 0.400 0.200 3.020 1.700 2.950 2.000 0.600 8 Max 0.049 0.004 0.045 0.016 0.008 0.119 0.067 0.116 0.079 0.024 8 E1 E b A1 L C e e1 L 0.950TYP 0.700REF 0.037TYP 0.028REF A2 A L1 SGM8051/2/3/4/5 PACKAGE OUTLINE DIMENSIONS SO-8 D C Symbol L Dimensions In Millimeters Min Max 1.750 0.250 1.550 0.510 0.250 5.000 4.000 6.300 1.270 8 1.350 0.100 1.350 0.330 0.190 4.780 3.800 5.800 0.400 0 Dimensions In Inches Min 0.053 0.004 0.053 0.013 0.007 0.188 0.150 0.228 0.016 0 Max 0.069 0.010 0.061 0.020 0.010 0.197 0.157 0.248 0.050 8 A A1 E1 E A2 B C D e E E1 e A1 1.270TYP 0.050TYP B A2 L A SGM8051/2/3/4/5 PACKAGE OUTLINE DIMENSIONS MSOP-8 b C Symbol A A1 A2 b c D e E E1 L Dimensions In Millimeters Min Max 0.800 1.200 0.000 0.200 0.760 0.970 0.30 TYP 0.15 TYP 2.900 3.100 0.65 TYP 2.900 3.100 4.700 5.100 0.410 0.650 0 6 Dimensions In Inches Min Max 0.031 0.047 0.000 0.008 0.030 0.038 0.012 TYP 0.006 TYP 0.114 0.122 0.026 TYP 0.114 0.122 0.185 0.201 0.016 0.026 0 6 E1 E e D A1 L A2 A SGM8051/2/3/4/5 PACKAGE OUTLINE DIMENSIONS MSOP-10 b C Symbol E1 Dimensions In Millimeters Min Max 0.800 1.200 0.000 0.200 0.760 0.970 0.30 TYP 0.152 TYP 2.900 3.100 0.50 TYP 2.900 3.100 4.700 5.100 0.410 0.650 0 6 Dimensions In Inches Min Max 0.031 0.047 0.000 0.008 0.030 0.038 0.012 TYP 0.006 TYP 0.114 0.122 0.020 TYP 0.114 0.122 0.185 0.201 0.016 0.026 0 6 L e A2 A A1 A A1 A2 b c D e E E1 L E D SGM8051/2/3/4/5 PACKAGE OUTLINE DIMENSIONS SO-14 D R1 1 L2 R L L1 INDEX 0.80.1 DEP0.20.1 Symbol A A1 A2 A3 b b1 c c1 D E E1 e L L1 L2 R R1 h 1 2 3 4 Dimensions In Millimeters MIN NOM MAX 1.35 0.10 1.25 0.55 0.36 0.35 0.16 0.15 8.53 5.80 3.80 0.45 1.60 0.15 1.45 0.65 0.40 1.75 0.25 1.65 0.75 0.49 0.45 0.25 0.25 8.73 6.20 4.00 2 E1 E 2.00.1 BTM E-MARK DEP0.10.05 h h e b 0.25 BB M 3 A2 A A3 A1 4 b 0.10 0.20 8.63 6.00 3.90 1.27 BSC 0.60 0.80 1.04 REF 0.25 BSC BASE METAL b1 WITH PLATING 0.07 0.07 0.30 0 6 6 5 5 0.40 8 8 7 7 0.50 8 10 10 9 9 c1 c SECTION B-B SGM8051/2/3/4/5 PACKAGE OUTLINE DIMENSIONS TSSOP-14 D Symbol A 2 S Dimensions In Millimeters MIN -- 0.05 0.90 0.34 0.20 0.20 0.10 0.10 4.86 6.20 4.30 0.45 NOM -- -- 1.00 0.44 -- 0.22 -- 0.13 4.96 6.40 4.40 0.65 BSC 0.60 1.00 REF 0.25 BSC MAX 1.20 0.15 1.05 0.54 0.28 0.24 0.19 0.15 5.06 6.60 4.50 0.75 A1 A2 A3 b b1 c 3 R1 R B E1 E B L2 INDEX 1.00.05 0.1-0.1 DEP +0 L L1 1 c1 D E E1 #1 PIN e BASE METAL b b1 A3 e L L1 L2 R 0.09 0.09 0.20 0 10 10 R1 S 1 2 3 A2 A A1 c1 c -- -- -- -- 12 12 -- -- -- 8 14 14 0.10 SECTION B-B SGM8051/2/3/4/5 PACKAGE OUTLINE DIMENSIONS SO-16 D C L Symbol A A1 A2 b c D E E1 e L Dimensions In Millimeters Min Max 1.350 1.750 0.100 0.250 1.350 1.550 0.330 0.510 0.170 0.250 9.800 10.20 3.800 4.000 5.800 6.200 1.270 (BSC) 0.400 1.270 0 8 Dimensions In Inches Min Max 0.053 0.069 0.004 0.010 0.053 0.061 0.013 0.020 0.007 0.010 0.386 0.402 0.150 0.157 0.228 0.244 0.050 (BSC) 0.016 0.050 0 8 E1 E e A2 A1 b A SGM8051/2/3/4/5 PACKAGE OUTLINE DIMENSIONS TSSOP-16 A b Symbol E1 E Dimensions In Millimeters Min Max 5.100 4.500 0.300 0.200 6.550 1.100 0.800 1.000 0.020 0.150 0.65 (BSC) 0.500 0.700 0.25(TYP) 1 7 4.900 4.300 0.190 0.090 6.250 Dimensions In Inches Min Max 0.193 0.169 0.007 0.004 0.246 0.201 0.177 0.012 0.008 0.258 0.043 0.031 0.039 0.001 0.006 0.026 (BSC) 0.020 0.028 0.01(TYP) 1 7 PIN #1 IDENT. e A2 A C D L H A1 A D E b c E1 A A2 A1 e L H SGM8051/2/3/4/5 REVISION HISTORY Location Page 9/05-- Data Sheet changed from REV.A to REV.B Added SGM8055 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Universal Changes to PRODUCT DESCRIPTION, FEATURES, and PIN CONFIGURATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Changes to ELECTRICAL CHARACTERISTICS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2 Updated PACKAGE/ORDERING INFORMATION. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3 11/06-- Data Sheet changed from REV. B to REV. C Changes to ABSOLUTE MAXIMUM ATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 01/08-- Data Sheet changed from REV. C to REV. D Added SGM8054's SO-14 and TSSOP-14 Packages. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1, 3, 16, 17 SG Microelectronics Co., Ltd A2608, NO.72 North Road Xisanhuan, Haidian District, Beijing, China 100037 Tel: 86-10-51798160/80 Fax: 86-10-51798180-803 www.sg-micro.com SGM8051/2/3/4/5 |
Price & Availability of SGM8051 |