Part Number Hot Search : 
DEP14 A8511 13L3D1AB 2SK2991 ANTXV1N SMA18 0103M ANTXV1N
Product Description
Full Text Search
 

To Download SG2003-28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SG2003/A SG2004/A
GENERAL DESCRIPTION
The SG2003/A and SG2004/A low-power, low-noise, low-dropout, CMOS linear voltage regulators operate from a 2.5V to 5.5V input and deliver up to 400mA (400mA peak SG2003 only). They are the perfect choice for low voltage, low power applications. An ultra low ground current (120A at 400mA output) make them attractive for battery operated power systems. The SG2003/A and SG2004/A series also offer ultra low dropout voltage (280mV at 400mA output) to prolong battery life in portable electronics. Systems requiring a quiet voltage source, such as RF applications, will benefit from the SG2003/A and SG2004/A series' ultra low output noise (30VRMS). An external noise bypass capacitor connected to the device's BP pin can further reduce the noise level. The output voltage is preset to voltages in the range of 1.5V to 4.5V. Other features include a 10nA logic-controlled shutdown mode, foldback current limit and thermal shut-down protection. SG2003/A comes in 5-pin SOT23 package and SG2004/A comes in 8-pin SO package.
400mA, Low Power, Low Noise, Low Dropout, Linear Regulators
FEATURES
- Low Output Noise: 30VRMS typ(10Hz to 100KHz) - Ultra-Low Dropout Voltage: -
280mV at 400mA output Low 77A No-Load Supply Current Low 120A Operating Supply Current at 400mA Output Thermal-Overload Protection Output Current Limit Preset Output Voltages (1.6% Accuracy) 10nA Logic-Controlled Shutdown Available in Multiple Output Voltage Versions Fixed Outputs of 2.5V, 2.8V, 2.85V, 3.0V, and 3.3V Adjustable Output from 1.5V to 4.5V
PIN CONFIGURATIONSTOP VIEW
SG2003/A
IN GND 1 2 3 SOT23-5 4 BP/FB 5 OUT
APPLICATIONS
Cellular Telephones Cordless Telephones PHS Telephones PCMCIA Cards Modems MP3 Players Hand-Held Instruments Palmtop Computers Electronic Planners Portable/Battery-Powered Equipment
EN
SG2004/A
EN IN OUT BP/FB
1 8
GND GND GND GND
2
7
3
6
4
5
SO-8
Shengbang Microelectronics Co, Ltd Tel: 86/451/84348461 www.sg-micro.com
REV. B
ORDERING INFORMATION
MODEL VOUT(V) PINPACKAGE SPECIFIED TEMPERATURE RANGE ORDERING NUMBER PACKAGE MARKING PACKAGE OPTION
SG2003-2.5 SG2003-2.8 SG2003-2.85 SG2003-3.0 SG2003-3.3 SG2003A SG2004-2.5 SG2004-2.8 SG2004-2.85 SG2004-3.0 SG2004-3.3 SG2004A
2.5V 2.8V 2.85V 3.0V 3.3V adjustable 2.5V 2.8V 2.85V 3.0V 3.3V adjustable SO-8 SOT23-5
- 40C to +125C - 40C to +125C - 40C to +125C - 40C to +125C - 40C to +125C - 40C to +125C - 40C to +125C - 40C to +125C - 40C to +125C - 40C to +125C - 40C to +125C - 40C to +125C
SG2003-2.5XN5/TR SG2003-2.8XN5/TR SG2003-2.85XN5/TR SG2003-3.0XN5/TR SG2003-3.3XN5/TR SG2003-XN5/TR SG2004-2.5XS/TR SG2004-2.8XS/TR SG2004-2.85XS/TR SG2004-3.0XS/TR SG2004-3.3XS/TR SG2004-XS/TR
X325 X328 X32J X330 X333 X3AA SG2004-2.5XS SG2004-2.8XS SG2004-2.85XS SG2004-3.0XS SG2004-3.3XS SG2004-XS
Tape and Reel, 3000 Tape and Reel, 3000 Tape and Reel, 3000 Tape and Reel, 3000 Tape and Reel, 3000 Tape and Reel, 3000 Tape and Reel, 2500 Tape and Reel, 2500 Tape and Reel, 2500 Tape and Reel, 2500 Tape and Reel, 2500 Tape and Reel, 2500
ABSOLUTE MAXIMUM RATINGS
IN to GND.........................................................- 0.3V to +6V Output Short-Circuit Duration.................................Infinite EN to GND........................................................- 0.3V to +6V OUT, BP/FB to GND...........................- 0.3V to (VIN + 0.3V)
Power Dissipation, PD @ TA = 25 SOT23-5 .....................................................................................0.4W SO-8 ........................................................................................0.625W Package Thermal Resistance SOT23-5, JA....................................................................... 250/W
SO-8, JA....................................................................160C/W Operating Temperature Range.................- 40C to +125C Junction Temperature................................................+150C Storage Temperature.................................- 65C to +150C
Lead Temperature (soldering, 10s).......................................260C ESD Susceptibility HBM..........................................................................................7000V MM..............................................................................................400V
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
SG2003/A SG2004/A
ELECTRICAL CHARACTERISTICS
(VIN = VOUT (NOMINAL) +1V, TA = - 40C to +125C, unless otherwise noted. Typical values are at TA = + 25C.) PARAMETER Input Voltage SYMBOL VIN IOUT = 0.1mA, VOUT 2.5V, TA = +25C IOUT = 0.1mA to 400mA, VOUT 2.5V TA = 0C to +70C Output Voltage Accuracy IOUT = 0.1mA to 400mA, VOUT 2.5V TA = - 40C to +125C IOUT = 0.1mA to 400mA, VOUT,2.5V TA = - 40C to +125C Output Current Current Limit Ground Pin Current SG2003 SG2004 ILIM IQ No load, EN = 2V IOUT = 400mA, EN = 2V Dropout Voltage(Note2) Line Regulation Load Regulation Output Voltage Noise Power Supply Rejection Rate SHUTDOWN EN Input Threshold EN Input Bias Current Shutdown Supply Current Shutdown Exit Delay(Note3) THERMAL PROTECTION Thermal Shutdown Temperature Thermal Shutdown Hysteresis TSHDN TSHDN 160 15 VIH VIL IB(SHDN) IQ(SHDN) VIN = 2.5V to 5.5V EN = 0V and EN = 5.5V EN = 0.4V CBP = 0.01F COUT = 1F, no load TA = +25C TA = +125C TA = +25C TA = +125C TA = +25C 2.0 0.4 0.01 0.01 0.01 0.01 30 1 1 V A A s VLNR VLDR IOUT = 1mA IOUT = 400mA VIN = 2.5V or (VOUT + 0.1V) to 5.5V, IOUT = 1mA IOUT = 0.1mA to 400mA, COUT = 1F f = 10Hz to 100KHz, CBP = 0.01F CBP = 0.1F, ILOAD = 50mA, COUT = 1F COUT = 10F f = 100Hz, f = 1KHz, VOUT3.3V VOUT3.3V 400 410 750 77 77 120 0.8 280 0.004 0.0005 30 74 54 440 0.15 0.002 mV %/V %/mA VRMS dB dB 130 145 A CONDITIONS MIN 2.5 -1.6 TYP MAX 5.5 1.6 2.5 2.9 3.1 400
(Note1)
UNITS V
%
mA mA mA
en
PSRR
Specifications subject to change without notice.
Note 1: SG2003 series' output current is 400mA peak. Note 2: The dropout voltage is defined as VIN - VOUT, when VOUT is 100mV below the value of VOUT for VIN = VOUT + 1V. (Only applicable for VOUT = +2.5V to +4.5V) Note 3: Time needed for VOUT to reach 95% of final value.
SG2003/A SG2004/A
TYPICAL OPERATION CIRCUIT
INPUT 2.5V TO 5.5V IN CIN 1F ON OFF OUT
OUTPUT COUT 1F
ON
INPUT 2.5V TO 5.5V IN CIN 1F OUT
OUTPUT
SG2003A SG2004A
EN GND FB
R1
SG2003 SG2004
EN GND BP
COUT 1F
OFF
CBP 0.01F
R2
Adjustable Voltage Version
Fixed Voltage Version
Standard 1% Resistor Values for Common Output Voltages of Adjustable Voltage Version VOUT(V) 1.5 1.8 2.5 2.8 2.85 3.0 3.3 R1(k) 13 28 63.4 78.7 80.6 88.7 95.3 R2(k) 61.9 61.9 61.9 61.9 61.9 61.9 57.6
Note: VOUT = (R1 + R2)/ R2 x 1.2395
PIN DESCRIPTION
NAME IN GND EN BP FB OUT SOT23-5 PIN 1 2 3 4 4 5 SO-8 PIN 2 5,6,7,8 1 4 4 3 FUNCTION Regulator Input. Supply voltage can range from 2.5V to 5.5V. Bypass with a 1F capacitor to GND. Ground. Shutdown Input. A logic low reduces the supply current to 10nA. Connect to IN for normal operation. Reference-Noise Bypass(fixed voltage version only). Bypass with a low-leakage 0.01F ceramic capacitor for reduced noise at the output. Adjustable voltage version only--this is used to set the output voltage of the device. Regulator Output.
SG2003/A SG2004/A
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) + 1V, CIN = 1F, COUT = 1F, CBP = 0.01F, TA = +25, unless otherwise noted.
Ground Pin Current vs.Input Voltage 100 80 60 No Load 40 20 VOUT = 2.5V 0 0 1 2 3 4 Input Voltage(V) 5 6
0 0 200
Ground Pin Current vs.Input Voltage
Ground Pin Current(A)
Ground Pin Current(A)
Iload = 50mA
150
Iload = 50mA
100
50
No Load VOUT = 3.3V 1 2 3 4 Input Voltage(V) 5 6
Output Voltage vs.Input Voltage 6 No Load 5 4 VOUT = 3.3V 3 2 VOUT = 2.5V 1 0 0 1 2 3 4 Input Voltage(V) 5 6
Ground Pin Current vs.Load Current 190 180 170 160 150 140 130 120 110 100 90 80 70 60 0 100
Ground Current(A)
Output Voltage(V)
VOUT = 3.3V
VOUT = 2.5V
200 300 Load Current(mA)
400
Output Voltage vs.Load Current 2.6
3.35
Output Vlotage vs.Load Current
Output Voltage(V)
Output Voltage(V)
2.55
3.325
2.5
3.3
2.45 VOUT = 2.5V 2.4 0 100 200 300 Load Current(mA) 400
3.275 VOUT = 3.3V 3.25 0 100 200 300 Load Current(mA) 400
SG2003/A SG2004/A
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) +1V, CIN = 1F, COUT = 1F, CBP = 0.01F, TA = +25, unless otherwise noted.
Line-Transient Response 4.5V 3.5V ILOAD = 150mA 3.1V 3V 2.9V VOUT
50mA 0mA ILOAD VOUT = 3V 40S/div Load-Transient Response VIN = VOUT + 0.5V
VIN
ILOAD = 0mA to 50mA 3.05V 3V 2.95V CIN = 1F VOUT
VOUT = 3V 100S/div
Load-Transient Response Near Dropout 3.05V 3V 2.95V VOUT = 3V VOUT
Shutdown Exit Delay 2V
ILOAD = 50mA EN
0V CBP = 0.01F
50mA 0mA CIN = 1F VIN = VOUT + 0.1V ILOAD = 0mA to 50mA 40S/div ILOAD
2V 1V 0V 100S/div CBP = 0.1F VOUT = 2.5V
VOUT
Shutdown Exit Delay ILOAD = 50mA 2V 0V CBP = 0.01F EN
Entering Shutdown No Load EN
2V
0V 3.3V
3.3 CBP = 0.1F 0V VOUT = 3.3V 100S/div
VOUT
VOUT 0V VOUT = 3.3V 100S/div
SG2003/A SG2004/A
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) +1V, CIN = 1F, COUT = 1F, CBP = 0.01F, TA = +25, unless otherwise noted.
Output Noise Spectral Density vs.Frequency
Output Noise vs.BP Capacitance 80 70 Output Noise(VRMS) 60 50 40 30 20 10 VOUT = 2.5V VOUT = 3.0V f = 10Hz to 100kHz COUT = 10F ILOAD = 10mA
Output Noise Spectral Density (V/Hz)
10 CBP = 0.01F ILOAD = 10mA 1
COUT = 1F
0.1
COUT = 10F 0.1 1 10 100 1000
0.01 0.01
0 0.001
Frequency(kHz)
0.01 BP Capacitance(F)
0.1
Output Noise vs.Load Current 100 90 Output Noise(VRMS) 80 70 60 50 40 30 20 10 0 1 10 100 1000 Load Current(mA) VOUT = 2.5V VOUT = 3.0V f = 10Hz to 100kHz CBP = 0.01F COUT = 10F
Output Noise 10Hz To 100KHz
VOUT = 3.3V COUT = 10F ILOAD = 10mA CBP = 0.1F
VOUT(200V/div)
Time(200s/div)
Power-Supply Rejection Ratio vs.Frequency 80 70 60
COUT ESR() 100
Region of Stable COUT ESR vs.Load Current
CBP = 0.1F ILOAD = 50mA
10 COUT = 10F
PSRR(dB)
50 40 30 20 10 0 0.01 COUT = 1F COUT = 10F
1 Stable Region 0.1
COUT = 1F
0.02 0.01
0.1
1
10
100
1000
0
100
Frequency(kHz)
200 Load Current(mA)
300
400
SG2003/A SG2004/A
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) +1V, CIN = 1F, COUT = 1F, CBP = 0.01F, TA = +25, unless otherwise noted.
Current limit vs.Temperature 1200 1100 Current limit(mA) 1000 900 800 700 600 500 400 300 -40 -20 0 20 40 60 80 Temperature() 100 120 140 VOUT = 3.3V
Output Voltage vs.Temperature 2.6 ILOAD = 300mA Output Voltage(V) 2.55
2.5
2.45 VOUT = 2.5V 2.4 -40 -20 0 20 40 60 80 Temperature() 100 120 140
Output Voltage vs.Temperature 3.4
Ground Pin Current(A) 200 180 160 140 120 100 80 60 40
Ground Pin Current vs.Temperature
ILOAD = 300mA Output Voltage(V) 3.35
VOUT = 3.3V
3.3
VOUT = 2.5V
3.25 VOUT = 3.3V 3.2 -40 -20 0 20 40 60 80 100 120 140 Temperature()
ILOAD = 300mA -40 -20 0 20 40 60 80 Temperature() 100 120 140
Dropout Voltage vs.Load Current 600 500 Dropout Voltage(mV)
Dropout Voltage(mV)
TA = +125
Dropout Voltage vs.Load Current 600 500
400 300 200 100
TA = +85 TA = +25 TA = -40
400 300 200 100 TA = +25 TA = -40
TA = +125
TA = +85
VOUT = 2.5V 0 0 50 100 150 200 250 300 350 400 Load Current(mA)
0 0 50 100 150 200 250
VOUT = 3.3V 300 350 400
Load Current(mA)
SG2003/A SG2004/A
TYPICAL OPERATING CHARACTERISTICS
VIN = VOUT(NOMINAL) +1V, CIN = 1F, COUT = 1F, CBP = 0.01F, TA = +25, unless otherwise noted. Start Up
EN Pin Voltage(V) Output Voltage(V) 6 4 2 0 2 1 0 VIN = 5V VOUT = 2.5V CIN = COUT = 1F ILOAD = 1mA
Time(10s/div)
Application Notes
When LDO is used in handheld products, Attention must be paid to voltage spike which would damage SG2003 and SG2004. In such applications, voltage spike will be generated at changer interface and VBUS pin of USB interface when changer adapters and USB equipments are hot-inserted. Besides this, handheld products will be tested on the production line on the condition of no battery. Test Engineer will apply power from the connector pin which connects with positive pole of the battery. When external power supply is turned on suddenly, the voltage spike will be generated at the battery connector. The voltage spike will be very high, it always exceeds the absolute maximum input voltage (6.0V) of LDO. In order to get robust design. Design Engineer needs to clear up this voltage spike. Zener diode is a cheap and effective solution to eliminate such voltage spike. For example, BZM55B5V6 is a 5.6V small package Zener diode which can be used to remove voltage spike in cell phone design. The schematic is shown in below:
Vcc Input BZM55B5V6 1uF C1
IN
SG2003/SG2004
EN GND BP/FP
VOUT C2 4.7uF
VOUT
0.01uF Control
SG2003/A SG2004/A
PACKAGE OUTLINE DIMENSIONS
SOT23-5
D b L
0
0.20
Symbol
A A1
Dimensions In Millimeters Min
1.050 0.000 1.050 0.300 0.100 2.820 1.500 2.650 1.800 0.300 0
Dimensions In Inches Min
0.041 0.000 0.041 0.012 0.004 0.111 0.059 0.104 0.071 0.012 0
Max
1.250 0.100 1.150 0.400 0.200 3.020 1.700 2.950 2.000 0.600 8
Max
0.049 0.004 0.045 0.016 0.008 0.119 0.067 0.116 0.079 0.024 8
E1
A2 b c
E
L
e e1 A1
D
C
E E1 e e1
0.950TYP 0.700REF
0.037TYP 0.028REF
A2
L L1
A
SG2003/A SG2004/A
PACKAGE OUTLINE DIMENSIONS
SO-8
D C
Symbol
L
Dimensions In Millimeters Min Max
1.750 0.250 1.550 0.510 0.250 5.000 4.000 6.300 1.270 8 1.350 0.100 1.350 0.330 0.190 4.780 3.800 5.800 0.400 0
Dimensions In Inches Min
0.053 0.004 0.053 0.013 0.007 0.188 0.150 0.228 0.016 0
Max
0.069 0.010 0.061 0.020 0.010 0.197 0.157 0.248 0.050 8
A A1
E1 E
A2 B C D
e
E E1 e
A1
1.270TYP
0.050TYP
B A2
L
A
SG2003/A SG2004/A
REVISION HISTORY
Location
9/05-- Data Sheet changed from preliminary to REV. A 12/06-- Data Sheet changed from REV. A to REV. B
Changed to ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Added Application Notes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9
Page
Shengbang Microelectronics Co, Ltd
Unit 3, ChuangYe Plaza No.5, TaiHu Northern Street, YingBin Road Centralized Industrial Park Harbin Development Zone Harbin, HeiLongJiang 150078 P.R. China Tel.: 86-451-84348461 Fax: 86-451-84308461 www.sg-micro.com
SG2003/A SG2004/A


▲Up To Search▲   

 
Price & Availability of SG2003-28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X