Part Number Hot Search : 
ILX551 BR15005 42172AA1 744112 ES1DFL CD4032AF IP8080AB A5052
Product Description
Full Text Search
 

To Download RU4D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
RU4D(Z) --- RU4DS(Z)
VOLTAGE RANGE: 1300 V CURRENT: 1.5,2.5 A
HIGH EFFICIENCY RECT IFIER
Low cos t Diffus ed junction Low leakage Low forward voltage drop High current capability Eas ily cleaned with freon, alcohol, ls opropand and s im ilar s olvents The plas tic m aterial carries U/L recognition 94V-0
DO - 27
MECHANICAL DATA
Cas e: JEDEC DO-27, m olded plas tic Term inals : Axial leads ,s olderable per MIL-STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.041 ounces ,1.15 gram s Mounting: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 am bient tem perature unles s otherwis e s pecified. Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
RU4D
Maximum peak repetitive reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average f orw ard rectif ied current 9.5mm lead length, Peak f orw ard surge current 10ms single half -sine-w ave superimplsed on rated load @TJ =125 Maximum instantaneous f orw ard voltage @ IF=IF(AV) Maximum reverse current at rated DC blocking voltage Maximum reverse recovery time Typical junction capacitance Typical thermal resistance Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F =0.5A, I R=1A, Irr=0.25A. 2. Measured at 1.0MH Z and applied rev erse v oltage of 4.0V DC. 3. Therm al resistance junction to lead.
RU4DS
1300 910 1300
UNITS
V V V
V RRM V RMS V DC IF(AV)
1.5
2.5
A
@TA =75
IFSM VF IR t rr CJ R JL TJ TSTG
50.0
A
1.8 50.0
V A
@TA =25 @TA =100 (Note1) (Note2) (Note3)
500.0 100.0 50 8 - 55 ----- + 150 - 55 ----- + 150
www.galaxycn.com
ns pF
Document Number 0262046
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
RU4D(Z)---RU4DS(Z)
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
50 N 1. 10 N 1.
trr
+ 0 .5 A
D.U.T. (+) 25VDC (approx) (-) PULSE GENERATOR (NOTE2) 1 NONINDUCTIVE OSCILLOSCOPE (NOTE1)
0 - 0 .2 5 A
- 1 .0 A
1cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF. JJJJ 2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50 .
SET TIME BASE FOR 10/20 ns/cm
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC INSTANTANEOUS FORWARD CURRENT
30 10
FIG.3 -- FORWARD DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT AMPERES
2.5
RU4DS
2.0
1.0
1.5
RU4D Single Phase Half Wave 60Hz Resistive or Induction Load
AMPERES
RU4DS 0.1
1.0
RU4D 0.01
0.5
0.001 0 0.5 1.0 1.5 2.0 2.5
0 0 25 50 75 100 125 150
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
AMBIENT TEMPERATURE,
FIG.4 -- PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT AMPERES
50
FIG.5--TYPICAL JUNCTION CAPACITANCE
200 100 60 40 20 10
40 8.3ms Single Half Sine-Wave 30
20
JUNCTION CAPACITANCE,pF
4
10
TJ=25
2 1 0.1 0.2 0.4 1 2 4 10 20 40 100
0 1 5 10 50
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number 0262046
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of RU4D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X