Part Number Hot Search : 
NX3L2T66 MAX4091 2SC558 UPD70F34 2SC2650 5KE16A NCP53 2SB926
Product Description
Full Text Search
 

To Download RL431CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Page No. : 1/1
RL431 Series
Adjustable Shunt Regulator
RL431 Series Pin Assignment
3 2 3-Lead Plastic SOT-23 Package Code: N Pin 1: Reference Pin 2: Cathode Pin 3: Anode
Description
The RL431 series are three-terminal adjustable regulators with guaranteed thermal stability over applicable temperature ranges. The output voltage may be set to any value between VREF (approximately 2.495 volts) and 36 volts with two external resistors. These devices have a typical dynamic output impedance of 0.2. Active output circuitry provides a very sharp turn-on characteristic, making these devices excellent replacement for zener diodes in many applications.
1
12
3
3-Lead Plastic TO-92 Package Code: A Pin 1: Reference Pin 2: Anode Pin 3: Cathode
Features
* Programmable output voltage * Temperature coefficient is 50ppm/oC typical * Temperature compensated for operation over full temperature range * Low output noise voltage * Fast turn on response
Absolute Maximum Ratings
(Operating temperature range applies unless otherwise specified) Characteristics Cathode Voltage Cathode Current Range (Continuous) Reference Input Current Range Symbol VKA IK IREF Value 36 -100~+150 0.05~+10 SOT-23 Power Dissipation PD TO-92 Operating Temperature Range (Max.) Storage Temperature Range *. RL431CN, RL431CA Topr Tstg -40~+120 * -65~+150 770
o o
Unit V mA mA 280 mW
C C
Operating Conditions
Characteristics Cathode Voltage Cathode Current Range (Continuous) Symbol VKA IK Min. VREF 1 Max. 36 100 Unit V mA
DS-RS431L-01 October, 2006
www.Orister.com
Page No. : 2/2
Functional Block Diagram & Symbol
Functional Block Diagram Symbol
Cathode
Reference VREF
+
-
Cathode
Reference
Anode
Anode
Test Circuits
Fig 1. VK=VREF IN IREF IK VREF R2 VREF II VK Fig 2. VK>VREF IN R1 II VK IREF IK IOFF Fig 3. Off-State Current IN VK
Note: VK=VREF(1+R1/R2)+IREFxR1
Electrical Characteristics (TA=25oC unless otherwise specified)
Characteristics Reference Input Voltage (Fig1) RL431BN/BA (1.0%) RL431CN/CA (0.5%) Symbol VREF VREF(dev) VREF / VK IREF IREF(dev) IK(min) IK(off) ZK Test Conditions VK=VREF, IK=10mA VK=VREF, IK=10mA TminTaTmax IK=10mA, VK=10V to VREF IK=10mA, VK=36V to 10V IK=10mA, R1=10k, R2= IK=10mA, R1=10k, R2=, Ta=Full Range VK=VREF VK=36V, VREF=0 VK=VREF, f1kHz IK=1 to 100mA Min 2.470 2.483 Typ 2.495 2.495 4 -1.4 -1.0 2 0.4 0.4 0.1 0.2 Max 2.520 2.507 17 -2.7 -2.0 4 1.2 1.0 1.0 0.5 Unit V mV mV/V mV/V uA uA mA uA
Deviation of Reference Input Voltage Over-Temperature (Fig1) Ratio of Change in Reference Input Voltage to the Change in Cathode Voltage (Fig2) Reference Input Current (Fig2) Deviation of Reference Input Current Over Full Temperature Range (Fig2) Minimum Cathode Current for Regulation (Fig1) Off-State Cathode Current (Fig3) Dynamic Output Impedance (Fig1)
DS-RS431L-01 October, 2006
www.Orister.com
Page No. : 3/3
Characteristics Curve
Cathode Current & Cathode Voltage
150 125
Change in Reference Input Voltage (mV)
5 0 -5 -10 -15 -20 -25 -30 -35 -40 -2 -1 0 1 Cathode Voltage (V) 2 3 0
Change in Reference Input Voltage & Cathode Voltage
100 Cathode Current (mA) 75 50 25 0 -25 -50 -75 -100 VK=VREF, Ta=25 C Test Circuit (Fig1)
o
IK=10mA, Ta=25 C Test Circuits (Fig2) 10 20 30 Cathode Voltage (V) 40 50
o
Reference Input Voltage & Temperature
2.58 2.56
Reference Input Voltage (V)
1000 800 600 400 200 0 -200 -400 -2
Cathode Current & Cathode Voltage
2.54 2.52 2.50 2.48 2.46 2.44 2.42 2.40 -40 -20 0 20 40 60 80 100 120 Temperature (oC) VK=VREF, IK=10mA Test Circuit (Fig1)
Cathode Current (uA)
VK=VREF, Ta=25oC Test Circuit (Fig1) -1 0 1 Cathode Voltage (V) 2 3
Small Signal Voltage Amplification & Frequency
60 50
Voltage Amplification (dB)
40 30 20
+ 15K Ik
Vout 240
10 0 -10 1000
10uF
8.2K GND
10000
100000 Frequency (Hz)
1000000
10000000
DS-RS431L-01 October, 2006
www.Orister.com
Page No. : 4/4
Typical Application
Fig 4. Shunt Regulator Fig 5. High Current Shunt Regulator
Vcc R1
Vout
Vcc R1
Vout
R2
R2
Vout=(1+R1/R2)VREF Fig 6. Output Control of a Three-Terminal Fixed Regulator
Vcc
Vout R1
Vout=(1+R1/R2)VREF
Fig 7. Series Pass Regulator
Vcc
IN
AX7805
Vout R1
OUT COMMON
R2
R2
Vout=(1+R1/R2)VREF; Vout(min)=VREF+5V
Vout=(1+R1/R2)VREF; Vout(min)=VREF+VBE
Fig 8. Current Limiter or Current Source
Fig 9. Constant Current Sink
Vcc
Vcc RCL Iout
Isink
Rs
Iout=VREF/RCL
Isink=VREF/RS
DS-RS431L-01 October, 2006
www.Orister.com
Page No. : 5/5
SOT-23 Dimension
Marking: DIM A B C D G H J K L S V Min. 2.80 1.20 0.89 0.30 1.70 0.013 0.085 0.32 0.85 2.10 0.25 Max. 3.04 1.60 1.30 0.50 2.30 0.10 0.177 0.67 1.15 2.75 0.65
A
L
431L
BS
Note: Pb-free product can distinguish by the green label or the extra description on the right side of the label. Pin Style: 1.Reference 2.Cathode 3.Anode Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
3
1
2
V
G
*: Typical, Unit: mm
C D H K J
3-Lead SOT-23 Plastic Surface Mounted Package Package Code: N
TO-92 Dimension
2
Marking:
RS A 4 3 1L
A B
1 2 3
3
Date Code
Control Code
C
Note: Green label is used for pb-free packing
D
Pin Style: 1.Reference 2.Anode 3.Cathode Material: * Lead solder plating: Sn60/Pb40 (Normal), Sn/3.0Ag/0.5Cu or Pure-Tin (Pb-free) * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
DIM A B C D E F G H I 1 2 3
Min. 4.33 4.33 12.70 0.36 3.36 0.36 -
Max. 4.83 4.83 0.56 *1.27 3.76 0.56 *2.54 *1.27 *5 *2 *2
H I E F
G
*: Typical, Unit: mm
1
3-Lead TO-92 Plastic Package Package Code: A
Ordering Information
Package SOT-23 TO-92 VREF: 2.51% RL431BN RL431BA VREF: 2.50.5% RL431CN RL431CA
DS-RS431L-01 October, 2006
www.Orister.com
Page No. : 6/6
Soldering Methods for Orister's Products
1. Storage environment: Temperature=10oC~35oC Humidity=65%15% 2. Reflow soldering of surface-mount devices Figure 1: Temperature profile
tP TP Ramp-up TL Tsmax Temperature tL Critical Zone TL to TP
Tsmin tS Preheat
Ramp-down
25
t 25oC to Peak Time
Profile Feature Average ramp-up rate (TL to TP) Preheat - Temperature Min (Tsmin) - Temperature Max (Tsmax) - Time (min to max) (ts) Tsmax to TL - Ramp-up Rate Time maintained above: - Temperature (TL) - Time (tL) Peak Temperature (TP) Time within 5oC of actual Peak Temperature (tP) Ramp-down Rate Time 25oC to Peak Temperature 3. Flow (wave) soldering (solder dipping) Products Pb devices. Pb-Free devices.
Sn-Pb Eutectic Assembly <3 C/sec 100oC 150oC 60~120 sec <3oC/sec 183oC 60~150 sec 240 C +0/-5 C 10~30 sec <6oC/sec <6 minutes
o o o
Pb-Free Assembly <3oC/sec 150oC 200oC 60~180 sec <3oC/sec 217oC 60~150 sec 260oC +0/-5oC 20~40 sec <6oC/sec <8 minutes
Peak temperature 245 C 5 C 260 C +0/-5 C
o o o o
Dipping time 5sec 1sec 5sec 1sec
DS-RS431L-01 October, 2006
www.Orister.com
Page No. : 7/7
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of Orister Corporation. * Orister Corporation reserves the right to make changes to its products without notice. * Orister Corporation products are not warranted to be suitable for use in Life-Support Applications, or systems. * Orister Corporation assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
DS-RS431L-01 October, 2006
www.Orister.com


▲Up To Search▲   

 
Price & Availability of RL431CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X