Part Number Hot Search : 
N27C25 10051 NTE6241 06H021 2SA93 SFH450 SC201 ATR0809
Product Description
Full Text Search
 

To Download RF5389PCBA-410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF5389
3.3V, DUAL-BAND FRONT-END MODULE
RoHS Compliant & Pb-Free Product Package Style: QFN, 40-Pin, 6mmx6mmx0.95mm
PDET_a PDET_g 31 VCC_g VCC_g VCC_a VCC_a 34 VCC_a 33
37
35
36
32
Features
Single 1x2 11n MIMO FEM Single Supply Voltage 3.0V to 3.6V Integrated 2.5GHz & 5GHZ PA's, Diplexers, Filters & Switches for TX & RX POUT =18dBm, 11g, OFDM@<4% EVM POUT =16dBm, 11a, OFDM 4% Typ EVM
PA EN_a 1
TX_a 2
PA
27 VCC_g
Diplexer
26 VCC_g
TX _g 4
PA
PA EN_g 5 25 SW1 RX_g1 6
Diplexer
23 ANT1 22 SW2
RX_a1 8
LNA
LNA VCC1 9
Diplexer
21 SW3
LNA
RX_g2 10
14 LNA VCC2
12 RX_a2
17 BT
19 SW4
20 ANT2
Applications
IEEE802.11a/b/g/n Applications Single-Chip RF Front-End Module 2.5GHz and 5GHz ISM Bands Applications Wireless LAN Systems Portable Battery-Powered Equipment Supports 1x2 11n MIMO Applications
Functional Block Diagram
Product Description
The RF5389 is a single-chip dual-band integrated front-end module (FEM) for highperformance WLAN applications in the 2.5GHz and 5GHz ISM bands. The RF5389 addresses the need for aggressive size reduction for typical 802.11a/b/g and 1x2 11n MIMO RF front-end design and greatly reduces the number of components outside of the core chipset thus minimizing the footprint and assembly cost of the overall 802.11a/b/g and 11n solution. The RF5389 contains integrated PA's for 2.5GHz and 5GHz, diplexers, TX/RX switch, dual LNA's for high receive bands, matching components, some bypass capacitors, built-in power detector for both bands, and filtering for transmit and receive paths. The RF5389 is packaged in a 40-pin, 6mmx6mmx0.95mm QFN package with backside ground which greatly minimizes next level board space and allows for simplified integration.
Ordering Information
RF5389 RF5389PCBA-410 3.3V, Dual-Band Front-End Module Fully Assembled Evaluation Board
Optimum Technology Matching(R) Applied
GaAs HBT GaAs MESFET InGaP HBT SiGe BiCMOS Si BiCMOS SiGe HBT GaAs pHEMT Si CMOS Si BJT GaN HEMT
RF MICRO DEVICES(R), RFMD(R), Optimum Technology Matching(R), Enabling Wireless ConnectivityTM, PowerStar(R), POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. (c)2006, RF Micro Devices, Inc.
Rev A2 DS071130
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
1 of 14
RF5389
Absolute Maximum Ratings Parameter
Supply Voltage Power Control Voltage (PA EN) DC Supply Current Input RF Power Operating Ambient Temperature Reduced Performance Temp Storage Temperature Moisture Sensitivity
Rating
-0.3 to +4.0 -0.5 to +3.5 400 +10 -10 to +70 -30 to -10 +70 to +85 -40 to +85 JEDEC Level MSL3
Unit
VDC V mA dBm C C C C
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability. Specified typical performance or functional operation of the device under Absolute Maximum Rating conditions is not implied. RoHS status based on EUDirective2002/95/EC (at time of this document revision). The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice.
Parameter
2.4GHz Transmit
Compliance Frequency Output Power EVM*
Min.
Specification Typ.
Max.
Unit
Condition
T=+25C, VCC(b/g)=3.3V, PAEN_g=2.85V, Pulsed at 1% to 100% duty cycle, Freq=2.4GHz to 2.5GHz, unless otherwise noted. IEEE802.11b, IEEE802.11g FCC CFR 15.247, 0.205, 0.209
2.4 14 2
2.5
GHz dBm % With a standard IEEE802.11g waveform @ 54Mbps, 64 QAM At 14dBm, 11g output power, rated 11g POUT, RMS, Mean with a standard IEEE802.11g waveform, OFDM, 54Mbps, 64 QAM With a standard IEEE802.11g waveform @ 54Mbps, 64 QAM At rated 11g POUT, RMS, Mean with a standard IEEE802.11g waveform, OFDM, 54Mbps, 64 QAM With a standard IEEE802.11b waveform @ 11Mbps, CCK Over Temperature and Frequency POUT =0dBm to 20dBm in 11b mode with 11Mbps
Output Power EVM*
18 4
dBm %
Output Power Gain Gain Variance Power Detect PDET Voltage Range PDET Output Resistance PDET Output Capacitance PDET Bandwidth PDET Sensitivity >10dBm 020 26 2.0 1.8 10 5 8 TBD
dBm dB dB V k pF MHz mV/dB mV/dB
140 180
mA mA
RF POUT =18dBm with a standard IEEE802.11g waveform, OFDM, 54Mbits/s, 64 QAM RF POUT =20dBm with a standard IEEE802.11b waveform, CCK, 11Mbits/s
*The EVM specification includes a 0.5% to 0.7% source EVM floor.
2 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A2 DS071130
RF5389
Parameter
2.4GHz Transmit, cont.
Idle Current PAEN_g Current Shutdown VCC (Power Supply) PA EN_g Voltage Switch Voltages Input Impedance Output Impedance Stability Output VSWR Ruggedness Output VSWR Second Harmonic 4:1 10:1 -43 dBm 3.0 2.8 -0.2 3.0 0 50 50 100 3 5 3.3 2.85 3.6 2.9 +0.2 3.6 0.2 mA mA uA V V V V V Stable, max spurious -47dBm No damage, conditions: max operating voltage, max input power Freq=2400MHz to 2500MHz@18dBm POUT, RBW=1MHz, average detector tested with 1Mbps Output stable to within 90% of final gain Output stable to within 90% of final gain T=+25C, VCC(a)=3.3V, PAEN_a=2.85V, Pulsed at 1% to 100% duty cycle, Freq=4.9GHz to 5.85GHz, unless otherwise noted. IEEE802.11a IEEE802.11j FCC CFR 15.247, 0.205, 0.209 4.9 16 4 6 5.85 GHz dBm % With a standard IEEE802.11a waveform, OFDM, 54Mbits/s, 64 QAM RMS, mean with a standard IEEE802.11a waveform, OFDM, 54Mbits/s, 64 QAM at 16dBm output power With a standard IEEE802.11a waveform, OFDM, 54Mbits/s, 64 QAM RMS, mean with a standard IEEE802.11a waveform, OFDM, 54Mbits/s, 64 QAM at 13dBm output power PAEN_g is in the high state (ON) PAEN_g is in the off state (OFF) Switch voltage in the high state. Switch voltage in the low state. VCC =ON, PAEN_g=ON, and RF=ON VCC =ON, PAEN_g=OFF, and RF=OFF
Min.
Specification Typ.
Max.
Unit
Condition
Turn-On Time Turn-Off Time
1.0 1.0
sec sec
5.0GHz Transmit
Compliance
Frequency Output Power EVM*
Output Power EVM*
13 2
dBm %
Gain Gain Variance Power Detect PDET Voltage Range PDET Output Resistance PDET Output Capacitance PDET Bandwidth
23
25 2.0
dB dB TBD V k pF MHz POUT =0dBm to 16dBm in 11a mode with 54Mbps
0.7
1.5 10 5 8
*The EVM specification includes a 0.5% to 0.7% source EVM floor.
Rev A2 DS071130
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
3 of 14
RF5389
Parameter
5.0GHz Transmit, cont.
PDET Sensitivity >10dBm 0Min.
Specification Typ.
Max.
Unit
Condition
Idle Current PAEN_a Current Shutdown VCC (Power Supply) PA EN_a Voltage Switch Voltages Input Impedance Output Impedance Stability Output VSWR 3:1 3.0 2.8 -0.2 3.0 0
90 8 5 3.3 2.85 3.6 2.9 +0.2 3.6 0.2 50 50
mA mA A V V V V V Stable, max spurious -47dBm Conditions: max operating voltage, max input power No damage, conditions: max operating voltage, max input power -30 dBm Fundamental frequency is between 4900MHz and 5299MHz at POUT =+16dBm measured with 6Mbps Fundamental frequency is between 5300MHz and 5825MHz at POUT =+16dBm measured with 6Mbps Amplifier set up for best IEEE802.11a performance; FC =5180MHz; RF POUT =+16dBm; T=+25C, Measured @ 5150MHz Amplifier set up for best IEEE802.11a performance; FC =5320MHz; RF POUT =+16dBm; T=+25C, Measured @ 5350MHz Output stable to within 90% of final gain Output stable to within 90% of final gain
Ruggedness Output VSWR Second Harmonic
10:1
-43
dBm
IEEE802.11a Spectral Mask per FCC Part 15.205 IEEE802.11a Spectral Mask per FCC Part 15.205 Turn-On Time Turn-Off Time Antenna Port Impedance Input Output 50 50
-43
dBm
-43
dBm
1.0 1.0
sec sec
4 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A2 DS071130
RF5389
Parameter
2.4GHz Receive, RX_g1 and RX_g2
Compliance IEEE802.11b IEEE802.11g IEEE802.11n FCC CFR 15.247, 0.205, 0.209 2.4 2.3 2.3 -0.3 -10 15 3.0 0 Switch Leakage 3.6 0.2 30 +0.3 2.5 GHz dB dB dB dB A V V A Switch voltage in the high state. Switch voltage in the low state. SPDT switch+diplexer, 2.4GHz to 2.5GHz SPDT switch+diplexer, 2.4GHz to 2.5GHz
Min.
Specification Typ.
Max.
Unit
Condition
Frequency Insertion Loss Noise Figure Passband Ripple Output Return Loss Current Consumption Switch Voltages
5.0GHz Receive, RX_a1 and RX_a2
Compliance IEEE802.11a IEEE802.11j FCC CFR 15.247, 0.205, 0.209 4.9 8 4.9 TBD TBD 1 -10 15 30 3.0 -0.2 3.6 +0.2 5.9 GHz dB dB dBm dBm dB dB mA uA V V LNA VCC is in the high state LNA VCC is in the low state SPDT switch+diplexer+LNA
Frequency Insertion Gain Noise Figure Input P1dB Input IP3 Passband Ripple Output Return Loss Current Consumption Switch Leakage Current LNA VCC
5.0GHz Receive, RX_a1 and RX_a2, cont.
Switch Voltages 3.0 0 3.6 0.2 2.5 1.0 -0.2 -10 50 15 3.0 0 3.6 0.2 +0.2 8 V V GHz dB dB dBm dB A V V Switch voltage in the high state. Switch voltage in the low state. No external matching SPDT switch Switch voltage in the high state. Switch voltage in the low state.
Bluetooth
Frequency Insertion Loss Passband Ripple Input/Output Power Output Return Loss Output Impedance Current Consumption Switch Voltages 2.4
Rev A2 DS071130
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
5 of 14
RF5389
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 Function PA EN_a TX_a NC TX_g PA ENg RX_g1 GND RX_a1 LNA VCC1 RX_g2 GND RX_a2 NC LNA VCC2 NC GND BT GND SW4 ANT2 SW3 SW2 ANT1 GND SW1 VCC_g VCC_g GND GND GND PDET_g PDET_a VCC_a VCC_a VCC_g VCC_a VCC_g Description
Bias voltage for the 802.11a PA. Internally decoupled port with approximately 100pF. TX RF input for the 802.11a PA. Input is matched to 50 and DC block is provided internally. Not connected. RF input for the 802.11b/g PA. Input is matched to 50 and DC block is provided. Bias voltage for the 802.11b/g PA. Internally decoupled port with approximately 100pF. Receive port for 802.11b/g band. Internally matched to 50. Ground connection. Receive port for 802.11a band. Internally matched to 50 and DC block is provided internally. Voltage supply for the LNA. Receive port for 802.11b/g band. Internally matched to 50. Ground connection. Receive port for 802.11a band. Internally matched to 50 and DC block is provided internally. Not connected. Voltage supply for the LNA. Not connected. Ground connection. Bluetooth receive port. Ground connection. Switch control port. RF output. This port is matched to 50 and DC block is provided internally. Switch control port. Switch control port. RF output. This port is matched to 50 and DC block is provided internally. Ground connection. Switch control port. (See Switch Truth table for operation.) Supply voltage for the IEEE802.11b/g PA. Requires external decoupling capacitors for best performance. Supply voltage for the IEEE802.11b/g PA. Requires external decoupling capacitors for best performance. Ground connection. Ground connection. Ground connection. Power detector voltage for the 802.11b/g PA. PDET voltage varies with output power. May need external decoupling capacitor for module stability. May need resistive voltage divider to bring output voltage to desired level. Power detector voltage for the 802.11a PA. PDET voltage varies with output power. May need external decoupling capacitor for module stability. May need resistive voltage divider to bring output voltage to desired level. Supply voltage for the IEEE802.11a PA. Requires external decoupling capacitors for best performance. Supply voltage for the IEEE802.11a PA. Requires external decoupling capacitors for best performance. Supply voltage for the IEEE802.11b/g PA. Requires external decoupling capacitors for best performance. Supply voltage for the IEEE802.11a PA. Requires external decoupling capacitors for best performance. Supply voltage for the bias reference circuit. Requires external decoupling capacitors for best performance.
6 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A2 DS071130
RF5389
Pin 38 39 40 Pkg Base
Mode # 1 2 3 4
Function GND GND GND GND
Description
Ground connection. Ground connection. Ground connection. Ground connection. The back side of the package should be connected to ground plane through as short a connection as possible (e.g., PCB vias under the device are recommended).
Switch Truth Table for Transmit and Receive Path 1 (ANT1)
Description Transmit, 2.4GHz Receive, 2.4GHz Transmit, 5.0GHz Receive, 5.0GHz SW1 L H L H SW2 H L H L PA EN_a L L H L PA EN_g H L L L LNA VCC1 L L L H
Switch Truth Table for Receive Path 2 (ANT2)
Mode # 1 2 3 Description Receive, 2.4GHz Receive, 5.0GHz Receive, BT SW3 H H L SW4 L L H LNA VCC2 L H L
Package Drawing
0.10 C 0.08 C
6.00
Pin 1 ID
A
0.90 0.70 0.05 0.01
5.75
0.70 0.65
6.00
5.75 0.55 TYP. 0.45
B
0.10 C 2 PLCS
R0.2 MAX 0.28 0.18
0.10 C A B C SEATING PLANE
4.50 4.30
0.50 0.30 4.50 4.30
0.50 Shaded lead is Pin 1.
Dimensions in mm.
Rev A2 DS071130
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
7 of 14
RF5389
Pin Out
(Top View)
PDET_a 32 PDET_g 31 30 GND 29 NC 28 GND 27 VCC_g 26 VCC_g 25 SW1 24 GND 23 ANT1 22 SW2 21 SW3 11 GND 12 RX_a2 13 NC 14 LNA VCC2 15 NC 16 GND 17 BT 18 GND 19 SW4 20 ANT2 VCC_g VCC_a VCC_g VCC_a 34 VCC_a 33 GND GND 39 GND 38
40 PA EN_a 1 TX_a 2 NC 3 TX_g 4 PA EN_g 5 RX_g1 6 GND 7 RX_a1 8 LNA VCC1 9 RX_g2 10
37
36
35
8 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A2 DS071130
RF5389
Application Schematic
C1 VCC1 4.7 uF C6 1 nF R2 56 C4 1 uF L1 5.6 nH C7 1 nF R1 6.8 L2 5.6 nH C2 10 pF C9 1 uF C5 1 nF R3 1 k PDET_g 39 38 37 36 35 34 33 32 31 30 C12 18 pF C11 18 pF PDET_a
C8 4.7 pF R4 12 PA EN_a 50 strip TX_a 2 29 C13 10 pF 1 40
3 50 strip TX_g PA EN_g R5 0 50 strip RX_g1 7 50 strip RX_a1 8 C19 10 pF C18 10 pF 50 strip 5 4
28 L3 3.9 nH 27 C32 1 nF C15 N/U R6 1 k C30 N/U VCC1
26
6
25 C17 0.5 pF
SW1
24
23 C20 10 pF
ANT1
LNA VCC1 C21 1 nF 50 strip RX_g2 C27 10 pF 50 strip
9
22 SW2 R7 1 k
10 11 12 13 C25 1 nF 14 15 16 17 18 19 20
21
C22 0.5 pF
SW3 R8 1 k C28 10 pF
50 strip RX_a2
50 strip LNA VCC2 R9 C29 10 pF 1 k BT NOTES: 1. It is recommended that C32 is placed close to pins 26 and 27. 2. It is recommended that C9 is placed close to pin 34. 3. It is recommended that C8 is placed close to pin 37. 4. It is recommended that C17 is placed close to pin 25, and C22 placed close to pin 22.
50 strip ANT2
SW4
Rev A2 DS071130
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
9 of 14
RF5389
Evaluation Board Schematic
P1-8 P1 8 7 P1-6 P1-5 P1-4 P1-3 P1-2 P1-1 6 5 4 3 2 VCC1 GND PDET_a PDET_g SW1 SW2 SW3 P2-2 P2-3 P2-4 P2-5 P2 1 2 3 4 GND PA EN_a PA EN_g LNA VCC1 C1 VCC1 4.7 uF C6 1 nF C10 N/U C8 4.7 pF R4 12 PA EN_a C13 10 pF 1 J1 TX_a 50 strip 2 29 40 39 38 37 36 35 34 33 32 31 30 R3 1 k C12 18 pF PDET_g R2 56 C4 1 uF L1 5.6 nH C7 1 nF R1 6.8 L2 5.6 nH C3 N/U C9 1 uF C2 10 pF PDET_a C5 1 nF C11 18 pF
LNA VCC2 5 CON5
SW4 1 CON8 HDR_8
J2 TX_g PA EN_g
50 strip R5 0 C18 10 pF
3
28
C32 1 nF
C33 N/U
C15 N/U L3 3.9 nH
C30 N/U
C14 N/U VCC1
4
27
5
26
C17 0.5 pF
C31 N/U
R6 1 k SW1
J3 RX_g1
50 strip C19 10 pF 50 strip
6
25
7
24 C20 10 pF 50 strip
L5 N/U J8 ANT1 R7 1 k SW2
J4 RX_a1 LNA VCC1
8
23
9 C21 1 nF
22
10 11 12 13 C25 1 nF C26 N/U 14 15 16 17 18 19 20
21
J5 RX_g2 J6 RX_a2
50 strip C27 10 pF
C22 0.5 pF
C23 N/U SW3
50 strip
C24 N/U C28 10 pF R9 1 k
R8 1 k L4 N/U J8 ANT2
50 strip
LNA VCC2 50 strip C29 10 pF
J7 BT
SW4
10 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A2 DS071130
RF5389
Evaluation Board Layouts Board Size 2.0" x 2.0"
Board Thickness 0.032", Board Material FR-4, Multi-Layer
Rev A2 DS071130
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
11 of 14
RF5389
10.0 9.0 8.0 7.0
Typical I_PAEN_G versus POUT @ VCC=3.3V, PAEN_G=2.85V, and @ 25C
2.0 1.8 1.6 1.4 1.2
Typical PDET versus POUT @ VCC=3.3V, PAEN_G=2.85V, and @ 25C
I_PAEN_G (mA)
6.0 5.0 4.0 3.0 2.0 1.0 0.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 2.4GHz 2.45GHz 2.5GHz
PDET (V)
1.0 0.8 0.6 0.4 0.2 0.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 2.4GHz 2.45GHz 2.5GHz
POUT (dBm)
POUT (dBm)
30.0 28.0 26.0 24.0 22.0 20.0 18.0 16.0 14.0
Typical Gain versus POUT @ VCC=3.3V PAEN_G=2.85V, and @ 25C
200.0 180.0 160.0 140.0 120.0 100.0 80.0 60.0 40.0
Typical ICC versus POUT @ VCC=3.3V, PAEN_G=2.85V, and @ 25C
Gain (dB)
2.4GHz 12.0 10.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 2.45GHz 2.5GHz 0.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 20.0
ICC (mA)
2.4GHz 2.45GHz 2.5GHz 18.0 20.0
POUT (dBm)
POUT (dBm)
10.0 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0.0
Typical EVM versus POUT @ VCC=3.3V, PAEN_G=2.85V, and @ 25C
EVM (%)
2.4GHz 2.45GHz 2.5GHz 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0
POUT (dBm)
12 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A2 DS071130
RF5389
20.0 18.0 16.0 14.0
Typical I_PAEN_A versus POUT @ VCC=3.3V, PAEN_A=2.85V and @ 25C
2.0 1.8 1.6 1.4 1.2
Typical PDET Voltage versus POUT @ VCC=3.3V, PAEN_A=2.85V, and @ 25C
I_PAEN_A (mA)
12.0 10.0 8.0 6.0 4.0 2.0 0.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 4.9GHz 5.4GHz 5.85GHz
PDET (V)
1.0 0.8 0.6 0.4 0.2 0.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 4.9GHz 5.4GHz 5.85GHz
POUT (dBm)
POUT (dBm)
34.0 32.0 30.0 28.0 26.0
Typical Gain versus POUT @ VCC=3.3V, PAEN_A=2.85V, and @ 25C
210.0 200.0 190.0 180.0 170.0
Typical ICC versus POUT @ VCC=3.3V, PAEN_A=2.85V, and @ 25C
Gain (dB)
ICC (mA)
4.9GHz 5.4GHz 5.85GHz 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0
24.0 22.0 20.0 18.0 16.0 14.0 12.0 10.0
160.0 150.0 140.0 130.0 120.0 110.0 100.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 4.9GHz 5.4GHz 5.85GHz
POUT (dBm)
POUT (dBm)
10.0 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0.0
Typical EVM versus POUT @ VCC=3.3V, PAEN_A=2.85V, and 25C
EVM (%)
4.9GHz 5.4GHz 5.85GHz 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0
POUT (dBm)
Rev A2 DS071130
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
13 of 14
RF5389
14 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A2 DS071130


▲Up To Search▲   

 
Price & Availability of RF5389PCBA-410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X