Part Number Hot Search : 
400AA WFF2N65B FC74N 2102C A500L BAT54S MJW21195 Y7C10
Product Description
Full Text Search
 

To Download RF5388PCBA-410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
RF5388
3.3V, DUAL-BAND FRONT-END MODULE
Package Style: QFN, 40-Pin, 6 x 6 x 0.9 mm
RX _a
RX_g
GND
GND 32
38
36
33
31
Features
Single-Module Radio FrontEnd Single Supply Voltage 3.0V to 3.6V Integrated 2.5GHz & 5GHZ PA's, Diplexers, Filters & Switches for TX & RX POUT =18dBm, 11g, OFDM a 4% Typ EVM, POUT =16dBm, 11a, OFDM @ 4% Typ EVM
LNA VCC 1
5 GHz LNA
RX Diplexer
SW2 28 ANT 27 SW1 26 VCC_g 25 VCC_g 20 PD_g
PA EN_g 4
TX _g 6
LB BP Filter
2.4 GHz PA
TX Diplexer
TX_a 8
HB BP Filter
5 GHz PA
PA EN_a 10
14
15 VCC_a
16 VCC_g
17 VCC_a
18 VCC_a
19 PD_a
Applications
IEEE802.11a/b/g/n WLAN Applications Single-Chip RF Front-End Module 2.5GHz and 5GHz ISM Bands Applications Wireless LAN Systems Portable Battery-Powered Equipment
Functional Block Diagram
Product Description
The RF5388 is a single-chip dual-band integrated front-end module (FEM) for highperformance WLAN applications in the 2.5GHz and 5GHz ISM bands. The RF5388 addresses the need for aggressive size reduction for a typical 802.11a/b/g RF front-end design and greatly reduces the number of components outside of the core chipset thus minimizing the footprint and assembly cost of the overall 802.11a/b/g/n solution. The RF5388 contains integrated PA's for 2.5GHz and 5GHz, diplexers, TX/RX switch, LNA for the 5.0GHz receive band, matching components, some bypass capacitors, built-in power detector for both bands, and filters for transmit and receive paths. The RF5388 is packaged in a 40-pin, 6mmx6mmx0.9mm QFN package with backside ground. Greatly minimizes next level board space and allows for simplified integration.
Ordering Information
RF5388 RF5388PCBA-410 3.3V, Dual-Band Front-End Module Fully Assembled Evaluation Board
Optimum Technology Matching(R) Applied
GaAs HBT GaAs MESFET InGaP HBT SiGe BiCMOS Si BiCMOS SiGe HBT GaAs pHEMT Si CMOS Si BJT GaN HEMT
RF MICRO DEVICES(R), RFMD(R), Optimum Technology Matching(R), Enabling Wireless ConnectivityTM, PowerStar(R), POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. (c)2006, RF Micro Devices, Inc.
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
VCC_g
1 of 14
RF5388
Absolute Maximum Ratings Parameter
Supply Voltage Power Control Voltage (PA EN) DC Supply Current Input RF Power Operating Ambient Temperature Reduced Performance Temp Storage Temperature Moisture Sensitivity
Preliminary
Rating
-0.3 to +5.5 -0.5 to +3.5 400 +10 -10 to +70 -30 to -10 +70 to +85 -40 to +85 JEDEC Level MSL3
Unit
VDC V mA dBm C C C C
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may cause permanent damage to the device. Extended application of Absolute Maximum Rating conditions to the device may reduce device reliability. Specified typical performance or functional operation of the device under Absolute Maximum Rating conditions is not implied. RoHS status based on EUDirective2002/95/EC (at time of this document revision). The information in this publication is believed to be accurate and reliable. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents, or other rights of third parties, resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended application circuitry and specifications at any time without prior notice.
Parameter
2.4GHz Transmit
Compliance Frequency Output Power EVM
Min.
Specification Typ.
Max.
Unit
Condition
T=+25C, VCC(b/g)=3.3V, PAEN_g=2.85V, Freq=2.4GHz to 2.5GHz, unless otherwise noted. IEEE802.11b, IEEE802.11g FCC CFR 15.247, 0.205, 0.209
2.4 14 2
2.5
GHz dBm % At 14dBm, 11g output power, RMS, Mean with a standard IEEE802.11g waveform, OFDM, 54Mbps, 64 QAM With a standard IEEE802.11g waveform at 54Mbps, 64 QAM At 18dBm, 11g output power, RMS, Mean with a standard IEEE802.11g waveform, OFDM, 54Mbps, 64 QAM With a standard IEEE802.11b waveform at 11Mbps, CCK Over Temperature and Frequency For POUT =0dBm to 20dBm in 11b mode.
Output Power EVM*
18 4
dBm %
Output Power Gain Gain Variance Power Detect Voltage Range Output Resistance Output Capacitance Bandwidth Sensitivity >10dBm 020 26 2.0 1.8 10 5 8 TBD
dBm dB dB V k pF MHz mV/dB mV/dB
140 180
mA mA mA mA uA
RF POUT =18dBm with a standard IEEE802.11g waveform, OFDM, 54Mbits/s, 64 QAM RF POUT =20dBm with a standard IEEE802.11b waveform, CCK, 11Mbits/s VCC =3.3V, PA EN_g=2.85V, RF=OFF VCC =On, PAEN_g=ON, and RF=ON VCC =On, PAEN_g=OFF, and RF=OFF
Idle Current IPAEN_g Shutdown
100 3 5
2 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A1 DS071026
Preliminary
Parameter
2.4GHz Transmit, cont.
Power Supply PAEN_g Voltage Switch Voltages Input Impedance Output Impedance Stability Output VSWR Ruggedness Output VSWR Second Harmonic 4:1 10:1 -43 dBm 3.0 2.8 -0.2 3.0 0 50 50 3.3 2.85 3.6 2.9 +0.2 3.6 0.2 V V V V V
RF5388
Max. Unit Condition
Min.
Specification Typ.
PAEN_a is in the high state (ON) PAEN_g is in the off state (OFF) Switch voltage in the high state. Switch voltage in the low state.
Stable, max spurious -47dBm No damage, conditions: max operating voltage, max input power Freq=2400MHz to 2500MHz at 18dBm POUT, RBW=1MHz, average detector tested with 1Mbps Amplifier set up for best IEEE802.11g performance; FC =2412MHz; RF POUT =TBDdBm; IEEE802.11b CCK 11Mbps Modulation, T=+25C, Measured at FC -22MHz Amplifier set up for best IEEE802.11g performance; FC =2462MHz; RF POUT =TBDdBm; IEEE802.11b CCK 11Mbps Modulation, T=+25C, Measured at FC +22MHz Output stable to within 90% of final gain Output stable to within 90% of final gain T=+25C, VCC(a)=3.3V, PAEN_a=2.85V, Freq=4.9GHz to 5.85GHz, unless otherwise noted. IEEE802.11a IEEE802.11j FCC CFR 15.247, 0.205, 0.209
IEEE802.11b/g Spectral Mask per FCC Part 15.205
-43
dBm
IEEE802.11b/g Spectral Mask per FCC Part 15.205
-43
dBm
Turn-On Time Turn-Off Time
1.0 1.0
Sec Sec
5.0GHz Transmit
Compliance
Frequency Output Power EVM*
4.9 16 4
5.85
GHz dBm With a standard IEEE802.11a waveform, OFDM, 54Mbits/s, 64 QAM At 16dBm output power, RMS, mean with a standard IEEE802.11a waveform, OFDM, 54Mbits/s, 64 QAM at rated output power At 13dBm, 11g output power, with a standard IEEE802.11a waveform, OFDM, 54Mbits/s, 64 QAM At 13dBm, 11g output power, with a standard IEEE802.11a waveform, OFDM, 54Mbits/s, 64 QAM
6
%
Output Power
13
dBm
EVM
2
%
Gain Gain Variance Power Detect Voltage Range Output Resistance Output Capacitance Bandwidth
23
25 2.0
dB dB TBD V k pF MHz At POUT range of 0dBm to 16dBm with a standard IEEE802.11a waveform.
0.7
1.5 10 1 8
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
3 of 14
RF5388
Parameter
5.0GHz Transmit, cont.
Sensitivity >10dBm 0Preliminary
Specification Typ. Unit Condition
Min.
Max.
mV/dB mV/dB mA RF POUT =+16dBm, RMS, mean with a standard IEEE802.11g waveform, OFDM, 54Mbits/s, 64 QAM at rated output power VCC =3.3V, PA EN_a=2.85V, RF=OFF
Idle Current IPAEN_a Shutdown PAEN_a Supply Voltage PA EN_a Voltage Switch Voltages Input Impedance Output Impedance Stability Output VSWR 3:1 3.0 2.8 -0.2 3.0 0
90 8 5 3.3 2.85 3.6 2.9 +0.2 3.6 0.2 50 50
mA mA A V V V V V
PAEN_a is in the high state (ON) PAEN_a is in the off state (OFF) Switch voltage in the high state. Switch voltage in the low state.
Stable, max spurious -47dBm Conditions: max operating voltage, max input power No damage, conditions: max operating voltage, max input power dBm At POUT =+16dBm, measured in 1MHz RBW with 6Mbps 11a signal, Fundamental Frequency is between 4.9GHz to 5.299GHz. At POUT =+16dBm, measured in 1MHz RBW with 6Mbps 11a signal, Fundamental Frequency is between 5.3GHz to 5.85GHz. Amplifier set up for best IEEE802.11a performance; FC =5180MHz; RF POUT =+16dBm; T=+25C, Measured at 5150MHz Amplifier set up for best IEEE802.11a performance; FC =5320MHz; RF POUT =+16dBm; T=+25C, Measured at 5350MHz Output stable to within 90% of final gain Output stable to within 90% of final gain
Ruggedness Output VSWR Second Harmonic
10:1 -30
-43
dBm
IEEE802.11a Spectral Mask per FCC Part 15.205 IEEE802.11a Spectral Mask per FCC Part 15.205 Turn-On Time Turn-Off Time Antenna Port Impedance Input Output
-43
dBm
-43
dBm
1.0 1.0 50 50
Sec Sec
4 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A1 DS071026
Preliminary
Parameter
2.4GHz Receive
Compliance
RF5388
Max. Unit Condition
IEEE802.11b IEEE802.11g FCC CFR 15.247, 0.205, 0.209
Min.
Specification Typ.
Frequency Insertion Loss Noise Figure Passband Ripple Output Return Loss Current Consumption Switch Voltages
2.4 2.0 2.0 -0.3 -10
2.5
GHz dB dB SPDT switch+diplexer SPDT switch+diplexer
+0.3 30
dB dB A V V Switch leakage current Switch voltage in the high state. Switch voltage in the low state. IEEE802.11a IEEE802.11j FCC CFR 15.247, 0.205, 0.209
3.0 0
3.6 0.2
5.0GHz Receive
Compliance
Frequency Insertion Gain Noise Figure Input P1dB Input IP3 Passband Ripple Output Return Loss Current Consumption Switch Leakage Current LNA VCC Switch Voltages
4.9 9 4.5 TBD TBD 1 -10 15
5.85 4.9
GHz dB dB dBm dBm dB dB mA SPDT switch+diplexer
30 3.0 -0.2 3.0 0 3.6 +0.2 3.6 0.2
uA V V V V LNA VCC is in the high state LNA VCC is in the low state Switch voltage in the high state. Switch voltage in the low state.
*The EVM specification includes a 0.5% to 0.7% source EVM floor.
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
5 of 14
RF5388
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 Function LNA VCC GND GND PA EN_g GND TX_g GND TX_a GND PA EN_a GND GND GND VCC_g VCC_a VCC_g VCC_a VCC_a PDET_a PDET_g GND GND NC GND VCC_g VCC_g SW1 ANT GND NC SW2 GND GND GND Description
5GHz LNA input voltage supply. Ground connection. Ground connection.
Preliminary
Interface Schematic
Bias voltage for the 802.11b/g PA. Internally decoupled port with approximately 100pF. Ground connection. RF input for the 802.11b/g PA. Input is matched to 50 and DC block is provided internally. Ground connection. TX RF input for the 802.11a PA. Input is matched to 50 and DC block is provided internally. Ground Connection. Bias voltage for the 802.11a PA. Internally decoupled port with approximately 100pF. Ground connection. Ground connection. Ground connection. Supply voltage for the 11b/g amplifier. Requires external decoupling capacitors for best performance. Supply voltage for the 11a amplifier. Requires external decoupling capacitors for best performance. Supply voltage for the 11b/g amplifier. Requires external decoupling capacitors for best performance. Supply voltage for the 11a amplifier. Requires external decoupling capacitors for best performance. Supply voltage for the 11a amplifier. Requires external decoupling capacitors for best performance. Power detector voltage for the 802.11a PA. Pdetect voltage varies with output power. May need external decoupling capacitor for module stability. May need resistive voltage divider to bring output voltage to desired level. Power detector voltage for the 802.11b/g PA. Pdetect voltage varies with output power. May need external decoupling capacitor for module stability. May need resistive voltage divider to bring output voltage to desired level. Ground connection. Ground connection. No Connect. Ground connection. Supply voltage for the 11b/g amplifier. Requires external decoupling capacitors for best performance. Supply voltage for the 11b/g amplifier. Requires external decoupling capacitors for best performance. Switch control port. (See Switch Truth table.) Antenna port. This port is matched to 50 and DC block is not provided internally. Ground connection. No Connect. Switch control port. (See Switch Truth table.) Ground connection. Ground connection. Ground connection.
6 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A1 DS071026
Preliminary
Pin 35 36 37 38 39 40 Pkg Base Function GND RX_g GND RX_a GND GND GND Description
Ground connection. Receive port for 802.11b/g band. Internally matched to 50 and DC block is not provided internally. Ground connection. Receive port for 802.11a band. Internally matched to 50 and DC block is provided internally. Ground connection. Ground connection. Ground connection. The back side of the package should be connected to ground plane through as short a connection as possible (e.g., PCB vias under the device are recommended).
RF5388
Interface Schematic
Switch Truth Table
Mode # 1 2 3 4 Description Transmit, 2.4GHz Receive, 2.4GHz Transmit, 5.0GHz Receive, 5.0GHz SW1 H L H L SW2 L H L H PA EN_a L L H L PA EN_g H L L L LNA EN L L L H
Package Drawing
0.10 C 0.08 C
6.00
Pin 1 ID
A
0.90 0.70 0.05 0.01
5.75
0.70 0.65
6.00
5.75 0.55 TYP. 0.45
B
0.10 C 2 PLCS
R0.2 MAX 0.28 0.18
0.10 C A B C SEATING PLANE
4.50 4.30
0.50 0.30 4.50 4.30
0.50 Shaded lead is Pin 1.
Dimensions in mm.
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
7 of 14
RF5388
Pin Out
(Top View)
RX_a RX_g GND GND GND GND
Preliminary
GND
GND
GND 32
40 LNA VCC GND GND PA EN_g GND TX_g GND TX_a GND PA EN_a 1 2 3 4 5 6 7 8 9 10 11 GND
39
38
37
36
35
34
33
31 30 29 28 27 26 25 24 23 22 21 NC GND ANT SW1 VCC_g VCC_g GND NC GND GND
12 GND
13 GND
14 VCC_g
15 VCC_a
16 VCC_g
17 VCC_a
18 VCC_a
19 PDET_a
20 PDET_g
8 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SW2
Rev A1 DS071026
Preliminary
Application Schematic
50 strip
RF5388
RX_g
50 strip RX_a
50 strip
C1 10 pF C2 N/U
R1 1 k SW2 C4 5.6 pF
40 LNA_A C3 1 nF 1 2 3 4 C6 18 pF TX_g 5 6 7 50 strip TX_a 8 9 10 C13 18 pF 11
39
38
37
36
35
34
33
32
31 30 29 28 27 SW1 26 25 24 23 22 21 L3 0 VCC C11 N/U C14 18 pF PDG PDA C26 1 nF C27 8.2 pF C9 1 nF C7 0.5 pF R3 1 k 50 strip C5 10 pF 50 strip ANT
R2 12 PA EN_g
50 strip
R5 12 PA EN_a
12
13
14
15
16
17
18
19
20
R4 1 k C16 4.7 pF C20 1 nF L1 5.6 nH C22 1 uF R6 56 C17 1 nF C18 1 uF L2 5.6 nH R7 6.8 C21 8.2 pF C24 1 nF
C19 18 pF
C25 4.7 F
VCC
NOTES: Low Band Recommendations 1. In general, it is recommended to follow the Evaluation Board layout rules and component placements. 2. C26 needs to be placed as close as possible to Pins 25 and 26 for best linearity. 3. C27 placement is critical to provide 2nd harmonic filtering (please see Evaluation Board layout). 4. C16 placement should be as close as possible to Pin 14. High Band 1. C18 should be placed close to Pin 17 for best linearity. 2. Depending on the layout, R7, R6, and R5 values can be changed to optimize performance. 3. The value and placements of C7 and C4 can be optimized based on the layout for best performance.
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
9 of 14
RF5388
Preliminary
Evaluation Board Schematic
50 strip C1 10 pF C2 N/U J2 RX_G
J5 RX_A
50 strip
50 strip
R1 1 k SW2 C4 5.6 pF
C3 1 nF LNA_A 1 2 C6 18 pF PA EN_g R2 12 J1 TX_g 50 strip 6 7 J4 TX_a 50 strip 8 9 10 C13 18 pF 3 4 5
40
39
38
37
36
35
34
33
32
31 30 29 50 strip 28 27 26 25 24 23 22 21 L3 0 VCC C11 N/U R4 1 k C14 18 pF C12 N/U C26 1 nF C27 8.2 pF C9 1 nF C7 0.5 pF C8 N/U R3 1 k SW1 C5 10 pF
50 strip
J3 ANT
R5 12 PA EN_a
11
12
13
14
15
16
17
18
19
20
C16 4.7 pF C15 N/U C20 1 nF
C22 1 uF
L1 5.6 nH R6 56 C17 1 nF C19 18 pF C21 8.2 pF C24 1 nF P2 1 2 3 4 5
PDG
PDA C18 1 uF L2 5.6 nH C23 N/U R7 6.8
P2-1 P2-2 P2-3 P2-4
SW2 SW1 PDG PDA VCC
P1-5 P1-4
P1 5 4 3
LNA_A N/C GND PA_ENG
P1-2 P1-1
2
C25 4.7 uF
P2-5
GND 6 CON6 VCC
PA_ENA 1 CON5
10 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A1 DS071026
Preliminary
Evaluation Board Layouts Board Size 1.5" x 1.5"
Board Thickness 0.032", Board Material FR-4, Multi-Layer
RF5388
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
11 of 14
RF5388
10.0 9.0 8.0 7.0
Preliminary
Typical PDET versus POUT @ VCC=3.3V, PAEN_G=2.85V and @ 25C
Typical I_PAEN_G versus POUT @ VCC=3.3V, PAEN_G=2.85V, and @ 25C
2.0 1.8 1.6 1.4 1.2
I_PAEN_G (mA)
6.0 5.0 4.0 3.0 2.0 1.0 0.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 2.4GHz 2.45GHz 2.5GHz
PDET (V)
1.0 0.8 0.6 0.4 0.2 0.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0 2.4GHz 2.45GHz 2.5GHz
POUT (dBm)
POUT (dBm)
30.0 28.0 26.0 24.0 22.0 20.0 18.0 16.0 14.0
Typical Gain versus POUT @ VCC=3.3V, PAEN_G=2.85V, and @ 25C
200.0 180.0 160.0 140.0 120.0
Typical ICC versus POUT @ VCC=3.3V, PAEN_G=2.85V, and @ 25C
Gain (dB)
ICC (mA)
2.4GHz
100.0 80.0 60.0 40.0
12.0 10.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0
2.45GHz 2.5GHz
20.0 0.0
2.4GHz 2.45GHz 2.5GHz 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0
18.0
20.0
POUT (dBm)
POUT (dBm)
10.0 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0.0
Typical EVM versus POUT @ VCC=3.3V, PAEN_G=2.85V, and @ 25C
EVM (%)
2.4GHz 2.45GHz 2.5GHz 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 20.0
POUT (dBm)
12 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A1 DS071026
Preliminary
Typical I_PAEN_A versus POUT @ VCC=3.3V, PAEN_A=2.85V, and @ 25C
RF5388
2.0 1.8 1.6 1.4 1.2
10.0 9.0 8.0 7.0
Typical PDET Voltage versus POUT @ VCC=3.3V, PAEN_A=2.85V, and @ 25C
I_PAEN_A (mA)
6.0 5.0 4.0 3.0 2.0 1.0 0.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 4.9GHz 5.4GHz 5.85GHz
PDET (V)
1.0 0.8 0.6 0.4 0.2 0.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 4.9GHz 5.4GHz 5.85GHz
POUT (dBm)
POUT (dBm)
34.0 32.0
Typical Gain versus POUT @ VCC=3.3V, PAEN_A=2.85V, and @ 25C
220.0 210.0
Typical ICC versus POUT @ VCC=3.3V, PAEN_A=2.85V, and 25C
30.0 200.0 28.0 190.0 26.0 180.0
Gain (dB)
24.0 22.0 20.0 18.0 16.0 14.0 12.0 10.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 4.9GHz 5.4GHz 5.85GHz
ICC (mA)
170.0 160.0 150.0 140.0 130.0 120.0 110.0 100.0 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0 4.9GHz 5.4GHz 5.85GHz
POUT (dBm)
POUT (dBm)
10.0 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0.0
Typical EVM versus POUT @ VCC=3.3V, PAEN_A=2.85V, and @ 25C
EVM (%)
4.9GHz 5.4GHz 5.85GHz 0.0 2.0 4.0 6.0 8.0 10.0 12.0 14.0 16.0 18.0
POUT (dBm)
Rev A1 DS071026
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
13 of 14
RF5388
Preliminary
14 of 14
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Rev A1 DS071026


▲Up To Search▲   

 
Price & Availability of RF5388PCBA-410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X