Part Number Hot Search : 
AD637K 100R2 13005 CDRH5D28 GT23MABE AEO35K48 SA160AG 3EVKI
Product Description
Full Text Search
 

To Download RF3388PCBA-410 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Proposed
RF3388
3.7V, DUAL-BAND FRONT-END MODULE
Package Style: QFN, 24-Pin, 4mmx4mm
LNA EN
SW3
SW2
SW1
23
22
21
20
19 24 BLUETOOTH
Features
Single-Module Radio FrontEnd Single Supply Voltage 3.15V to 4.5V Integrated 2.5GHz & 5GHZ PA's, RX Baluns, Filters & Switches for TX & RX, and High Band LNA POUT =16dBm, 11g, OFDM<3.3% EVM POUT =16dBm, 11a, OFDM<3.3% EVM
ANT2.4 1
NC 18 RX2.4+ 17 RX2.416 RX5.0+ 15 RX5.013 PA EN 2.4 12 TX2.4 7 PA EN 5.0 8 TX5.0
ANT5.0 2
3 PDETECT
Applications
IEEE802.11a/b/g WLAN Applications Single-Chip RF Front-End Module 2.5GHz and 5GHz ISM Bands Applications Wireless LAN Systems Portable Battery-Powered Equipment
Functional Block Diagram
Product Description
The RF3388 is a single-chip dual-band integrated front-end module (FEM) for highperformance WLAN applications in the 2.5GHz and 5GHz ISM bands. The RF3388 addresses the need for aggressive size reduction for a typical 802.11a/b/g RF front-end design and greatly reduces the number of components outside of the core chipset thus minimizing the footprint and assembly cost of the overall 802.11a/b/g solution. The RF3388 contains integrated PA's for 2.5GHz and 5GHz, TX/RX switch for each band, LNA for the 5.0GHz receive band, baluns for both low and high receive bands, some bypass capacitors, built-in power detector for both bands, and some filtering for transmit and receive paths. The RF3388 is packaged in a 24-pin, 4mmx4mm QFN package with backside ground. The RF3388 greatly minimizes next level board space and allows for simplified integration.
Ordering Information
RF3388 RF3388PCBA-410 3.7V, Dual-Band Front-End Module Fully Assembled Evaluation Board
Optimum Technology Matching(R) Applied
GaAs HBT GaAs MESFET InGaP HBT SiGe BiCMOS Si BiCMOS SiGe HBT GaAs pHEMT Si CMOS Si BJT GaN HEMT
RF MICRO DEVICES(R), RFMD(R), Optimum Technology Matching(R), Enabling Wireless ConnectivityTM, PowerStar(R), POLARISTM TOTAL RADIOTM and UltimateBlueTM are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. (c)2006, RF Micro Devices, Inc.
Prelim DS071101
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
1 of 2
RF3388
Proposed
Please contact RFMD Technical Support at (336) 678-5570 for more information.
2 of 2
7628 Thorndike Road, Greensboro, NC 27409-9421 * For sales or technical support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Prelim DS071101


▲Up To Search▲   

 
Price & Availability of RF3388PCBA-410

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X