Part Number Hot Search : 
78M12CDT F1000 MX365A SR10150S M38022E8 APT75G UBA3070 C2412
Product Description
Full Text Search
 

To Download NTE1224 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE1224 Integrated Circuit Audio Power Amplifier, 1W
Description: The NTE1224 is a linear integrated circuit designed for use as a 1 Watt Audio power Amplifier. Its typical application is radio and stereo amplifiers and is driven by a single DC supply or rectified OC. Absolute Maximum Ratings: (TA = +25C, unless otherwise specified) Supply Voltage, V2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16V Circuit Current, ICC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1A Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.55W Operating Temperature Range, Topg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +65C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55 to +150C Electrical Characteristics: (TA +25C, VCC = 10V, RL = 8, unless otherwise specified)
Parameter Quiescent Current Output Voltage Output Power Total Harmonic Distortion Output Noise Voltage
Pin Connection Diagram
.185 (4.7) Max Input
7 6
Symbol ICQ VO PO THD VNO
Test Conditions Vi = 0 Vi = 10mV, f = 1kHz THD = 10%, f = 1kHz PO = 50mW, f = 1kHz Rg = 51k
Min 5 0.6 0.85 - -
Typ Max Unit 12 0.8 1.3 0.5 0.5 23 - - 1.5 1 mA V W % mV
.335 (8.5) Max Dia
N.C.
5
Feedback
8
Bypass
.500 (12.7) Min
GND 9
10 1 2
4 N.C.
GND
3
Bypass
.018 (0.48) Dia Typ 4 3 .370 (9.4) Max 2 1 10 9 8 5
Output
VCC
.200 (5.08) Dia 6 7


▲Up To Search▲   

 
Price & Availability of NTE1224

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X