Part Number Hot Search : 
CPC1968 BCM5702 C107M D70F35 STBS016 221M16 FG900 ZMM56
Product Description
Full Text Search
 

To Download ISL34340INZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
ISL34340
Data Sheet March 7, 2008 FN6255.0
WSVGA 24-Bit Long-Reach Video Serdes with Bidirectional Side-Channel
The ISL34340 is a serializer/deserializer of LVCMOS parallel video data. The video data presented to the serializer on the parallel LVCMOS bus is serialized into a high-speed differential signal. This differential signal is converted back to parallel video at the remote end by the deserializer. It also transports auxiliary data bidirectionally over the same link during the video vertical retrace interval.
Features
* 24-bit RGB transport over single differential pair * Bidirectional auxiliary data transport without extra bandwidth and over the same differential pair * 40MHz PCLK transports - SVGA 800 x 600 @ 70fps, 16% blanking - WSVGA 1024 x 600 @ 60fps, 8% blanking * Internal 100 termination on high-speed serial lines * DC balanced 8b/10b line code allows AC-coupling - Provides immunity against ground shifts
Ordering Information
PART NUMBER PART MARKING TEMP. RANGE (C) PKG. DWG. #
PACKAGE
* Transmitter amplitude boost and pre-emphasis and receiver equalization allow for longer cable lengths and higher data rates * Same device for serializer and deserializer simplifies inventory * I2C interface * High-speed serial lines meet 8kV ESD rating
ISL34340INZ* ISL34340INZ -40 to +85 64 Ld EPTQFP Q64.10x10B (Note) (Pb-free) *Add "-T13" suffix for tape and reel. Please refer to TB347 for details on reel specifications. NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Applications
* Navigation and display systems * Video entertainment systems * Industrial computing terminals * Remote cameras
Typical Application Diagram
3.3V 1.8V VDD_IO 3.3V 1.8V VDD_IO
VDD_CR
VDD_CDR
VDD_CR
VDD_TX
VDD_AN
VDD_TX
VDD_AN
RSTB/PDB
VDD_CDR
VDD_P
VDD_P
RSTB/PDB
VDD_IO
VDD_IO
24
24 RGB
RGB
27 nf
10m DIFFERENTIAL CABLE
27 nf
SERIOP
SERIOP
27 nf
VIDEO SOURCE
VSYNC HSYNC DE PCLK_IN
ISL34340
(serializer mode)
SERION
27 nf
ISL34340
SERION
(deserializer
VSYNC HSYNC DE mode) PCLK_OUT
VIDEO SINK
REF_CLK GND_CR GND_AN GND_P GND_TX GND_CDR GND_IO VIDEO_TX REF_RES TEST_EN
PCLK_IN GND_CR GND_AN GND_P GND_TX GND_CDR GND_IO VIDEO_TX REF_RES TEST_EN
I2CA1 I2CA0
3.16 K
VDD_IO
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2008. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
3.16 K
I2CA1 I2CA0
ISL34340 Pinout
ISL34340 (64 LD EPTQFP) TOP VIEW
Block Diagram
SCL SDA I2C VCM GENERATOR RAM PREEMPHASIS 3 V/H/DE TDM RGB 24 RX EQ 8b/10b MUX DEMUX SERION SERIOP
TX
VIDEO_TX (HI) CDR PCLK_IN (REF_CLK when VIDEO_TX is LO) PCLK_OUT
x30
/30
2
FN6255.0 March 7, 2008
ISL34340
Absolute Maximum Ratings
Supply Voltage VDD_P to GND_P, VDD_TX to GND_TX, VDD_IO to GND_IO . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 4.6V VDD_CDR to GND_CDR, VDD_CR to GND_CR . . -0.5V to 2.5V Between any pair of GND_P, GND_TX, GND_IO, GND_CDR, GND_CR . . . . . . . . . . . . . . . -0.1V to 0.1V 3.3V Tolerant LVTTL/LVCMOS Input Voltage . . . . . . . -0.5V to 4.6V Differential Input Voltage . . . . . . . . . . . . . . .-0.3V to VDD_IO + 0.3V Differential Output Current . . . . . . . . . . . . . . Short Circuit Protected LVTTL/LVCMOS Outputs . . . . . . . . . . . . . . . . Short Circuit Protected ESD Rating Human Body Model All pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4kV SERIOP/N (all VDD connected, all GND connected) . . . . . . .8kV Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .200V
Thermal Information
Thermal Resistance (Typical, Notes 1, 2) JA JC (C/W) EPTQFP. . . . . . . . . . . . . . . . . . . . . . . . 33 4.5 Maximum Power Dissipation. . . . . . . . . . . . . . . . . . . . . . . . . . . . 327mW Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125C Maximum Storage Temperature Range . . . . . . . . . .-65C to +150C Operating Temperature Range . . . . . . . . . . . . . . . . .-40C to +85C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTES: 1. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379. 2. For JC, the "case temp" location is the center of the exposed metal pad on the package underside.
Electrical Specifications
PARAMETER POWER SUPPLY VOLTAGE VDD_CDR, VDD_CR
Unless otherwise indicated, all data is for: VDD_CDR = VDD_CR = 1.8V, VDD_IO = 3.3V, VDD_TX = VDD_P = VDD_AN = 3.3V, TA = +25C, Ref_Res = 3.16k, High-speed AC-coupling capacitor = 27nF. SYMBOL CONDITIONS MIN TYP MAX UNITS
1.7 3.0
1.8 3.3
1.9 3.6
V V
VDD_TX, VDD_P, VDD_AN, VDD_IO SERIALIZER POWER SUPPLY CURRENTS Analog TX Supply Current Analog CDR Supply Current Digital I/O Supply Current Digital Supply Current PLL/VCO Supply Current Analog Bias Supply Current Total 1.8V Supply Current Total 3.3V Supply Current DESERIALIZER POWER SUPPLY CURRENTS Analog TX Supply Current Analog CDR Supply Current Digital I/O Supply Current Digital Supply Current PLL/VCO Supply Current Analog BIAS Supply Current Total 1.8V Supply Current Total 3.3V Supply Current IDDTX IDDCDR IDDIO IDDCR IDDP IDDAN VIDEO_TX = 0 REF_CLK = 40MHz IDDTX IDDCDR IDDIO IDDCR IDDP IDDAN VIDEO_TX = 1 PCLK_IN = 40MHz
17 57 1 20 17 5.5 77 40 90 46 2
mA mA mA mA mA mA mA mA
24 45 17 32 17 5.4 77 64 90 80 25
mA mA mA mA mA mA mA mA
3
FN6255.0 March 7, 2008
ISL34340
Electrical Specifications
PARAMETER POWER-DOWN SUPPLY CURRENT Total 1.8V Power-down Supply Current Total 3.3V Power-down Supply Current PARALLEL INTERFACE High Level Input Voltage Low Level Input Voltage Input Leakage Current High Level Output Voltage Low Level Output Voltage Output Short Circuit Current Output Rise and Fall Times VIH VIL IIN VOH VOL IOSC tOR/tOF Slew rate control set to min, CL = 8pF Slew rate control set to max, CL = 8pF SERIALIZER PARALLEL INTERFACE PCLK_IN Frequency PCLK_IN Duty Cycle Parallel Input Setup Time Parallel Input Hold Time DESERIALIZER PARALLEL INTERFACE PCLK_OUT Frequency PCLK_OUT Duty Cycle PCLK_OUT Period Jitter (rms) PCLK_OUT Spread Width Time to paRallel Output Data Valid Deserializer Output Latency fOUT tODC tOJ tOSPRD tDV tCPD Clock randomizer off Clock randomizer on Relative to PCLK_OUT Part-to-part, side-channel disabled -4.7 4 9 6 50 0.5 20 5.5 14 40 MHz % %Tpclk %Tpclk ns PCLK fIN tIDC tIS tIH 6 40 3.6 1.6 50 40 60 MHz % ns ns 1 4 IOH = -2.0mA, VDD_IO = 3V IOL = 2.0mA, VDD_IO = 3V -10 0.8*VDD_IO 0.2*VDD_IO 50 0.01 2.0 0.8 10 V V A V V mA ns ns RSTB = GND; spec is per device 0.5 1 mA mA Unless otherwise indicated, all data is for: VDD_CDR = VDD_CR = 1.8V, VDD_IO = 3.3V, VDD_TX = VDD_P = VDD_AN = 3.3V, TA = +25C, Ref_Res = 3.16k, High-speed AC-coupling capacitor = 27nF. (Continued) SYMBOL CONDITIONS MIN TYP MAX UNITS
DESERIALIZER REFERENCE CLOCK (REF_CLK IS FED INTO PCLK_IN) REF_CLK Lock Time REF_CLK to PCLK_OUT Clock Maximum Frequency Offset HIGH-SPEED TRANSMITTER HS Differential Output Voltage, Transition Bit VODTR TXCN = 0x00 TXCN = 0x0F TXCN = 0xF0 TXCN = 0xFF HS Differential Output Voltage, Non-Transition Bit VODNTR TXCN = 0x00 TXCN = 0x0F TXCN = 0xF0 TXCN = 0xFF HS Generated Output Common Mode Voltage VOCM 600 600 825 1170 975 1300 825 460 975 600 2.35 990 990 mVP-P mVP-P mVP-P mVP-P mVP-P mVP-P mVP-P mVP-P V tPLL PCLK_OUT is the recovered clock 1500 100 5000 s ppm
4
FN6255.0 March 7, 2008
ISL34340
Electrical Specifications
PARAMETER HS Common Mode Serializer-Deserializer Voltage Difference HS Differential Output Impedance HS Output Latency HS Output Rise and Fall Times HS Differential Skew HS Output Random Jitter HS Output Deterministic Jitter HIGH SPEED RECEIVER HS Differential Input Voltage HS Generated Input Common Mode Voltage HS Differential Input Impedance HS Maximum Jitter Tolerance I2 C I2C Clock Rate (on SCL) I2C Clock Pulse Width (HI or LO) I2C Clock Low to Data Out Valid I2C Start/Stop Setup/Hold Time I2C Data in Setup Time I2C Data in Hold Time I2C Data out Hold Time FI2C 1.3 0 0.6 100 100 100 1 100 400 kHz s s s ns ns ms VID VICM RIN 80 150 2.32 100 0.52 120 mVP-P V UIP-P Unless otherwise indicated, all data is for: VDD_CDR = VDD_CR = 1.8V, VDD_IO = 3.3V, VDD_TX = VDD_P = VDD_AN = 3.3V, TA = +25C, Ref_Res = 3.16k, High-speed AC-coupling capacitor = 27nF. (Continued) SYMBOL VCM ROUT tLPD tR/tF tSKEW tRJ tDJ Part-to-part 20% to 80% 80 4 CONDITIONS MIN TYP 20 100 7 150 <10 13.4 40 MAX 120 120 10 UNITS mV PCLK ps ps psrms psP-P
Pin Descriptions
DESCRIPTION PIN NUMBER 52 to 63, 2 to 13 22 23 21 26 51 41, 40 24 PIN NAME SERIALIZER DESERIALIZER Parallel video data LVCMOS outputs Horizontal (line) Sync LVCMOS output Vertical (frame) Sync LVCMOS output Video Data Enable LVCMOS output PLL reference clock LVCMOS input Recovered clock LVCMOS output High speed differential serial I/O
RGBA[7:0], Parallel video data LVCMOS inputs RGBB[7:0], RGBC[7:0] HSYNC VSYNC DATAEN PCLK_IN PCLK_OUT SERIOP/N HSYNCPOL Horizontal (line) Sync LVCMOS input Vertical (frame) Sync LVCMOS input Video Data Enable LVCMOS input Pixel clock LVCMOS input Default not used High speed differential serial I/O CMOS input for HSYNC 1: HSYNC is active low 0: HSYNC is active high CMOS input for VSYNC 1: VSYNC is active low 0: VSYNC is active high CMOS input for video flow direction 1: video serializer 0: video deserializer
25
VSYNCPOL
49
VIDEO_TX
5
FN6255.0 March 7, 2008
ISL34340 Pin Descriptions (Continued)
DESCRIPTION PIN NUMBER 29, 30 31-33 16 14 PIN NAME SDA, SCL I2CA[2:0] RSTB/PDB STATUS SERIALIZER I2C Interface Pins (I2C DATA, I2C CLK) I2C Device Address CMOS input for Reset and Power-down. For normal operation this pin must be forced high. When this pin is forced low, the device will be reset. If this pin stays low the device will be in PD mode. CMOS output for Receiver Status: 1: Valid 8b/10b data received 0: otherwise Note: serializer and deserializer switch roles during side-channel reverse traffic Analog bias setting resistor connection; use 3.16k 1% to ground PLL Ground Digital (Parallel and Control) Ground Analog (Serial) Data Recovery Ground Analog (Serial) Output Ground Analog Bias Ground Core Logic Ground Core Logic VDD Analog (Serial) Output VDD Analog Bias VDD Analog (Serial) Data Recovery VDD Digital (Parallel and Control) VDD PLL VDD Must be connected to ground Must be connected to ground DESERIALIZER
36 27 48, 64 44, 45 39, 42 37 17, 18 19, 20 43 38 46, 47 1, 50 28 15, 35 Exposed Pad NOTES:
REF_RES GND_P GND_IO GND_CDR GND_TX GND_AN GND_CR VDD_CR VDD_TX VDD_AN VDD_CDR VDD_IO VDD_P TEST_EN, TEST Exposed Pad
3. Pins with the same name are internally connected together. However, this connection must NOT be used for connecting together external components or features. 4. The various differently-named Ground pins are internally weakly connected. They must be tied together externally. The different names are provided to assist in minimizing the current loops involved in bypassing the associated supply VDD pins. In particular, for ESD testing, they should be considered a common connection.
6
FN6255.0 March 7, 2008
ISL34340 Diagrams
VODTR VODNTR
TXCN 0x00 0x0F 0xF0 0xFF
FIGURE 1. VOD vs TXCN SETTING
VIDEO_TX = 1
PCLK_IN tIS RGB[A:C][7:0]
1/fIN
tIDC
tIH VALID DATA VALID DATA DATA IGNORED DATA IGNORED VALID DATA
tIS HSYNC VSYNC DATAEN
tIH
FIGURE 2. PARALLEL VIDEO INPUT TIMING [HSYNCPOL = 0, VSYNCPOL = 0, PCLKPOL (reg) = 0]
7
FN6255.0 March 7, 2008
ISL34340
VIDEO_TX = 0
PCLK_OUT tDV RGB[A:C][7:0] VALID DATA VALID DATA DATA HELD AT PREVIOUS VALUE VALID DATA tODC
1/fOUT
tOR
tOF
tDV HSYNC VSYNC DATAEN
FIGURE 3. PARALLEL VIDEO OUTPUT TIMING [HSYNCPOL = 0, VSYNCPOL = 0, PCLKPOL (reg) = 0]
Applications
Overview
A pair of ISL34340 serdes transports 24-bit parallel video (16-bit parallel video for the ISL34320) along with auxiliary data over a single 100 differential cable either to a display or from a camera. Auxiliary data is transferred in both directions and can be used for remote configuration and telemetry. The benefits include lower EMI, lower costs, greater reliability and space savings. The same device can be configured to be either a serializer or deserializer by setting one pin (VIDEO_TX), simplifying inventory. RGBA/B/C, VSYNC, HSYNC, and DATAEN pins are inputs in serializer mode and outputs in deserializer mode. The video data presented to the serializer on the parallel LVCMOS bus is serialized into a high-speed differential signal. This differential signal is converted back to parallel video at the remote end by the deserializer. The side-channel data is transferred between the serdes pair during two lines of the vertical video blanking interval. When the side-channel is enabled, there will be a number of PCLK cycles uncertainty from frame-to-frame. This should not cause sync problems with most displays, as this occurs during the vertical front porch of the blanking period. When properly configured, the serdes link supports end-to-end transport with fewer than one error in 1010 bits.
PCB traces need to be adjacent and matched in length (so as to minimize the imbalanced coupling to other traces or elements), and of a geometry to match the impedance of the transmitter and receiver, to minimize reflections. Similar care needs to be applied to the choice of connectors and cables. SERIOP and SERION pins incorporate internal differential termination of the serial signal lines. External termination cannot be used unless the side-channel is disabled.
SERIO Pin AC-Coupling
AC-coupling minimizes the effects of DC common mode voltage difference and local power supply variations between two serdes. The serializer outputs DC balanced 8b/10b line code, which allows AC-coupling. The AC-coupling capacitor on SERIO pins must be 27nf on the serializer board and 27nf on the deserializer board. The value of the AC-coupling capacitor is very critical since a value too small will attenuate the high speed signal at low clock rate. A value too big will slow down the turn around time for the side-channel.
Receiver Reference Clock (REF_CLK)
The reference clock (REF_CLK) for the PLL is fed into PCLK_IN pin. REF_CLK is used to recover the clock from the high speed serial stream. REF_CLK is very sensitive to any instability. The following conditions must be met at all times after power is applied to the deserializer, or else the deserializer may need a manual reset: * REF_CLK frequency must within the limits specified * REF_CLK amplitude must be stable. A simple 3.3V CMOS crystal oscillator can be used for REF_CLK.
Differential Signals and Termination
The ISL34340 serializes the 24-bit parallel data at 30x the PCLK_IN frequency. The ISL34320 serializes the 16-bit parallel data at 20x the PCLK_IN frequency. The extra two bits per word come from the 8b/10b encoding scheme. The high bit rate of the differential serial data requires special care in the layout of traces on PCBs, in the choice and assembly of connectors, and in the cables themselves.
Power Supply Sequencing
The 3.3V supply must be higher than the 1.8V supply at all times, including during power-up and power-down. To meet
8
FN6255.0 March 7, 2008
ISL34340
this requirement, the 3.3V supply must be powered up before the 1.8V supply. For the deserializer, REF_CLK must not be applied before the device is fully powered up. Applying REF_CLK before power-up may require the deserializer to be manually reset. A 10ms delay after the 1.8V supply is powered up guarantees normal operation. Capacitors of 0.1F offer low impedance in the 10MHz to 20MHz region, and 1000pF capacitors in the 100MHz to 200MHz region. In general, one of the lower value capacitors should be used at each supply pin on the IC. Figure 4 shows the grounding of the various capacitors to the pin corresponding to the supply pin. Although all the ground supplies are tied together, the PCB layout should be arranged to emulate this arrangement, at least for the smaller value (high frequency) capacitors, as much as possible.
Power Supply Bypassing
The serializer and deserializer functions rely on the stable functioning of PLLs locked to local reference sources or locked to an incoming signal. It is important that the various supplies (VDD_P, VDD_AN, VDD_CDR, VDD_TX) be well bypassed over a wide range of frequencies, from below the typical loop bandwidth of the PLL to approaching the signal bit rate of the serial data. A combination of different values of capacitors from 1000pF to 5F or more with low ESR characteristics is generally required. The parallel LVCMOS VDD_IO supply is inherently less sensitive, but since the RGB and SYNC/DATAEN signals can all swing on the same clock edge, the current in these pins and the corresponding GND pins can undergo substantial current flow changes, so once again, a combination of different values of capacitors over a wide range, with low ESR characteristics, is desirable. A set of arrangements of this type is shown in Figure 4, where each supply is bypassed with a ferrite-bead-based choke, and a range of capacitors. A "choke" is preferable to an "inductor" in this application, since a high-Q inductor will be likely to cause one or more resonances with the shunt capacitors, potentially causing problems at or near those frequencies, while a "lossy" choke will reflect a high impedance over a wide frequency range. The higher value capacitor, in particular, needs to be chosen carefully, with special care regarding its ESR. Very good results can be obtained with multilayer ceramic capacitors, available from many suppliers, and generally in small outlines (such as the 1210 outline suggested in the schematic shown in Figure 4), which provide good bypass capabilities down to a few m at 1MHz to 2MHz. Other capacitor technologies may also be suitable (perhaps niobium oxide), but "classic" electrolytic capacitors frequently have ESR values of above 1, that nullify any decoupling effect above the 1kHz to 10kHz frequency range.
FIGURE 4. POWER SUPPLY BYPASSING
I2C Interface
The I2C interface allows access to internal registers used to configure the serdes and to obtain status information. A serializer must be assigned a different address than its deserializer counterpart. The upper 3-bits are permanently set to 011 and the lower 4 bits determined by pins as follows:
0 1 1 I2CA3 I2CA2 I2CA1 I2CA0 R/W
Thus, 16 serdes can reside on the same bus. By convention, when all address pins are tied low, the device address is referred to as 0x60. SCL and SDA are open drain to allow multiple devices to share the bus. If not used, SCL and SDA should be tied to VDD_IO.
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 9
FN6255.0 March 7, 2008
ISL34340 Thin Plastic Quad Flatpack Exposed Pad Plastic Packages (EPTQFP)
D D1 -D-
Q64.10x10B (JEDEC MS-026ACD-HU ISSUE D) 64 LEAD THIN PLASTIC QUAD FLATPACK EXPOSED PAD PACKAGE
MILLIMETERS SYMBOL A A1 MIN 0.05 0.95 0.16 0.17 11.80 9.90 3.46 11.80 9.90 3.46 0.45 64 0.50 BSC MAX 1.20 0.15 1.05 0.28 0.23 12.20 10.10 3.76 12.20 10.10 3.76 0.75 NOTES 6 3 4, 5 3 4, 5 7 Rev. 0 2/07
11o-13o
-A-
-B-
A2 b b1
E E1
D D1 D2
e
E E1 E2 L N
PIN 1 TOP VIEW
e NOTES:
0.020 0.008 MIN 0o MIN GAGE PLANE 0o-7o L 0.25 0.010 A2 A1
1. Controlling dimension: MILLIMETER. Converted inch dimensions are not necessarily exact. 2. All dimensions and tolerances per ANSI Y14.5M-1982. 3. Dimensions D and E to be determined at seating plane -C- . 4. Dimensions D1 and E1 to be determined at datum plane -H- . 5. Dimensions D1 and E1 do not include mold protrusion. Allowable protrusion is 0.25mm (0.010 inch) per side. 6. Dimension b does not include dambar protrusion. Allowable dambar protrusion shall not cause the lead width to exceed the maximum b dimension by more than 0.08mm (0.003 inch). 7. "N" is the number of terminal positions.
11o-13o
PIN 1
-H-
A
SEATING PLANE 0.08 0.003 -C-
E2 0.08 M 0.003
C A-B S
DS b b1
0.09/0.16 0.004/0.006 D2 BOTTOM VIEW BASE METAL WITH PLATING
0.09/0.20 0.004/0.008
10
FN6255.0 March 7, 2008


▲Up To Search▲   

 
Price & Availability of ISL34340INZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X