Part Number Hot Search : 
1601B 30K6A1A PQ600 93C56N 34L153C P5630 T4001 62004
Product Description
Full Text Search
 

To Download IDC-502005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IDC-5020
Vishay Dale
High Current, Surface Mount Inductor
FEATURES
* High energy storage * Low resistance * Tape and reel packaging for automatic handling * 100 % lead (Pb)-free and RoHS compliant
RoHS
COM PLIANT
ELECTRICAL SPECIFICATIONS
Inductance Range: 1.0 H to 1000 H, tested at 1.0 Vrms Inductance Tolerance: 20 %, tighter tolerances available upon request Operating Temperature: - 40 C to + 125 C Resistance to Solder Heat: 260 C for 10 seconds
MATERIALS
Core: Ferrite Wire: Enamelled copper wire Base: LCP Terminal: Nickel bronze Adhesive: Epoxy resin
STANDARD ELECTRICAL SPECIFICATIONS
INDUCTANCE (H) 1.0 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 TOLERANCE 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % 20 % TEST FREQUENCY L (kHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 DCR MAXIMUM (Ohms) 0.009 0.010 0.012 0.015 0.018 0.027 0.038 0.046 0.085 0.10 0.14 0.20 0.28 0.40 0.61 1.02 1.27 2.02 3.00 Isat (Amps) 9.0 8.0 7.0 6.4 5.4 4.6 3.8 3.0 2.6 2.0 1.6 1.4 1.2 1.0 0.8 0.6 0.5 0.4 0.3 Irms (Amps) 6.8 6.4 6.1 5.4 4.8 4.4 3.9 3.1 2.7 2.1 1.8 1.5 1.3 1.0 0.8 0.6 0.5 0.4 0.3
Inductance drop = 10 % typ. at Isat GT = 15C typ. at Irms
DIMENSIONS in inches [millimeters]
A Max. B Max. D Max. E F
H I
G
J
A (Max.) 0.510 [12.95]
B (Max.) 0.370 [9.40]
D (Max.) 0.205 [5.21]
E 0.100 [2.54]
F 0.100 [2.54]
G 0.300 [7.62]
H 0.115 [2.92]
I 0.290 [7.37]
J 0.110 [2.79]
DESCRIPTION
IDC-5020 MODEL 10 H INDUCTANCE VALUE 20 % INDUCTANCE TOLERANCE ER PACKAGE CODE e3 JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I D C 5 0
SIZE
2
0
E
R
1
0
0
M
TOL.
PRODUCT FAMILY
PACKAGE CODE
INDUCTANCE VALUE
Document Number: 34007 Revision: 07-Feb-06
For technical questions, contact: magnetics@vishay.com
www.vishay.com 73
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of IDC-502005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X