Part Number Hot Search : 
200248FI 00190 6066R HIN232 4VHC08 20240 1N4763 1T450CH2
Product Description
Full Text Search
 

To Download HWS467 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HWS467
GaAs DC-2.5 GHz SP3T Switch
June 2006 V2
Features
* Low Insertion Loss: 0.4 dB @ 1.0 GHz
QFN12L (3 x 3 mm)
0.5 dB @ 2.5 GHz
* Isolation: 27 dB @ 1.0 GHz
20 dB @ 2.5 GHz
* Low DC Power Consumption * Miniature QFN12L (3x3 mm) Plastic Lead (Pb)
Free Package
* RoHS (Restrict of Hazardous Substances)
Compliant
Description
The HWS467 is a GaAs SP3T switch operating at DC-2.5 GHz in a low cost miniature QFN12L (3 x 3 mm) plastic lead (Pb) free package. The HWS467 features low insertion loss with very low DC power consumption. This switch can be used in wireless applications for selection of Bluetooth and IEEE 802.11b/g transmit/receive functions.
Electrical Specifications at 25 with 0, +3V Control Voltages C
Parameter Insertion Loss Test Conditions 0.1-1.0 GHz 1.0-2.0 GHz 2.0-2.5 GHz 0.1-1.0 GHz 1.0-2.0 GHz 2.0-2.5 GHz 0.1-2.5 GHz 0.5-2.5 GHz 0.5-2.5 GHz Min. Typ. 0.40 0.45 0.50 27 22 20 20 33 36 100 5 100 Max. Unit dB dB dB dB dB dB dB dBm dBm nsec uA
0.70
Isolation Return Loss Input Power for 0.1 dB Compression Input Power for One dB Compression Switching Time Control Current
15
Note: All measurements made in a 50 ohm system with 0/+3.0V control voltages, unless otherwise specified.
Hexawave Inc.
2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512 http://www.hw.com.tw All specifications are subject to change without notice.
HWS467
GaAs DC-2.5 GHz SP3T Switch
June 2006 V2
Typical Performance Data @ +25 C
Insertion Loss vs Frequency
0.0 -0.2 -0.4 -0.6 -0.8 -1.0 0.5 1.0 1.5 2.0 Frequency(GHz) 2.5 3.0
Absolute Maximum Ratings
Parameter RF Input Power Control Voltage Operating Temperature Storage Temperature Absolute Maximum +36 dBm @ +3V +6V -40 to +85C C -65 to +150 C C
Insertion Loss(dB)
Pin Out (Top View)
RFC GND CB
11
GND
Isolation vs Frequency
-10
VC1
1
12
10 9
VC3 CB RF3 GND
-15
RF1
CB
2 8 7 4 5 6 3
Isolation(dB)
-20
GND
-25 -30 -35 -40 0.5 1.0 1.5 2.0 Frequency(GHz) 2.5 3.0
Return Loss vs Frequency
-5 -10 Return Loss(dB)
Note: 1. DC blocking capacitors CB=47pF are required on all RF ports. 2. Exposed pad in the bottom must be connected to ground by via holes.
Logic Table for Switch On-Path
VC1 VC2 0 1 0 VC3 0 0 1 RFC RF1 RF2 RF3
GND
CB RF2 VC2
-15 -20 -25 -30 -35 0.5 1.0 1.5 2.0 Frequency(GHz) 2.5 3.0
1 0 0
`1' = +2.7V to +5V `0' = 0V to +0.2V
Hexawave Inc.
2 Prosperity Road II, Science-Based Industrial Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512 http://www.hw.com.tw All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of HWS467

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X