Part Number Hot Search : 
EDJ4G0 OV480 P8205NL D25P2000 5KP13CA OM4003ST D883B ER502
Product Description
Full Text Search
 

To Download HWS388 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HWS388 !
Features
* Four Inputs, Two Outputs switch * Insertion Loss: 5.5 dB * Isolation: 30.5 dB * Low DC Power Consumption * Small TSSOP16 Plastic Package * PHEMT process
!
March 2004 V2
TSSOP-16
Description
The HWS388 is a GaAs PHEMT 4x2 switch operating at 0.95 to 2.15 GHz in a low cost TSSOP16 plastic package. Any of the four inputs can be directed to any of the two outputs. The HWS388 is suitable for use in Direct Broadcast Satellite (DBS) switching system applications.
Electrical Specifications at 25 with 0V/+5V Control Voltages and 0 dBm Pin C
Parameter Insertion Loss Insertion Loss Flatness Isolation (Above Insertion Loss) Output Return Loss Control Current Test Conditions 0.95-2.15 GHz 0.95-2.15 GHz 0.95-1.50 GHz 1.50-2.15 GHz 0.95-2.15 GHz Per control pin 25.0 22.0 Min. Typ. 5.5 1.0 28.0 25.0 15 500 Max. 7.0 Unit dB dB dB dB dB uA
Note: 1. All measurements made in a 50 ohm system with 0/+5.0V control voltages, unless otherwise specified. 2. `Isolation (Above Insertion Loss)' = . `isolation (off-state)' - `insertion loss (on-state)' .
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512 http://www.hw.com.tw All specifications are subject to change without notice.
HWS388 ! !
March 2004 V2
Typical Performance Data of Various States @ +25 C
Insertion Loss vs Frequency 0 -1
Insertion Loss (dB)
Input Return Loss(On-Path) vs Frequency 0 -5 Return Loss(dB) -10 -15 -20 -25 -30
-2 -3 -4 -5 -6 -7 -8 -9 -10 0.5 1.0 1.5 2.0 Frequency (GHz) 2.5 3.0
0.5
1.0
1.5 2.0 2.5 Frequency(GHz)
3.0
Isolation* vs Frequency 0 -10
Input Return Loss(Off-Path) vs Frequency 0 -5 Return Loss(dB) -10 -15 -20 -25 -30
-20
Isolation(dB)
-30 -40 -50 -60 -70 -80 0.5 1.0 1.5 2.0 2.5 Frequency(GHz) 3.0
0.5
1.0
1.5 2.0 2.5 Frequency(GHz)
3.0
* Isolation is recorded above insertion loss.
Output Return Loss vs Frequency 0 -5 Return Loss (dB) -10 -15 -20 -25 -30 0.5 1.0 1.5 2.0 Frequency (GHz) 2.5 3.0
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512 http://www.hw.com.tw All specifications are subject to change without notice.
HWS388 !
Pin Out (Top View)
% %
!
March 2004 V2
%
%
%
! "#$
%
!
%
"#$
Note: 1. DC blocking capacitors CB=51pF are required on all RF ports. 2. Exposed pad in the bottom must be connected to ground by via holes.
Logic Table for Switch On-Path
On Path OUT1 INA INB INC IND `1' = +5V `0' = 0V OUT2 INA INB INC IND VC1 1 1 0 0 VC2 0 0 1 1 VC3 1 0 1 0 Control Pins VC4 0 1 0 1 VC5 1 1 0 0 VC6 0 0 1 1 VC7 1 0 1 0 VC8 0 1 0 1
Recommended Operating Conditions (TA=+25oC)
Parameter Control Voltage (1) Control Voltage (0) Min. +4.5 -0.5 Typ. +5.0 0 Max. +5.5 +0.5 Unit V V
Absolute Maximum Ratings
Parameter RF Input Power Control Voltage Operating Temperature Storage Temperature Absolute Maximum +15 dBm @ +6V +6V -40 to +85C C -65 to +150 C C
Hexawave Inc.
2 Prosperity Road II, Science Park, Hsinchu, Taiwan. TEL 886-3-578-5100 FAX 886-3-577-0512 http://www.hw.com.tw All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of HWS388

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X