Part Number Hot Search : 
HCTS21D MAX170 PCA95 SI10642 2SK29 SP5502 6277A SCD12H
Product Description
Full Text Search
 

To Download HMC636ST89 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC636ST89 / 636ST89E
v00.1207
GaAs PHEMT HIGH LINEARITY Gain Block, 0.2 - 4.0 GHz
Typical Applications
The HMC636ST89(E) is ideal for: * Cellular / PCS / 3G * WiMAX, WiBro, & Fixed Wireless * CATV & Cable Modem * Microwave Radio
Features
Low Noise Figure: 2.2 dB High P1dB Output Power: +22 dBm High Output IP3: +40 dBm Gain: 13 dB 50 Ohm I/O's - No External Matching Industry Standard SOT89 Package
Functional Diagram
General Description
The HMC636ST89(E) is a GaAs PHEMT, High Linearity, Low Noise, Wideband Gain Block Amplifier covering 0.2 to 4.0 GHz. Packaged in an industry standard SOT89, the amplifier can be used as either a cascadable 50 Ohm gain stage, a PA Pre-Driver, a Low Noise Amplifier, or a Gain Block with up to +23 dBm output power. This versatile Gain Block Amplifier is powered from a single +5V supply and requires no external matching components The internally matched topology makes this amplifier compatible with virtually any PCB material or thickness.
6
LINEAR & POWER AMPLIFIERS - SMT
Electrical Specifi cations, Vs= 5.0 V, TA = +25 C
Parameter Frequency Range Gain Gain Variation Over Temperature Input Return Loss Output Return Loss Reverse Isolation Output Power for 1 dB Compression (P1dB) Output Third Order Intercept (IP3) Noise Figure Supply Current (Icq) 19 36 10 Min Typ. 0.2 - 2.0 13 0.01 10 13 22 22 39 2.5 155 20 36 0.02 5 Max Min. Typ. 2.0 - 4.0 10 0.01 10 15 20 23 39 2 155 0.02 Max. Units GHz dB dB/ C dB dB dBm dB dBm dB mA
Note: Data taken with broadband bias tee on device output.
6 - 326
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC636ST89 / 636ST89E
v00.1107
GaAs PHEMT HIGH LINEARITY Gain Block, 0.2 - 4.0 GHz
Broadband Gain & Return Loss
20 15 RESPONSE (dB) 10
S21 S11 S22
Gain vs. Temperature
16 14 12 GAIN (dB) 10 8 6 4 2 0
+25C +85C -40C
5 0 -5 -10 -15 -20 0 1 2
3
4
5
6
0
1
2 FREQUENCY (GHz)
3
4
FREQUENCY (GHz)
6
+25C +85C -40C
0
0
RETURN LOSS (dB)
-10
RETURN LOSS (dB)
-5
-5
-10
-15
+25C +85C -40C
-15
-20 0 1 2 FREQUENCY (GHz) 3 4
-20 0 1 2 FREQUENCY (GHz) 3 4
Reverse Isolation vs. Temperature
0 REVERSE ISOLATION (dB)
+25C +85C -40C
Noise Figure vs. Temperature
10 9
-5
8 NOISE FIGURE (dB) 7 6 5 4 3 2 1
+25C +85C -40C
-10
-15
-20
-25 0 1 2 FREQUENCY (GHz) 3 4
0 0 1 2 FREQUENCY (GHz) 3 4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
6 - 327
LINEAR & POWER AMPLIFIERS - SMT
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
HMC636ST89 / 636ST89E
v00.1107
GaAs PHEMT HIGH LINEARITY Gain Block, 0.2 - 4.0 GHz
P1dB vs. Temperature
30 25 20 15 10 5 0
Psat vs. Temperature
30 25 20 15 10 5 0
+25C +85C -40C
P1dB (dBm)
+25C +85C -40C
6
LINEAR & POWER AMPLIFIERS - SMT
28 Pout (dBm), GAIN (dB), PAE (%) 24 20 16 12 8 4 0 -4
0
1
2 FREQUENCY (GHz)
3
4
Psat (dBm)
0
1
2 FREQUENCY (GHz)
3
4
Power Compression @ 850 MHz
Power Compression @ 2200 MHz
32 Pout (dBm), GAIN (dB), PAE (%) 28 24 20 16 12 8 4 0 -4 16 -8 -20 -16 -12 -8 -4 0 4 8 12 16
Pout Gain PAE
Pout Gain PAE
-8 -20
-16
-12
-8
-4
0
4
8
12
INPUT POWER (dBm)
INPUT POWER (dBm)
Output IP3 vs. Input Tone Power
45
Gain, Power, OIP3 & Supply Current vs. Supply Voltage @ 850 MHz
GAIN (dB), P1dB (dBm), Psat (dBm), OIP3 (dBm) 50
Is
160 140 120 100
Gain P1dB Psat OIP3
40 OIP3 (dBm)
40
35
Is (mA)
30
0 dBm + 5 dBm +10 dBm
30
80 60
25
20
40 20
20 0 1 2 FREQUENCY (GHz) 3 4
10 4.5 4.75 5 Vs (Vdc) 5.25
0 5.5
6 - 328
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC636ST89 / 636ST89E
v00.1107
GaAs PHEMT HIGH LINEARITY Gain Block, 0.2 - 4.0 GHz
Absolute Maximum Ratings
Collector Bias Voltage (Vcc) RF Input Power (RFIN)(Vcc = +5 Vdc) Channel Temperature Continuous Pdiss (T = 85 C) (derate 13.3 mW/C above 85 C) Thermal Resistance (Channel to lead) Storage Temperature Operating Temperature +5.5 Volts +16 dBm 150 C 0.86 W 75.6 C/W -65 to +150 C -40 to +85 C
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
6
LINEAR & POWER AMPLIFIERS - SMT
6 - 329
NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Package Information
Part Number HMC636ST89 HMC636ST89E Package Body Material Low Stress Injection Molded Plastic RoHS-compliant Low Stress Injection Molded Plastic Lead Finish Sn/Pb Solder 100% matte Sn MSL Rating MSL1 MSL1
[1]
Package Marking [3] H636 XXXX H636 XXXX
[2]
[1] Max peak reflow temperature of 235 C [2] Max peak reflow temperature of 260 C [3] 4-Digit lot number XXXX
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC636ST89 / 636ST89E
v00.1107
GaAs PHEMT HIGH LINEARITY Gain Block, 0.2 - 4.0 GHz
Pin Descriptions
Pin Number Function Description Interface Schematic
1
RFIN
This pin is DC coupled. An off-chip DC blocking capacitor is required.
3
RFOUT
RF Output and DC BIAS for the amplifier. See Application Circuit for off-chip components.
6
LINEAR & POWER AMPLIFIERS - SMT
2, 4
GND
These pins and package bottom must be connected to RF/DC ground.
Application Circuit
6 - 330
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC636ST89 / 636ST89E
v00.1107
GaAs PHEMT HIGH LINEARITY Gain Block, 0.2 - 4.0 GHz
Evaluation PCB
6
LINEAR & POWER AMPLIFIERS - SMT
6 - 331
List of Materials for Evaluation PCB 119394 [1]
Item J1 - J2 J3 - J4 C1 - C3 C4 C5 L1 U1 PCB [2] Description PCB Mount SMA Connector DC Pin 100 pF Capacitor, 0402 Pkg. 1000 pF Capacitor, 0603 Pkg. 2.2 F Capacitor, Tantalum 47 nH Inductor, 0603 Pkg. HMC636ST89(E) 119392 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and package bottom should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation board should be mounted to an appropriate heat sink. The evaluation circuit board shown is available from Hittite upon request.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com


▲Up To Search▲   

 
Price & Availability of HMC636ST89

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X