Part Number Hot Search : 
TLRE100 MLL4620 UPD44 ADP3500 U5200 LC100 SK310 A68230
Product Description
Full Text Search
 

To Download HMC406MS8G07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC406MS8G / 406MS8GE
v04.0307
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
5
AMPLIFIERS - SMT
Typical Applications
This amplifier is ideal for use as a driver amplifier for 5.0 - 6.0 GHz applications: * UNII * HiperLAN & 802.11a WLAN
Features
Gain: 17 dB Saturated Power: +29 dBm 38% PAE Supply Voltage: +5.0 V Power Down Capability Low External Part Count
Functional Diagram
General Description
The HMC406MS8G & HMC406MS8GE are high efficiency GaAs InGaP Heterojunction Bipolar Transistor (HBT) MMIC Power amplifiers which operate between 5.0 and 6.0 GHz. The amplifier is packaged in a low cost, surface mount 8 leaded package with an exposed base for improved RF and thermal performance. With a minimum of external components, the amplifier provides 17 dB of gain and +29 dBm of saturated power at 38% PAE from a +5.0V supply voltage. Vpd can be used for full power down or RF output power/current control.
Electrical Specifications, TA = +25 C, Vs = 5V, Vpd = 5V
Parameter Frequency Range Gain Gain Variation Over Temperature Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Noise Figure Supply Current (Icq) Control Current (Ipd) Switching Speed Vpd = 0V/5V Vpd = 5V tON, tOFF 34 21 13 Min. Typ. 5.0 - 6.0 16 0.03 10 8 24 27 38 6.0 0.002 / 300 7 35 34 24 21 0.04 14 Max. Min. Typ. 5.7 - 5.9 17 0.03 11 9 27 29 38 6.0 0.002 / 300 7 35 21 0.04 Max. Units GHz dB dB/ C dB dB dBm dBm dBm dB mA mA ns
5 - 142
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC406MS8G / 406MS8GE
v04.0307
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
Broadband Gain & Return Loss
20 15 10 RESPONSE (dB) 5 0 -5 -10 -15 -20 -25 3 4 5 6 7 8 FREQUENCY (GHz)
S21 S11 S22
Gain vs. Temperature
22 20 18 16 GAIN (dB) 14 12 10 8 6 4 2 0 4.5 5 5.5 FREQUENCY (GHz) 6 6.5
+25 C +85 C -40 C
5
AMPLIFIERS - SMT
5 - 143
Input Return Loss vs. Temperature
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 4.5
+25 C +85 C -40 C
Output Return Loss vs. Temperature
0
+25 C +85 C -40 C
RETURN LOSS (dB) 6.5
-5
-10
5
5.5 FREQUENCY (GHz)
6
-15 4.5
5
5.5 FREQUENCY (GHz)
6
6.5
P1dB vs. Temperature
34 32 30 28 P1dB (dBm) 26 24 22 20 18 16 14 4.5 5 5.5 FREQUENCY (GHz) 6 6.5
+25 C +85 C -40 C
Psat vs. Temperature
34 32 30 28 Psat (dBm) 26 24 22 20 18 16 14 4.5 5 5.5 FREQUENCY (GHz) 6 6.5
+25 C +85 C -40 C
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC406MS8G / 406MS8GE
v04.0307
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
5
AMPLIFIERS - SMT
Power Compression @ 5.8 GHz
42 Pout (dBm), GAIN (dB), PAE (%) 36 30 24 18 12 6 0 0 2 4 6 8 10 12 14 16 18 INPUT POWER (dBm)
Pout (dBm) Gain (dB) PAE (%)
Output IP3 vs. Temperature
44 42 40 38 36 34 32 30 28 26 24 22 20 18 16 14 4.5
OIP3 (dBm)
+25 C +85 C -40 C
5
5.5 FREQUENCY (GHz)
6
6.5
Noise Figure vs. Temperature
10 9 8 NOISE FIGURE (dB) 7
Gain & Power vs. Supply Voltage
24 23 22 21 GAIN dB) 20 19 18 17 16 15
Gain P1dB Psat
32 31 30 29 28 27 26 25 24 23 22 5 Vcc SUPPLY VOLTAGE (Vdc) 5.25
6 5 4 3 2 1 0 4.5 5 5.5 FREQUENCY (GHz) 6 6.5
+25 C +85 C -40 C
14 4.75
Reverse Isolation vs. Temperature
0 -10 ISOLATION (dB) -20 -30 -40 -50 -60 4.5
Reverse Isolation Power Down Isolation
Gain, Power & Quiescent Supply Current vs. Vpd @ 5.8 GHz
33 GAIN (dB), P1dB (dBm), Psat (dBm) 30 27 24 21 18 15 12 9 6 3
Gain P1dB Psat Icq
350 315 280 245 210 Icq (mA) 175 140 105 70 35 0 3 3.5 4 Vpd (Vdc) 4.5 5
5
5.5 FREQUENCY (GHz)
6
6.5
2.5
5 - 144
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC406MS8G / 406MS8GE
v04.0307
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
Absolute Maximum Ratings
Collector Bias Voltage (Vcc) Control Voltage (Vpd) RF Input Power (RFin)(Vs = Vpd = +5.0 Vdc) Junction Temperature Continuous Pdiss (T = 85 C) (derate 32 mW/C above 85 C) Thermal Resistance (junction to ground paddle) Storage Temperature Operating Temperature +5.5 Vdc +5.5 Vdc +20 dBm 150 C 2.1 W 31 C/W -65 to +150 C -40 to +85 C
5
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS] 3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
Package Information
Part Number HMC406MS8G HMC406MS8GE Package Body Material Low Stress Injection Molded Plastic RoHS-compliant Low Stress Injection Molded Plastic Lead Finish Sn/Pb Solder 100% matte Sn MSL Rating MSL1 MSL1
[1]
Package Marking [3] H406 XXXX H406 XXXX
[2]
[1] Max peak reflow temperature of 235 C [2] Max peak reflow temperature of 260 C [3] 4-Digit lot number XXXX
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
5 - 145
AMPLIFIERS - SMT
HMC406MS8G / 406MS8GE
v04.0307
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
5
AMPLIFIERS - SMT
Pin Descriptions
Pin Number Function Description Interface Schematic
1
Vpd
Power Control Pin. For maximum power, this pin should be connected to 5.0V. A higher voltage is not recommended. For lower idle current, this voltage can be reduced.
2, 4, 7
GND
Ground: Backside of package has exposed metal ground slug that must be connected to ground thru a short path. Vias under the device are required. This pin is AC coupled and matched to 50 Ohms from 5.5 to 6.0 GHz.
3
RFIN
5, 6
RFOUT
RF output and bias for the output stage. The power supply for the output device needs to be supplied to these pins.
8
Vcc
Power supply voltage for the first amplifier stage. An external bypass capacitor of 330 pF is required. This capacitor should be placed as close to the devices as possible.
5 - 146
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC406MS8G / 406MS8GE
v04.0307
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
Evaluation PCB
5
AMPLIFIERS - SMT
List of Materials for Evaluation PCB 104989
Item J1 - J2 J3 C1 - C3 C4 C5 C6 C7 L1 U1 PCB [2] Description PCB Mount SMA RF Connector 2mm DC Header 330 pF Capacitor, 0603 Pkg. 2.2 F Capacitor, Tantalum 0.6 pF Capacitor, 0603 Pkg. 1.6 pF Capacitor, 0603 Pkg. 100 pF Capacitor, 0603 Pkg. 3.9 nH Inductor, 0603 Pkg. HMC406MS8G / HMC406MS8GE Amplifier 105021 Eval Board
[1]
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and bottom ground planes. The evaluation board should be mounted to an appropriate heat sink. The evaluation circuit board shown is available from Hittite upon request.
[1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Roger 4350
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
5 - 147
HMC406MS8G / 406MS8GE
v04.0307
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
5
AMPLIFIERS - SMT
Application Circuit
TL1
TL2 50 Ohm 0.231"
TL3 50 Ohm 0.1"
Note 1: C3 should be located < 0.020" from Pin 8 (Vcc) Note 2: C2 should be located < 0.020" from L1.
Impedance Length
50 Ohm 0.038"
5 - 148
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC406MS8G / 406MS8GE
v04.0307
GaAs InGaP HBT MMIC POWER AMPLIFIER, 5.0 - 6.0 GHz
Notes:
5
AMPLIFIERS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
5 - 149


▲Up To Search▲   

 
Price & Availability of HMC406MS8G07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X