Part Number Hot Search : 
120DC YDH200 1N4732 2SC3354 FTVFIA 2SK1313S 1N4716 CY7C145
Product Description
Full Text Search
 

To Download HMC33108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC331
v04.1007
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
Typical Applications
Features
Conversion Loss: 14 dB Fo, 3Fo, 4Fo Isolation: 50 dB Passive: No Bias Required Die Size: 0.85 x 0.55 x 0.1 mm
2
FREQUENCY MULTIPLIERS - PASSIVE - CHIP
The HMC331 is suitable for: * Wireless Local Loop * LMDS, VSAT, and Point-to-Point Radios * Test Equipment
Functional Diagram
General Description
The HMC331 is a passive miniature frequency doubler MMIC. Suppression of undesired fundamental and higher order harmonics is 50 dB typical with respect to input signal level. The doubler utilizes the same GaAs Schottky diode/balun technology found in Hittite MMIC mixers. It features small size, requires no DC bias, and adds no measurable additive phase noise onto the multiplied signal.
Electrical Specifi cations, TA = +25 C, As a Function of Drive Level
Input = +11 dBm Parameter Frequency Range, Input Frequency Range, Output Conversion Loss FO Isolation (with respect to input level) 3FO Isolation (with respect to input level) 4FO Isolation (with respect to input level) 45 50 50 Min. Typ. 13 - 18 26 - 36 15 50 60 60 20 45 45 50 Max. Min. Input = +13 dBm Typ. 12 - 18 24 - 36 14 50 60 60 20 45 47 50 Max. Min. Input = +15 dBm Typ. 12 - 18 24 - 36 14 50 60 60 19 Max. Units GHz GHz dB dB dB dB
2 - 26
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC331
v04.1007
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
Conversion Loss vs. Temperature @ +15 dBm Drive Level
0
+ 25 C + 85 C -55 C
Conversion Loss @ 25 C Vs. Drive Level
0 -5 -10 -15 -20 -25 -30
2
FREQUENCY MULTIPLIERS - PASSIVE - CHIP
2 - 27
+ 15 dBm + 13 dBm + 11 dBm
CONVERSION GAIN (dB)
-5
-10
-15
-20
-25 12 13 14 15 16 17 18 INPUT FREQUENCY (GHz)
CONVERSION GAIN (dB)
12
13
14
15
16
17
18
FREQUENCY (GHz)
Isolation @ +15 dBm Drive Level*
0
Fo 3Fo 4Fo
Input Return Loss vs. Drive Level
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30
+ 15 dBm + 13 dBm + 11 dBm
-20 ISOLATION (dB)
-40
-60
-80
-100 10 15 20 25 30 35 40 45 50 FREQUENCY (GHz)
12
13
14
15
16
17
18
FREQUENCY (GHz)
*With respect to input level
Output Return Loss For Three Input Frequencies
0
13 GHz In 15 GHz In 18 GHz In
-6 RETURN LOSS (dB0
-12
-18
-24
-30 22 24 26 28 30 32 34 36 OUTPUT FREQUENCY (GHz)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC331
v04.1007
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
Absolute Maximum Ratings
2
FREQUENCY MULTIPLIERS - PASSIVE - CHIP
Input Drive Storage Temperature Operating Temperature
+27 dBm -65 to +150 C -55 to +85 C
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
Die Packaging Information [1]
Standard GP-5 Alternate [2]
[1] Refer to the "Packaging Information" section for die packaging dimensions. [2] For alternate packaging information contact Hittite Microwave Corporation.
NOTES: 1. ALL DIMENSIONS ARE IN INCHES [MM] 2. DIE THICKNESS IS .004" 3. TYPICAL BOND IS .004" SQUARE 4. BACKSIDE METALLIZATION: GOLD 5. BOND PAD METALLIZATION: GOLD 6. BACKSIDE METAL IS GROUND. 7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
2 - 28
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC331
v04.1007
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
Pad Description
Pad Number Function Description Interface Schematic
2
FREQUENCY MULTIPLIERS - PASSIVE - CHIP
2 - 29
1
RFIN
DC coupled and matched to 50 Ohm.
2
RFOUT
DC coupled and matched to 50 Ohm.
Die Bottom
GND
Die bottom must be connected to RF/DC ground.
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC331
v04.1007
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
2
FREQUENCY MULTIPLIERS - PASSIVE - CHIP
The die should be attached directly to the ground plane eutectically or with conductive epoxy (see HMC general Handling, Mounting, Bonding Note). 50 Ohm Microstrip transmission lines on 0.127mm (5 mil) thick alumina thin film substrates are recommended for bringing RF to and from the chip (Figure 1). If 0.254mm (10 mil) thick alumina thin film substrates must be used, the die should be raised 0.150mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. One way to accomplish this is to attach the 0.102mm (4 mil) thick die to a 0.150mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (Figure 2). Microstrip substrate should be brought as close to the die as possible in order to minimize ribbon bond length. Typical die-to-substrate spacing is 0.076mm (3 mils). Gold ribbon of 0.075mm ( 3 mil) width and minimal length <0.31mm ( <12 mils) is recommended to minimize inductance on RF ports.,
0.102mm (0.004") Thick GaAs MMIC
Wire 3 mil Ribbon Bond 0.076mm (0.003")
RF Ground Plane
0.127mm (0.005") Thick Alumina Thin Film Substrate Figure 1.
Handling Precautions
Follow these precautions to avoid permanent damage. Storage: All bare die are placed in either Waffle or Gel based ESD protective containers, and then sealed in an ESD protective bag for shipment. Once the sealed ESD protective bag has been opened, all die should be stored in a dry nitrogen environment. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Static Sensitivity: Follow ESD precautions to protect against ESD strikes. Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
0.102mm (0.004") Thick GaAs MMIC
Ribbon Bond 0.076mm (0.003")
RF Ground Plane
0.150mm (0.005") Thick Moly Tab 0.254mm (0.010") Thick Alumina Thin Film Substrate Figure 2.
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat. Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 C and a tool temperature of 265 C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 C. DO NOT expose the chip to a temperature greater than 320 C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
RF bonds made with 0.003" x 0.0005" ribbon are recommended. These bonds should be thermosonically bonded with a force of 40 - 60 grams. DC bonds of 0.001" (0.025mm) diameter, thermosonically bonded, are recommended. Ball bonds should be made with a force of 40 - 50 grams and wedge bonds at 18 - 22 grams. All bonds should be made with a nominal stage temperature of 150 C. A minimum amount of ultrasonic energy should be applied to achieve reliable bonds. All bonds should be as short as possible, less than 12 mils (0.31 mm).
2 - 30
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC331
v04.1007
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
Notes
2
FREQUENCY MULTIPLIERS - PASSIVE - CHIP
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
2 - 31


▲Up To Search▲   

 
Price & Availability of HMC33108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X