Part Number Hot Search : 
C1506H BZX84C33 APL1087R 55C6V OP565B LC723740 TA166 AP4924M
Product Description
Full Text Search
 

To Download HMC29006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HMC290 / 290E
v01.0605
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
Typical Applications
Features
2 dB LSB Steps to 6 dB Single Positive Control Per BIT +/-0.2 dB Typical Bit Error Miniature SOT 26 Package: 9 mm2
6
ATTENUATORS - SMT
The HMC290 / HMC290E is ideal for: * Cellular * PCS, ISM, MMDS * WLL Handset & BaseStation
Functional Diagram
General Description
The HMC290 & HMC290E are broadband 2 - bit positive control GaAs IC digital attenuators in 6 lead SOT26 surface mount plastic packages. Covering 0.7 to 4 GHz, the insertion loss is typically less than 0.7 dB. The attenuator bit values are 2 (LSB) and 4 dB for a total attenuation of 6 dB. Accuracy is excellent at 0.2 dB typical with an IIP3 of up to +52 dBm. Two bit control voltage inputs, toggled between 0 and +3 to +5 volts, are used to select each attenuation state at less than 50 uA each. A single Vdd bias of +3 to +5 volts applied through an external 5K Ohm resistor is required. Occupying less than 9 mm2, this is the smallest 2 - bit digital attenuator available.
Electrical Specifications,
TA = +25 C, Vdd = +3V to +5V & Vctl = 0/Vdd (Unless Otherwise Stated)
Parameter Frequency 0.7 - 1.4 GHz 1.4 - 2.3 GHz 2.3 - 2.7 GHz 2.7 - 4.0 GHz 0.7 - 4.0 GHz 0.7 - 2.7 GHz 2.7 - 4.0 GHz 16 15 Min. Typical 0.5 0.5 0.6 0.8 6 20 18 Max. 0.7 0.8 0.9 1.2 Units dB dB dB dB dB dB dB
Insertion Loss
Attenuation Range Return Loss (RF1 & RF2, All Atten. States) Attenuation Accuracy: (Referenced to Insertion Loss) 2, 4 dB States 6 dB States Input Power for 0.1 dB Compression Input Third Order Intercept Point (Two-tone Input Power = 0 dBm Each Tone) Switching Characteristics tRISE, tFALL (10/90% RF) tON, tOFF (50% CTL to 10/90% RF) 5V 3V 5V 3V
0.7 - 4.0 GHz 0.7 - 4.0 GHz 0.7 - 4.0 GHz 0.7 - 4.0 GHz
0.2 + 2% of Atten. Setting Max 0.3 + 2% of Atten. Setting Max 27 24 52 50
dB dB dBm dBm dBm dBm
0.7 - 4.0 GHz
400 420
ns ns
6 - 40
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC290 / 290E
v01.0605
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
Insertion Loss
0 -0.25 INSERTION LOSS (dB)
Return Loss RF1, RF2
0 -5 RETURN LOSS (dB) -10 -15 -20 -25 -30 0.5
2 dB 4 dB 6 dB
6
ATTENUATORS - SMT
6 - 41
-0.5 -0.75 -1 -1.25 -1.5 0.5
+25 C -40 C +85 C
1
1.5
2
2.5
3
3.5
4
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
FREQUENCY (GHz)
Normalized Attenuation
0 NORMALIZED ATTENUATION (dB) -1 -2 -3 -4 -5 -6 -7 -8 0.5
2 dB 4 dB 6 dB
Absolute Bit Error vs. Attenuation State
1
0.75 BIT ERROR (dB)
0.5
0.9 GHz 2.4 GHz 1.9 GHz 3.5 GHz
0.25
0 1 1.5 2 2.5 3 3.5 4 2 4 ATTENUATION STATE (dB) 6 FREQUENCY (GHz)
Absolute Bit Error vs. Frequency
1
Relative Phase vs. Frequency
20 15 10 5 0 -5
2 dB 4 dB 6 dB
0.75 BIT ERROR (dB)
2 dB 4 dB 6 dB
0.5
0.25
0 0.5
RELATIVE PHASE (deg.)
1
1.5
2
2.5
3
3.5
4
-10 0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
FREQUENCY (GHz)
Note: All Data Typical Over Voltage (+3V to +5V) & Temperature (-40 to +85 deg. C.). For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC290 / 290E
v01.0605
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
Truth Table
Control & Bias Voltages
V1 2 dB High Low High Low Attenuation Setting RF1 - RF2 Reference I.L. 2 dB 4 dB 6 dB Max. Atten. State Low High Bias Condition 0 to + 0.2V @ 20 uA Max Vdd 0.2V @ 50 uA Max
6
ATTENUATORS - SMT
Control Voltage Input V2 4 dB High High Low Low
Note: Vdd = +3V to 5V 0.2V
Any combination of the above states will provide an attenuation approximately equal to the sum of the bits selected.
Application Circuit
DC blocking capacitors C1 & C2 are required on RF1 & RF2. Choose C1 = C2 = 100 ~ 300 pF to allow lowest customer specific frequency to pass with minimal loss. R1 = 5K Ohm is required to supply voltage to the circuit throught either PIN 3 or PIN 1.
6 - 42
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC290 / 290E
v01.0605
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
Absolute Maximum Ratings
Control Voltage (V1, V2) Bias Voltage (Vdd) Storage Temperature Operating Temperature RF Input Power (0.7 - 4 GHz) Vdd + 0.5 Vdc + 8.0 Vdc -65 to +150 C
6
ATTENUATORS - SMT
NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS] 3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND
-40 to +85 C +28 dBm
ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS
Outline Drawing
Package Information
Part Number HMC290 HMC290E Package Body Material Low Stress Injection Molded Plastic RoHS-compliant Low Stress Injection Molded Plastic Lead Finish Sn/Pb Solder 100% matte Sn MSL Rating MSL1 MSL1
[1]
Package Marking [3] H290 XXXX 290E XXXX
[2]
[1] Max peak reflow temperature of 235 C [2] Max peak reflow temperature of 260 C [3] 4-Digit lot number XXXX
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
6 - 43
HMC290 / 290E
v01.0605
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
Evaluation Circuit Board
6
ATTENUATORS - SMT
* R2 = R3 = 100 Ohm. These resistors are optional and may be used to enhance decoupling of the RF path from the control inputs.
List of Materials for Evaluation PCB 103372
Item J1 - J2 J3 - J6 R1 R2, R3 C1, C2 U1 PCB [2] Description PCB Mount SMA Connector DC Pin 5k Ohm Resistor, 0402 Chip 100 Ohm Resistor, 0402 Chip 0402 Chip Capacitor, Select for Lowest Frequency of Operation HMC290 / HMC290E Digital Attenuator 103370 Evaluation PCB 1.5" x 1.5"
[1]
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have 50 ohm impedance while the package ground leads should be connected directly to the ground plane similar to that shown. A sufficient number of VIA holes should be used to connect the top and bottom ground planes. The evaluation circuit board as shown is available from Hittite Microwave Corporation upon request.
[1] Reference this number when ordering complete evaluation PCB [2] Circuit Board Material: Rogers 4350
6 - 44
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
HMC290 / 290E
v01.0605
2 dB LSB GaAs MMIC 2-BIT DIGITAL ATTENUATOR, 0.7 - 4.0 GHz
Notes:
6
ATTENUATORS - SMT
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com
6 - 45


▲Up To Search▲   

 
Price & Availability of HMC29006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X