Part Number Hot Search : 
SSD1858 C1001 SOP18 BF214 24IBZ XVT9012 KRC840U VRE402
Product Description
Full Text Search
 

To Download FDB104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
FDB101 --- FDB107
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 1.0 A
SILICON BRIDGE RECTIFIERS
Rating to 1000V PRV Surge overload rating to 30 Amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique results in inexpensive product Lead solderable per MIL-STD-202 method 208 Lead: silver plated copper, solderde plated Plastic material has UL flammability classification 94V-O Polarity symbols molded on body Weight: 0.016 ounces,0.45 grams
DB - 1
.255(6.5) .245(6.2)
.310(7.9) .290(7.4)
.350(8.9) .300(7.6)
.365(9.3) .355(9.0)
.135(3.4) .155(2.9) .060(1.5) .020(.51) .016(.41) .205(5.2) .195(5.0) .165(4.2) .155(3.9)
inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
FDB 101
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard Output current @TA=25
FDB 102
100 70 100
FDB 103
200 140 200
FDB 104
400 280 400 1.0
FDB 105
600 420 600
FDB 106
800 560 800
FDB 107
1000 700 1000
UNITS
V V V A
V RRM V RMS V DC IF(AV)
50 35 50
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load Maximum instantaneous forw ard voltage at 1.0 A Maximum reverse current at rated DC blocking voltage @TA=25 @TA =100
IFSM
30.0
A
VF IR
t rr 150
1.3 10.0 1.0
V A mA
Maximum reverse recovery time (Note1)
Operating junction temperature range Storage temperature range
NOTE:1. Measured with IF=0.5A,IR=1A, Irr=0.25A.
250
- 55 ---- + 125 - 55 ---- + 150
500
ns
TJ TSTG
www.galaxycn.com
Document Number 0287011
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERSE
FDB101 --- FDB107
FIG.2 -- FORWARD DERATING CURVE
PEAK FORWARD SURGE CURRENT,
30
1.0
24
R esislive or Indu ctive Load
AMPERSE
18
8 .3 m s S in g le H a lf S in e W a v e T J= 25
9.5m m 0.5 PCB
12
COPPERPADS (13m m x 13m m )
6
0 0 25 50 75 100 125 150
1
10
100
NUMBER OF CYCLES AT 60HZ
AMBIENT TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
30
100
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT, MICRO AMPERSE
10
10
1.0
AMPERSE
1.0
0.1
TJ=25
TJ=125 Pulse Width =300uS
0.1
0.1
0.3
0.6
0.9
1.2
1.5
1.8
.01
0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
www.galaxycn.com
Document Number 0287011
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of FDB104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X