Part Number Hot Search : 
GP1002 LC2272 DS240 PC517 TFS70H39 MPT4220 MPT4220 Y2832
Product Description
Full Text Search
 

To Download EL519307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NS ESIG W D 5163 NE (R) FOR 62/EL DED 1, EL51 EN OMM L516 REC L5160/E N O T EE E Data Sheet S
EL5193, EL5193A
May 16, 2007 FN7182.4
Single 300MHz Current Feedback Amplifier with Enable
The EL5193 and EL5193A are current feedback amplifiers with a bandwidth of 300MHz. This makes these amplifiers ideal for todays high speed video and monitor applications. With a supply current of just 4mA and the ability to run from a single supply voltage from 5V to 10V, these amplifiers are also ideal for hand held, portable or battery-powered equipment. The EL5193A also incorporates an enable and disable function to reduce the supply current to 100A typical per amplifier. Allowing the CE pin to float or applying a low logic level will enable the amplifier. The EL5193 is offered in the 5 Ld SOT-23 package and the EL5193A is available in the 6 Ld SOT-23 as well as the industry-standard 8 Ld SOIC packages. Both operate over the industrial temperature range of -40C to +85C.
Features
* 300MHz -3dB bandwidth * 4mA supply current * Single and dual supply operation, from 5V to 10V supply span * Fast enable/disable (EL5193A only) * Available in SOT-23 packages * Dual (EL5293) and triple (EL5393) available * High speed, 1GHz product available (EL5193) * High speed, 6mA, 600MHz product available (EL5192, EL5292, and EL5392) * Pb-free plus anneal available (RoHS compliant)
Applications
* Battery powered equipment * Hand held, portable devices * Video amplifiers * Cable drivers * RGB amplifiers * Test equipment * Instrumentation * Current to voltage converters
Pinouts
EL5193A (8 LD SOIC) TOP VIEW
NC 1 IN- 2 IN+ 3 VS- 4 8 CE 7 VS+ 6 OUT 5 NC
+
EL5193A (6 LD SOT-23) TOP VIEW
OUT 1 VS- 2 IN+ 3 6 VS+ 5 CE 4 INOUT 1 VS- 2
EL5193 (5 LD SOT-23) TOP VIEW
5 VS+
+-
+IN+ 3 4 IN-
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2004, 2006, 2007. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
EL5193, EL5193A Ordering Information
PART NUMBER EL5193CW-T7 EL5193CW-T7A EL5193CWZ-T7 (Note) EL5193CWZ-T7A (Note) EL5193ACW-T7 EL5193ACWZ-T7 (Note) EL5193ACS EL5193ACS-T7 EL5193ACS-T13 EL5193ACSZ (Note) EL5193ACSZ-T7 (Note) EL5193ACSZ-T13 (Note) P P BAAW BAAW P BAAV 5193ACS 5193ACS 5193ACS 5193ACS Z 5193ACS Z 5193ACS Z PART MARKING TAPE & REEL 7" (3k pcs) 7" (250 pcs) 7" (3k pcs) 7" (250 pcs) 7" (3k pcs) 7" (3k pcs) 7" 13" 7" 13" 5 Ld SOT-23 5 Ld SOT-23 5 Ld SOT-23 (Pb-free) 5 Ld SOT-23 (Pb-free) 6 Ld SOT-23 6 Ld SOT-23 (Pb-free) 8 Ld SOIC (150 mil) 8 Ld SOIC (150 mil) 8 Ld SOIC (150 mil) 8 Ld SOIC (150 mil) (Pb-free) 8 Ld SOIC (150 mil) (Pb-free) 8 Ld SOIC (150 mil) (Pb-free) PACKAGE PKG. DWG. # MDP0038 MDP0038 MDP0038 MDP0038 MDP0038 MDP0038 MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0027
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2
FN7182.4 May 16, 2007
EL5193, EL5193A
Absolute Maximum Ratings (TA = +25C)
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . . . 11V Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125C
Thermal Information
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +150C Ambient Operating Temperature . . . . . . . . . . . . . . . .-40C to +85C Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
Parameter AC PERFORMANCE BW -3dB Bandwidth
VS+ = +5V, VS- = -5V, RF = 750 for AV = 1, RF = 400 for AV = 2, RL = 150, TA = +25C Unless Otherwise Specified. Conditions Min Typ Max Unit
Description
AV = +1 AV = +2
300 200 20
MHz MHz MHz V/s ns nV/Hz pA/Hz pA/Hz %
BW1 SR tS eN iNiN+ dG dP
0.1dB Bandwidth Slew Rate 0.1% Settling Time Input Voltage Noise IN- Input Current Noise IN+ Input Current Noise Differential Gain Error (Note 1) Differential Phase Error (Note 1) AV = +2 AV = +2 VO = -2.5V to +2.5V, AV = +2 VOUT = -2.5V to +2.5V, AV = -1 2300
2600 12 4.4 17 50 0.03 0.04
DC PERFORMANCE VOS TCVOS ROL Offset Voltage Input Offset Voltage Temperature Coefficient Transimpedance Measured from TMIN to TMAX 300 -10 1 5 500 10 mV V/C k
INPUT CHARACTERISTICS CMIR CMRR -ICMR +IIN -IIN RIN CIN Common Mode Input Range Common Mode Rejection Ratio - Input Current Common Mode Rejection + Input Current - Input Current Input Resistance Input Capacitance 3 42 -6 -60 -30 1 1 45 0.5 3.3 50 6 80 30 V dB A/V A A k pF
OUTPUT CHARACTERISTICS VO Output Voltage Swing RL = 150 to GND RL = 1k to GND IOUT SUPPLY ISON Supply Current - Enabled No load, VIN = 0V 3 4 5 mA Output Current RL = 10 to GND 3.4 3.8 95 3.7 4.0 120 V V mA
3
FN7182.4 May 16, 2007
EL5193, EL5193A
Electrical Specifications
Parameter ISOFF PSRR -IPSR VS+ = +5V, VS- = -5V, RF = 750 for AV = 1, RF = 400 for AV = 2, RL = 150, TA = +25C Unless Otherwise Specified. (Continued) Conditions No load, VIN = 0V DC, VS = 4.75V to 5.25V DC, VS = 4.75V to 5.25V 55 -2 Min Typ 100 75 2 Max 150 Unit A dB A/V
Description Supply Current - Disabled Power Supply Rejection Ratio - Input Current Power Supply Rejection
ENABLE (EL5193A ONLY) tEN tDIS IIHCE IILCE VIHCE VILCE NOTE: 1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.58MHz Enable Time Disable Time CE Pin Input High Current CE Pin Input Low Current CE Input High Voltage for Powerdown CE Input Low Voltage for Powerdown CE = VS+ CE = VSVS+ -1 VS+ -3 40 600 0.8 0 6 -0.1 ns ns A A V V
4
FN7182.4 May 16, 2007
EL5193, EL5193A Typical Performance Curves
Non-Inverting Frequency Response (Gain) SOT-23 Package 6 AV=1 Normalized Magnitude (dB) 2 AV=2 Phase () -2 AV=5 -6 AV=10 -10 RF=750 RL=150 -14 1M 10M 100M Frequency (Hz) 1G -360 1M -270 RF=750 RL=150 10M 100M Frequency (Hz) 1G -90 AV=5 AV=10 0 AV=2 90 AV=1 Non-Inverting Frequency Response (Phase) SOT-23 Package
-180
Inverting Frequency Response (Gain) SOT-23 Package 6 AV=-1 AV=-2 90
Inverting Frequency Response (Phase)
AV=-1 0
Normalized Magnitude (dB)
2
Phase ()
-2 AV=-3 -6
-90
AV=-2 AV=-3
-180
-10 RF=500 RL=150 -14 1M 10M 100M Frequency (Hz) 1G
-270 RF=500 RL=150 -360 1M 10M 100M Frequency (Hz) 1G
Frequency Response for Various CIN10 6
Frequency Response for Various RL
Normalized Magnitude (dB)
1pF added 2
Normalized Magnitude (dB)
6
2pF added
2
RL=100
RL=150
-2
RL=500
-2
0pF added
-6
-6
AV=2 RF=500 RL=150 10M 100M Frequency (Hz) 1G
-10 AV=2 RF=500 -14 1M 10M 100M Frequency (Hz) 1G
-10 1M
5
FN7182.4 May 16, 2007
EL5193, EL5193A Typical Performance Curves
Frequency Response for Various CL 14 AV=2 RL=150 RF=RG=500 33pF Normalized Magnitude (dB) 2 620 -2 750 -6 1.2k -10 AV=2 RG=RF RL=150 10M 100M Frequency (Hz) 1G 6 340 475
(Continued)
Frequency Response for Various RF
Normalized Magnitude (dB)
10
6
22pF
2
15pF
-2
8pF 0pF
-6 1M
10M
100M Frequency (Hz)
1G
-14 1M
Group Delay vs Frequency 3.5 3 2.5 Delay (ns) 2 1.5 1 0.5 0 1M AV=1 RF=750 Normalized Magnitude (dB) AV=2 RF=500 2 6
Frequency Response for Various Common-Mode Input Voltages
VCM=3V
VCM=0V
-2
VCM=-3V
-6
-10
AV=2 RF=500 RL=150 10M 100M Frequency (Hz) 1G
10M
100M Frequency (Hz)
1G
-14 1M
Transimpedance (ROL) vs Frequency 10M Phase 1M PSRR/CMRR (dB) -90 Magnitude () Phase () 100k -180 10k Gain 1k -360 100 1k 10k 100k 1M Frequency (Hz) 10M 100M 1G -270 0 0 20
PSRR and CMRR vs Frequency
PSRR+
-20 PSRR-40
-60
CMRR
-80 10k
100k
1M
10M
100M
1G
Frequency (Hz)
6
FN7182.4 May 16, 2007
EL5193, EL5193A Typical Performance Curves
(Continued)
-3dB Bandwidth vs Supply Voltage for Non-Inverting Gains 400 350 -3dB Bandwidth (MHz) 300 250 200 150 100 50 0 5 AV=5 AV=2 RF=750 RL=150 AV=1 200 -3dB Bandwidth (MHz) 250
-3dB Bandwidth vs Supply Voltage for Inverting Gains
AV=-1
150
AV=-2 AV=-5
100
50 AV=10 0 6 7 8 9 10 5 6 7 8 9 10 Total Supply Voltage (V) Total Supply Voltage (V) RF=500 RL=150
Peaking vs Supply Voltage for Non-Inverting Gains 4 3.5 3 Peaking (dB) 2.5 2 1.5 1 0.5 0 5 AV=10 6 7 8 9 10 AV=2 Peaking (dB) AV=1 RF=750 RL=150 2 2.5
Peaking vs Supply Voltage for Inverting Gains
RF=500 RL=150
1.5
AV=-1
1
0.5
AV=-2
0 5
6
7
8
9
10
Total Supply Voltage (V)
Total Supply Voltage (V)
Non-inverting Frequency Response (Gain) SO8 Package 6 AV=1 90
Non-Inverting Frequency Response (Phase) SO8 Package
AV=1 0
AV=2
Normalized Magnitude (dB)
2
Phase ()
-2 AV=5
AV=2
-90 AV=5 -180 AV=10
-6
-10 RF=750 RL=150 -14 1M 10M
AV=10
-270 RF=750 RL=150 100M 1G -360 1M 10M 100M Frequency (Hz) 1G
Frequency (Hz)
7
FN7182.4 May 16, 2007
EL5193, EL5193A Typical Performance Curves
(Continued)
Inverting Frequency Response (Gain) SO8 Package 6 AV=-1 Normalized Magnitude (dB) 2 AV=-2 Phase () -2 AV=-5 -6 -90 0 90
Inverting Frequency Response (Phase) SO8 Package
AV=-1
AV=-2
AV=-5 -180
-10 RF=500 RL=150 -14 1M 10M 100M Frequency (Hz) 1G
-270 RF=500 RL=150 -360 1M 10M 100M Frequency (Hz) 1G
-3dB Bandwidth vs Temperature for Non-Inverting Gains 500 RF=750 RL=150 400 -3dB Bandwidth (MHz) AV=1 -3dB Bandwidth (MHz) 200 250
-3dB Bandwidth vs Temperature for Inverting Gains
AV=-1 AV=-2
300 AV=2
150
200
100
AV=-5
100
AV=5
50 RF=500 RL=150 60 Ambient Temperature (C) 110 160 0 -40 10 60 Ambient Temperature (C) 110 160
0 -40
AV=10 10
Peaking vs Temperature 2.5 RL=150 2 Voltage Noise (nV/Hz) Current Noise (pA/Hz) AV=1 1.5 Peaking (dB) 1 0.5 0 -0.5 -40 AV=-1 100 1k
Voltage and Current Noise vs Frequency
i n+ i n-
10
en
10
60 Ambient Temperature (C)
110
160
1 100
1k
10k
100k
1M
10M
Frequency (Hz)
8
FN7182.4 May 16, 2007
EL5193, EL5193A Typical Performance Curves
(Continued)
Closed Loop Output Impedance vs Frequency 100 10
Supply Current vs Supply Voltage
10 Output Impedance () Supply Current (mA)
8
1
6
0.1
4
0.01
2
0.001 100 1k 10k 100k 1M 10M 100M 1G Frequency (Hz)
0 0 2 4 6 Supply Voltage (V) 8 10 12
2nd and 3rd Harmonic Distortion vs Frequency -20 -30 Harmonic Distortion (dBc) -40 -50 -60 -70 -80 -90 1 10 Frequency (MHz) 100 2nd Order Distortion 3rd Order Distortion AV=+2 VOUT=2VP-P RL=100 25 20 Input Power Intercept (dBm) 15 10 5 0 -5
Two-Tone 3rd Order Input Referred Intermodulation Intercept (IIP3)
AV=+2 RL=150
AV=+2 RL=100 100 Frequency (MHz)
-10 10
Differential Gain/Phase vs DC Input Voltage at 3.58MHz 0.03 0.02 0.01 dG (%) or dP () 0 -0.01 -0.02 -0.03 -0.04 -0.05 -1 -0.5 0 DC Input Voltage 0.5 1 dG (%) or dP () dG AV=2 RF=RG=500 RL=150 dP 0.04 0.03 0.02 0.01 0 -0.01 -0.02 -0.03 -0.04
Differential Gain/Phase vs DC Input Voltage at 3.58MHz
AV=1 RF=750 RL=500
dP
dG
-1
-0.5
0 DC Input Voltage
0.5
1
9
FN7182.4 May 16, 2007
EL5193, EL5193A Typical Performance Curves
Output Voltage Swing vs Frequency THD<1% 10 RL=500 Output Voltage Swing (VPP) Output Voltage Swing (VPP) 8 RL=150 6 8 RL=500 10
(Continued)
Output Voltage Swing vs Frequency THD<0.1%
6 RL=150 4
4
2 AV=2 1 10 Frequency (MHz) 100
2 AV=2 1 10 Frequency (MHz) 100
0
0
Small Signal Step Response
Large Signal Step Response
VS=5V RL=150 AV=2 RF=RG=500
VS=5V RL=150 AV=2 RF=RG=500
200mV/div
1V/div
10ns/div
10ns/div
Settling Time vs Settling Accuracy 25 AV=2 RF=RG=500 RL=150 VSTEP=5VP-P output 625
Transimpedance (RoI) vs Temperature
20 Settling Time (ns)
600
15 RoI (k) 0.1 Settling Accuracy (%) 1 575
10
5
550
0 0.01
525 -40
10
60 Die Temperature (C)
110
160
10
FN7182.4 May 16, 2007
EL5193, EL5193A Typical Performance Curves
PSRR and CMRR vs Temperature 90 80 70 60 50 40 30 20 10 -40 -0.5 -40 CMRR ICMR/IPSR (A/V) PSRR/CMRR (dB) PSRR 1.5 ICMR+ 2
(Continued)
ICMR and IPSR vs Temperature
1 IPSR 0.5
0
ICMR-
10
60 Die Temperature (C)
110
160
10
60 Die Temperature (C)
110
160
Offset Voltage vs Temperature 2 60 40 1 Input Current (A) 20
Input Current vs Temperature
VOS (mV)
IB0 -20 -40 IB+
0
-1
-2 -40
10
60 Die Temperature (C)
110
160
-60 -40
10
60 Temperature (C)
110
160
Positive Input Resistance vs Temperature 60 50 40 RIN+ (k) 30 20 10 0 -40 Supply Current (mA) 5
Supply Current vs Temperature
4
3
2
1
10
60 Temperature (C)
110
160
0 -40
10
60 Temperature (C)
110
160
11
FN7182.4 May 16, 2007
EL5193, EL5193A Typical Performance Curves
(Continued)
Positive Output Swing vs Temperature for Various Loads 4.2 4.1 1k 4 VOUT (V) VOUT (V) 3.9 3.8 3.7 3.6 3.5 -40 150 -3.7 -3.8 -3.9 -4 -3.5 -3.6
Negative Output Swing vs Temperature for Various Loads
150
1k -4.1 -4.2 -40
10
60 Temperature (C)
110
160
10
60 Temperature (C)
110
160
Output Current vs Temperature 130 4000
Slew Rate vs Temperature
Sink Slew Rate (V/S) 125 IOUT (mA) 3500
Source 120
3000 AV=2 RF=RG=500 RL=150
115 -40
10
60 Die Temperature (C)
110
160
2500 -40
10
60 Die Temperature (C)
110
160
Enable Response
Disable Response
500mV/div
500mV/div
5V/div 5V/div
20ns/div
400ns/div
Typical Performance Curves
(Continued)
12
FN7182.4 May 16, 2007
EL5193, EL5193A
1.4 POWER DISSIPATION (W) 1.2
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD 0.5 POWER DISSIPATION (W) 0.45
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD
1 909mW 0.8 0.6 0.4 0.2 0 0 25 50 75 85 100 125 150 AMBIENT TEMPERATURE (C) SO8 JA=110C/W
0.4 435mW 0.35 0.3 0.25 0.2 0.15 0.1 0.05 0 0 25 50 75 85 100 125 150 AMBIENT TEMPERATURE (C) SOT23-5/6 JA=230C/W
1 POWER DISSIPATION (W) 0.9 0.8
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD POWER DISSIPATION (W)
0.45 0.4 0.35 0.3 0.25 0.2 0.15 0.1 0.05 0
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD 391mW
SO T =2 2356 5-6 C /W
0.7 625mW 0.6 0.5 0.4 0.3 0.2 0.1 0 0 25 50
SO8 JA=160C/W
JA
75 85 100
125
150
0
25
50
75 85 100
125
150
AMBIENT TEMPERATURE (C)
AMBIENT TEMPERATURE (C)
13
FN7182.4 May 16, 2007
EL5193, EL5193A Pin Descriptions
8 Ld SOIC 1, 5 2 4 4 5 Ld SOT-23 6 Ld SOT-23 PIN NAME NC INFUNCTION Not connected Inverting input
VS+
EQUIVALENT CIRCUIT
IN+
IN-
VSCircuit 1
3 4 6
3 2 1
3 2 1
IN+ VSOUT
Non-inverting input Negative supply Output
(See circuit 1)
VS+
OUT
VSCircuit 2
7 8
5
6 5
VS+ CE
Positive supply Chip enable
VS+
CE
VSCircuit 3
Applications Information
Product Description
The EL5193 is a current-feedback operational amplifier that offers a wide -3dB bandwidth of 300MHz and a low supply current of 4mA per amplifier. The EL5193 works with supply voltages ranging from a single 5V to 10V and they are also capable of swinging to within 1V of either supply on the output. Because of their current-feedback topology, the EL5193 does not have the normal gain-bandwidth product associated with voltage-feedback operational amplifiers. Instead, its -3dB bandwidth to remain relatively constant as closed-loop gain is increased. This combination of high bandwidth and low power, together with aggressive pricing make the EL5193 the ideal choice for many low-power/highbandwidth applications such as portable, handheld, or battery-powered equipment. For varying bandwidth needs, consider the EL5191 with 1GHz on a 9mA supply current or the EL5192 with 600MHz on a 6mA supply current. Versions include single, dual, and triple amp packages with 5 Ld SOT-23, 16 Ld QSOP, and 8 Ld or 16 Ld SOIC outlines.
Power Supply Bypassing and Printed Circuit Board Layout
As with any high frequency device, good printed circuit board layout is necessary for optimum performance. Low impedance ground plane construction is essential. Surface mount components are recommended, but if leaded components are used, lead lengths should be as short as possible. The power supply pins must be well bypassed to reduce the risk of oscillation. The combination of a 4.7F tantalum capacitor in parallel with a 0.01F capacitor has been shown to work well when placed at each supply pin. For good AC performance, parasitic capacitance should be kept to a minimum, especially at the inverting input. (See the Capacitance at the Inverting Input section) Even when ground plane construction is used, it should be removed from the area near the inverting input to minimize any stray capacitance at that node. Carbon or Metal-Film resistors are acceptable with the Metal-Film resistors giving slightly less peaking and bandwidth because of additional series inductance. Use of sockets, particularly for the SOIC package, should be avoided if possible. Sockets add
14
FN7182.4 May 16, 2007
EL5193, EL5193A
parasitic inductance and capacitance which will result in additional peaking and overshoot. resulting in only a slight loss of bandwidth with increased closed-loop gain.
Disable/Power-Down
The EL5193A amplifier can be disabled placing its output in a high impedance state. When disabled, the amplifier supply current is reduced to < 150A. The EL5193A is disabled when its CE pin is pulled up to within 1V of the positive supply. Similarly, the amplifier is enabled by floating or pulling its CE pin to at least 3V below the positive supply. For 5V supply, this means that an EL5193A amplifier will be enabled when CE is 2V or less, and disabled when CE is above 4V. Although the logic levels are not standard TTL, this choice of logic voltages allows the EL5193A to be enabled by tying CE to ground, even in 5V single supply applications. The CE pin can be driven from CMOS outputs.
Supply Voltage Range and Single-Supply Operation
The EL5193 has been designed to operate with supply voltages having a span of greater than 5V and less than 10V. In practical terms, this means that the EL5193 will operate on dual supplies ranging from 2.5V to 5V. With singlesupply, the EL5193 will operate from 5V to 10V. As supply voltages continue to decrease, it becomes necessary to provide input and output voltage ranges that can get as close as possible to the supply voltages. The EL5193 has an input range which extends to within 2V of either supply. So, for example, on +5V supplies, the EL5193 has an input range which spans 3V. The output range of the EL5193 is also quite large, extending to within 1V of the supply rail. On a 5V supply, the output is therefore capable of swinging from -4V to +4V. Single-supply output range is larger because of the increased negative swing due to the external pull-down resistor to ground.
Capacitance at the Inverting Input
Any manufacturer's high-speed voltage- or current-feedback amplifier can be affected by stray capacitance at the inverting input. For inverting gains, this parasitic capacitance has little effect because the inverting input is a virtual ground, but for non-inverting gains, this capacitance (in conjunction with the feedback and gain resistors) creates a pole in the feedback path of the amplifier. This pole, if low enough in frequency, has the same destabilizing effect as a zero in the forward open-loop response. The use of largevalue feedback and gain resistors exacerbates the problem by further lowering the pole frequency (increasing the possibility of oscillation). The EL5193 has been optimized with a 475 feedback resistor. With the high bandwidth of these amplifiers, these resistor values might cause stability problems when combined with parasitic capacitance, thus ground plane is not recommended around the inverting input pin of the amplifier.
Video Performance
For good video performance, an amplifier is required to maintain the same output impedance and the same frequency response as DC levels are changed at the output. This is especially difficult when driving a standard video load of 150, because of the change in output current with DC level. Previously, good differential gain could only be achieved by running high idle currents through the output transistors (to reduce variations in output impedance.) These currents were typically comparable to the entire 4mA supply current of each EL5193 amplifier. Special circuitry has been incorporated in the EL5193 to reduce the variation of output impedance with current output. This results in dG and dP specifications of 0.03% and 0.04, while driving 150 at a gain of 2. Video performance has also been measured with a 500 load at a gain of +1. Under these conditions, the EL5193 has dG and dP specifications of 0.03% and 0.04.
Feedback Resistor Values
The EL5193 has been designed and specified at a gain of +2 with RF approximately 500. This value of feedback resistor gives 200MHz of -3dB bandwidth at AV=2 with 2dB of peaking. With AV=-2, an RF of approximately 500 gives 175MHz of bandwidth with 0.2dB of peaking. Since the EL5193 is a current-feedback amplifier, it is also possible to change the value of RF to get more bandwidth. As seen in the curve of Frequency Response for Various RF and RG, bandwidth and peaking can be easily modified by varying the value of the feedback resistor. Because the EL5193 is a current-feedback amplifier, its gain-bandwidth product is not a constant for different closedloop gains. This feature actually allows the EL5193 to maintain about the same -3dB bandwidth. As gain is increased, bandwidth decreases slightly while stability increases. Since the loop stability is improving with higher closed-loop gains, it becomes possible to reduce the value of RF below the specified 475 and still retain stability, 15
Output Drive Capability
In spite of its low 4mA of supply current, the EL5193 is capable of providing a minimum of 95mA of output current. With a minimum of 95mA of output drive, the EL5193 is capable of driving 50 loads to both rails, making it an excellent choice for driving isolation transformers in telecommunications applications.
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always recommended for reflection-free performance. For those applications, the back-termination series resistor will decouple the EL5193 from the cable and allow extensive capacitive drive. However, other applications may have high capacitive loads without a back-termination resistor. In these
FN7182.4 May 16, 2007
EL5193, EL5193A
applications, a small series resistor (usually between 5 and 50) can be placed in series with the output to eliminate most peaking. The gain resistor (RG) can then be chosen to make up for any gain loss which may be created by this additional resistor at the output. In many cases it is also possible to simply increase the value of the feedback resistor (RF) to reduce the peaking.
Current Limiting
The EL5193 has no internal current-limiting circuitry. If the output is shorted, it is possible to exceed the Absolute Maximum Rating for output current or power dissipation, potentially resulting in the destruction of the device.
Power Dissipation
With the high output drive capability of the EL5193, it is possible to exceed the 125C Absolute Maximum junction temperature under certain very high load current conditions. Generally speaking when RL falls below about 25, it is important to calculate the maximum junction temperature (TJMAX) for the application to determine if power supply voltages, load conditions, or package type need to be modified for the EL5193 to remain in the safe operating area. These parameters are calculated as follows:
T JMAX = T MAX + ( JA x n x PD MAX )
where: TMAX = Maximum ambient temperature JA = Thermal resistance of the package n = Number of amplifiers in the package PDMAX = Maximum power dissipation of each amplifier in the package PDMAX for each amplifier can be calculated as follows:
V OUTMAX PD MAX = ( 2 x V S x I SMAX ) + ( V S - V OUTMAX ) x --------------------------R
L
where: VS = Supply voltage ISMAX = Maximum supply current of 1A VOUTMAX = Maximum output voltage (required) RL = Load resistance
16
FN7182.4 May 16, 2007
EL5193, EL5193A Typical Application Circuits
Inverting 200mA Output Current Distribution Amplifier
0.1F +5V IN+ INVS0.1F -5V 500 5 VS+
OUT
0.1F +5V IN+ INVS0.1F -5V 500 VIN 500 VS+
VOUT
OUT
5
Fast-Settling Precision Amplifier
500 500 0.1F +5V IN+ INVS0.1F 500 -5V VS+
OUT
0.1F 500 VIN +5V IN+ INVS0.1F -5V VS+
OUT
VOUT
17
FN7182.4 May 16, 2007
EL5193, EL5193A Typical Application Circuits
Differential Line Driver/Receiver
0.1F +5V IN+ INVS0.1F -5V 500 250 VOUT+ 0.1F +5V IN+ INVS0.1F -5V 500 VIN 500 500 -5V 500 VS+ 240 +5V OUT 250 VOUT1k 0.1F IN+ INVS0.1F VS+ 1k 0.1F 0.1F 500 -5V 500 VS+ +5V IN+ OUT INVS0.1F VS+ 0.1F
OUT
OUT
VOUT
Transmitter
Receiver
18
FN7182.4 May 16, 2007
EL5193, EL5193A Small Outline Package Family (SO)
A D N (N/2)+1 h X 45
A E E1 PIN #1 I.D. MARK c SEE DETAIL "X"
1 B
(N/2) L1
0.010 M C A B e C H A2 GAUGE PLANE A1 0.004 C 0.010 M C A B b DETAIL X
SEATING PLANE L 4 4
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO) INCHES SYMBOL A A1 A2 b c D E E1 e L L1 h N NOTES: 1. Plastic or metal protrusions of 0.006" maximum per side are not included. 2. Plastic interlead protrusions of 0.010" maximum per side are not included. 3. Dimensions "D" and "E1" are measured at Datum Plane "H". 4. Dimensioning and tolerancing per ASME Y14.5M-1994 SO-8 0.068 0.006 0.057 0.017 0.009 0.193 0.236 0.154 0.050 0.025 0.041 0.013 8 SO-14 0.068 0.006 0.057 0.017 0.009 0.341 0.236 0.154 0.050 0.025 0.041 0.013 14 SO16 (0.150") 0.068 0.006 0.057 0.017 0.009 0.390 0.236 0.154 0.050 0.025 0.041 0.013 16 SO16 (0.300") (SOL-16) 0.104 0.007 0.092 0.017 0.011 0.406 0.406 0.295 0.050 0.030 0.056 0.020 16 SO20 (SOL-20) 0.104 0.007 0.092 0.017 0.011 0.504 0.406 0.295 0.050 0.030 0.056 0.020 20 SO24 (SOL-24) 0.104 0.007 0.092 0.017 0.011 0.606 0.406 0.295 0.050 0.030 0.056 0.020 24 SO28 (SOL-28) 0.104 0.007 0.092 0.017 0.011 0.704 0.406 0.295 0.050 0.030 0.056 0.020 28 TOLERANCE MAX 0.003 0.002 0.003 0.001 0.004 0.008 0.004 Basic 0.009 Basic Reference Reference NOTES 1, 3 2, 3 Rev. M 2/07
19
FN7182.4 May 16, 2007
EL5193, EL5193A SOT-23 Package Family
e1 A N 6 4
MDP0038
D
SOT-23 PACKAGE FAMILY MILLIMETERS SYMBOL A A1 SOT23-5 1.45 0.10 1.14 0.40 0.14 2.90 2.80 1.60 0.95 1.90 0.45 0.60 5 SOT23-6 1.45 0.10 1.14 0.40 0.14 2.90 2.80 1.60 0.95 1.90 0.45 0.60 6 TOLERANCE MAX 0.05 0.15 0.05 0.06 Basic Basic Basic Basic Basic 0.10 Reference Reference Rev. F 2/07 NOTES: 1. Plastic or metal protrusions of 0.25mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25mm maximum per side are not included. 3. This dimension is measured at Datum Plane "H". 4. Dimensioning and tolerancing per ASME Y14.5M-1994. 5. Index area - Pin #1 I.D. will be located within the indicated zone (SOT23-6 only).
E1 2 3
E
A2 b
0.15 C D 2X 5 e B b NX 1 2 3 0.20 C 2X 0.20 M C A-B D
c D E E1 e e1 L L1
0.15 C A-B 2X C D
1
3
N
A2 SEATING PLANE A1 0.10 C NX
(L1)
H
6. SOT23-5 version has no center lead (shown as a dashed line).
A GAUGE PLANE c L 0 +3 -0 0.25
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 20
FN7182.4 May 16, 2007


▲Up To Search▲   

 
Price & Availability of EL519307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X