Part Number Hot Search : 
MPL027 W34063 SMD0705 MAX1980 APW7136 TPCS8102 587B302 1002F
Product Description
Full Text Search
 

To Download BYW96E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
BY W 9 6 D(Z) ---BY W 9 6 E(Z)
VOLTAGE RANGE: 800 --- 1000 V CURRENT: 3.0 A
FAST RECOVERY RECT IFIERS
Low cos t Diffus ed junction Low leakage Low forward voltage drop High current capability Eas ily cleaned with Freon Alcohol,Is opropanol and s im ilar s olvents
DO - 27
MECHANICAL DATA
Cas e: JEDEC DO--27,m olded plas tic Term inals : Axial lead ,s olderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.041ounces , 1.15 gram s Mounting pos ition: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 am bient tem perature unles s otherwis e s pecified. Single phas e,half wave,50Hz,res is tive or inductive load. For capacitive load,derate by 20%.
BYW 96D
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average f orw ard rectif ied current 9.5mm lead length, @TA =75
BYW 96E
1000 700 1000 3.0
UNITS
V V V A
VR R M V R MS VD C IF (AV)
800 560 800
Peak f orw ard surge current 10ms single half-sine-w ave superimposed on rated load @TJ =125
IF SM
70.0
A
Maximum instantaneous forw ard voltage @ 3.0 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA =100
VF IR t rr CJ R JA TJ TSTG
1.5 10.0 100.0 300 32 22 -55-----+150 -55-----+150
V A ns pF /W
Maximum reverse recovery time (Note1) Typical junction capacitance Typical thermal resistance (Note2) (Note3)
Operating junction temperature range Storage temperature range
N OTE:1. Measured with I F =0.5A, I R=1A, I rr=0.25A.
2. Measured at 1.0MH Z and applied rev erse v oltage of 4.0V D C . 3. Therm al resistance f rom junction to am bient.
www.galaxycn.com
Document Number 0261052
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
50 N.1. 10 N.1.
BYW96D(Z)---BYW96E(Z)
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
trr
+0.5A
D.U.T. (+) 50VDC (APPROX) (-) 1 N.1.
(-)
PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE 1)
(+)
0 -0.25A
-1.0A
NOTE S:1.RISETIM =7ns M INP IM E E AX. UT P DANCE =1M .22pF 2.R TIM =10ns M SOURCEIM E ISE E AX. P DANCE =5O
SE TIM BASEFOR 50/100 ns /cm TE
1 cm
FIG.2 --FORWARD DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT AMPERES PEAK FORWARD SURGE CURRENT AMPERES
FIG.3 --PEAK FORWARD SURGE CURRENT
3.0
100
TJ=125 8.3ms Single Half Sine-Wave
2.4
80
1.8 Single Phase Half W 60Hz alf Resistive or Inductive Load
60
1.2
40
0.6 0 0 25 50 75 100 125 150 175
20
0 1 2 4 6 10 20 40 60 100
AMBIENT TEMPERATURE,
NUMBER OF CYCLES AT 60 Hz
FIG.4--TYPICAL FORWARD CHARACTERISTIC INSTANTANEOUS REVERSE CURRENT AMPERES
FIG.5-- TYPICAL JUNCTION CAPACITANCE
100
TJ=25 Pulse Width=300S
JUNCTION CAPACITANCE pF
10 4 2 1.0 0.4 0.2 0.1 0.06 0.04 0.02 0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
100 60 40 20 10
4 2 1 .1
TJ=25 f=1MHz
.2
.4
1.0
2
4
10
20
40
100
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number 0261052
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of BYW96E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X