Part Number Hot Search : 
29W320D 4N38X DA156 ZMM5221 BL6513 NSVS1102 UESP06J KFO90AT
Product Description
Full Text Search
 

To Download BYW95A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
Low cost
GALAXY ELECTRICAL
BYW95A(Z)---BYW95C(Z)
VOLTAGE RANGE: 200 --- 600 V CURRENT: 3.0 A
FAST RECOVERY RECTIFIER
DO - 27
Diffus ed junction Low leakage Low forward voltage drop High current capability Easily cleaned with Freon,Alcohol,Isopropanol and s im ilar solvents The plastic m aterial carries U/L recognition 94V-0
MECHANICAL DATA
Case:JEDEC DO-27,m olded plastic Term inals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight:0.041ounces, 1.15 gram s Mounting pos ition: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 am bient tem perature unles s otherwis e specified. Single phas e,half wave,60 Hz,resis tive or inductive load. For capacitive load,derate by 20%.
BYW95A
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA =75
BYW95B
400 280 400 3.0
BYW95C
600 420 600
UNITS
V V V A
V RRM V RMS V DC IF(AV)
200 140 200
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
70.0
A
Maximum instantaneous forw ard voltage @ 3.0 A Maximum reverse current at rated DC blocking voltage @TA =25 @TA =100
VF IR t rr CJ RJA TJ TSTG
1.5 10.0 100.0 250 32 22 -55-----+150 -55-----+150
V A ns pF
Maximium reverse recovery time (Note1) Typical junction capacitance Typical thermal resistance (Note2) (Note3)
Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F =0.5A, I R=1A, I rr=0.25A.
2. Measured at 1.0MHZ and applied rev erse v oltage of 4.0V DC. 3. Thermal resistance f rom junction to ambient.
www.galaxycn.com
Document Number 0261051
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
50 N.1. 10 N.1.
BYW95A(Z)---BYW95C(Z)
FIG.1 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
trr
+0.5A
D.U.T. (+) 50VDC (APPROX) (-) 1 N.1.
(-)
0
PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE 1)
(+)
-0.25A
-1.0A
NOTE 1. RISETIM = 7ns M INP IM E AN = 1M . 22P S: E AX. UT P D CE F 2. RISETIM = 10ns M SOU E AX. RCEIM E AN = 50 P D CE
SE TIM BASEFOR 50/100 ns /cm TE
1cm
FIG.2 --FORWARD DERATING CURRENT AVERAGE FORWARD RECTIFIED CURRENT AMPERES PEAK FORWARD SURGE CURRENT AMPERES
FIG.3 --PEAK FORWARD SURGE CURRENT
3.0
100
TJ=125ae 8.3ms Single Half Sine-Wave
2.4
80
1.8 Single Phase Half Wave 60Hz Resistive or Inductive Load
60
1.2
40
0.6 0 0
20
0 1 2 4 6 10 20 40 60 100
25
50
75
100
125
150
175
AMBIENT TEMPERATURE, FIG.4--TYPICAL FORWARD CHARACTERISTIC INSTANTANEOUS FORWARD CURRENT AMPERES
NUMBER OF CYCLES AT 60 Hz FIG.5--TYPICAL REVERSE CHARACTERISTICS
100 10
TJ=25 Pulse Width=300S
REVERSE CURRENT,MICROAMPERES
10
T J -1 2 5
4 2 1.0 0.4 0.2 0.1 0.06 0.04 0.02 0.01 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
1.0
0.1
T J -2 5
0.01 0 20 40 60 80 100 120 140
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED REVERSEVOLTAGE,%
www.galaxycn.com
Document Number 0261051
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of BYW95A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X