Part Number Hot Search : 
P9430 DC718B 0000F 01CA3AKR 54104 APPLE KTY82210 00101
Product Description
Full Text Search
 

To Download BL-BJ33V4V-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BL-BJ33V4V-1
Features:
1. Chip material: AlGaInP/GaAs 2. Emitted color :Super Orange 3. Lens Appearance : Water Clear 4. Low power consumption. 5. High efficiency. 6. Versatile mounting on P.C. Board or panel. 7. Low current requirement. 8. 5mm diameter package. 9. This product don't contained restriction substance, compliance ROHS standard.
Package dimensions:
5.9(.232)
4.98(.196)
8.7(.342) 1.0(.04)
1.5(.059) MAX. 25.4(1.0) MIN. 0.5(.02) SQ. TYP.
Cathode
Applications:
1. TV set 2. Monitor 3. Telephone 4. Computer 5. Circuit board
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25mm (0.01") unless otherwise specified. 3. Lead spacing is measured where the leads emerge from the package. 4. Specifications are subject to change without notice.
2.54(.10) NOM. 1.0(.04) MIN.
Absolute maximum ratings(Ta=25)
Parameter Power Dissipation Forward Current Peak Forward Current*1 Reverse Voltage Operating Temperature Storage Temperature Soldering Temperature
1
Symbol Pd IF IFP VR Topr Tstg Tsol
Rating 100 30 150 5 -40~80 -40~85 260(for 5 seconds)
Unit mW mA mA V
* Condition for IFP is pulse of 1/10 duty and 0.1msec width.
Ver.1.0 Page: 1 of 2
BRIGHT LED ELECTRONICS CORP.
SINCE 1981
BL-BJ33V4V-1
Unit
V mcd
Electrical and optical characteristics(Ta=25) Parameter
Forward Voltage Luminous Intensity
Symbol
VF Iv IR p d 21/2
Condition
IF=20mA IF=20mA VR=5V IF=20mA IF=20mA IF=20mA IF=20mA
Min.
620 -
Typ.
2.2 800 630 17 35
Max.
2.6 100 630 -
Reverse Current
Peak Wave Length Dominant Wave Length Spectral Line Half-width Viewing Angle
A
nm nm nm deg
Typical electro-optical characteristics curves
Fig.1 RELATIVE INTENSITY VS. WAVELENGTH
1.0
Fig.2 FORWARD CURRENT DERATING CURVE
60
RELATIVE RADIANT INTENSITY
50
FORWARD CURRENT (mA)
40
0.5
30
20
10
0
580
630
680
0
20
40
60
80
100
WAVELENGTH (nm)
AMBIENT TEMPERATURE Ta( C)
Fig.3 FORWARD CURRENT VS. FORWARD VOLTAGE
50
Fig.4 RELATIVE LUMINOUS INTENSITY VS. AMBIENT TEMPERATURE
3.0
RELATIVE LUMINOUS INTENSITY (NORMALIZED AT 20mA)
FORWARD CURRENT (mA)
40
2.5
2.0
30
1.5
20
1.0
10
0.5
0
1
2
3
4
5
0 -40
-20
0
20
40
60
FORWARD VOLTAGE (V)
A AMBIENT TEMPERATURE Ta( C)
Fig.5 RELATIVE LUMINOUS INTENSITY VS. FORWARD CURRENT
2.0
RADIATION DIAGRAM
0 10 20 30
RELATIVE LUMINOUS INTENSITY(@20mA)
1.5
RELATIVE RADIANT INTENSITY
1.0
40
1.0
0.9 0.8
50 60 70
0.5
0.7
80 90 0.5 0.3 0.1 0.2 0.4 0.6
0
10
20
30
40
50
Ver.1.0 Page: 2 of 2


▲Up To Search▲   

 
Price & Availability of BL-BJ33V4V-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X