Part Number Hot Search : 
R6030 BC817 SE13007 MP7731 D102K TNP3025B SMBJ40 PST9013
Product Description
Full Text Search
 

To Download AL-XG0361-F9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A-BRIGHT
A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS
Yellow Green Axial With "Z-Bent" Lead Part Number: AL-XG0361-F9 Package outlines & Re-flow Profile
Reflow Temp/Time
Soldering iron Basic spec is 5sec when 260. If temperature is higher, time should be shorter (+10 -1sec ).Power dissipation of iron should be smaller than 15W, and temperatures should be controllable .Surface temperature of the device should be under 230 .
ITEM
Resin (mold) Lens color Printed circuit board Dice Emitted color
MATERIALS
Epoxy Water Clear BT GaP/GaP Yellow Green
NOTES:
1. All dimensions are in millimeters (inches); 2. Tolerances are 0.1mm (0.004inch) unless otherwise noted.
2006/10/19
A-BRIGHT
A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS
(TA=25) Value
35 2.10 2.60 18.5 45.0 571 5715 30 100
Part Number: AL-XG0361-F9 ELECTRO-OPTICAL CHARACTERISTICS Parameter
Viewing angle at 50% IV Forward voltage Luminous intensity Wavelength
Spectral Line Half-Width
Test Condition Symbol
IF=10mA (Typ.) (Max.) (Min.) (Typ.) IF=20mA IF=20mA IF=20mA IF=20mA 21/2 VF IV p d
Unit
Deg V mcd nm nm mA
Peak pulsing current (1/10 duty f=1kHz)
IFP
Absolute maximum ratings Parameter
Forward current Reverse voltage Reverse current Power Dissipation Operating temperature range Storage temperature range Lead soldering temperature
(TA=25) Symbol
IF VR IR PD Top Tstg
Value
30 5 100 120 -25 ~+80 -30 ~+85 260 For 5 Seconds
Unit
mA V A mW
2006/10/19
A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS
Part Number: AL-XG0361-F9 Test items and results of reliability
A-BRIGHT
Refer to reliability test standard specification for in this line.
2006/10/19
A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS
Part Number: AL-XG0361-F9 Typical Optical-Electrical Characteristic Curves
A-BRIGHT
2006/10/19
A-BRIGHT INDUSTRIAL CO., LTD. AXIAL LED LAMPS
Part Number: AL-XG0361-F9 Typical Optical-Electrical Characteristic Curves
A-BRIGHT
2006/10/19


▲Up To Search▲   

 
Price & Availability of AL-XG0361-F9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X