Part Number Hot Search : 
AMCB21 UTC1316 MAX630 RGP10J EZ1083 713MZV GS3031 TP12N
Product Description
Full Text Search
 

To Download AL-HJFGE34B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3.2x1.0x2.0 mm AL-HJFGE34B Diff No. Type : SMD LED
Package Dimension
Notes: 1. All dimensions are in millimeter. 2.An epoxy meniscus may extend about. 1. 5mm(0.059") down to the lead 3.Tolerances unless Dimension 0.25mm
Features
Choice of various viewing angles. Available on Tape and Reel. Reliable and robust.
Descriptions
The series is specially designed for application requiring higher brightness. The LED lamps are available with different colors, intensity, epoxy colors etc.
1
Applications
TV set Monitor Telephone
2006/10/12
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3.2x1.0x2.0 mm
PART NO. AL-HJFGE34B
AL-HJFGE34B
Chip Material AlGaInP AlGaInP
Diff No. Type : SMD LED
Lens Color Water Clear
Emitted Color Super Amber
Super Yellow Green
Absolute Maximum Ratings at Ta=25
Parameter Forward Current Operating Temperature Storage Temperature Soldering Temperature Power Dissipation Peak Forward Current (Duty 1/10@1KHz) Reverse Voltage Symbol IF Topr Tstg Tsol PD IF (Peak) VR Rating 30 -25 to +80 -30 to +85 260 5 80 100 5 Unit mA mW mA V
Electronic Optical Characteristics
Parameter Luminous Intensity Viewing Angle Peak Wavelength Dominant Wavelength Symbol IV A G A G A G A G A G IR Min. 42.0 28.0 Typ. 70.0 45.0 100 610 575 605 570 40 32 2.1 2.0 Max. 2.6 2.6 100 Unit mcd deg nm nm nm V A Condition IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA VR=5V
21/2 p d
Spectrum Radiation Bandwidth Forward Voltage Reverse Current VF
2
2006/10/12
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3.2x1.0x2.0 mm AL-HJFGE34B Diff No. Type : SMD LED
Reliability test items and conditions
3
2006/10/12
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3.2x1.0x2.0 mm AL-HJFGE34B Diff No. Type : SMD LED
4
2006/10/12
A-BRIGHT A-BRIGHT INDUSTRIAL CO., LTD.
Part No. 3.2x1.0x2.0 mm AL-HJFGE34B Diff No. Type : SMD LED
5
2006/10/12


▲Up To Search▲   

 
Price & Availability of AL-HJFGE34B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X